Part Number Hot Search : 
BA9741 DWR2G EPD1007G TM6117 CMD4505 P6KE250 SK261 331KL
Product Description
Full Text Search
 

To Download 36WR10KLF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model 36 6 MM SINGLE-TURN Open Frame Cermet Trimming Potentiometer
RoHS Compliant
STYLES AVAILABLE
Top Adjust Side Adjust Side Adjust Top Adjust (2.5 mm pin spacing) 36F 36K 36W 36P
ELECTRICAL1
Resistance Range Standard Resistance Tolerance Input Voltage, Maximum Power rating, Watts End Resistance, Maximum Actual Electrical Travel Mechanical Travel Insulation Resistance, Minimum Resolution Contact Resistance Variation Temperature Coefficient of Resistance 100 to 1,000,000 Ohms 20% 100 V 0.3 @ 70C <500 ohms: 10 Ohms Max; > 500 ohms: 2% Max. 215 5 240 20 100 Megohms Essentially infinite 5% Max. 250 ppm/C
MECHANICAL
Torque, Maximum Weight, Approx. Wiper Position 2.1 in. oz. 0.01 oz. Approx. 50%
1
Specifications subject to change without notice.
BI Technologies Corporation 4200 Bonita Place, Fullerton, CA 92835 USA Phone: 714 447 2345
November 27, 2006
Website: www.bitechnologies.com
page 1 of 3
BI technologies
Model 36
ENVIRONMENTAL
Operating Temperature Range Rotational Life, 50 Cycles Load Life, 0.3W, 500 Hours, 70C Resistance to Solder Heat Aqueous cleaning not recommended -30 to +100 C C 10% R 5% R 260C for 3 sec.
ORDERING INFORMATION2
36 W R10K LF
Model Series Style F, K, W, P Std. Package 500 pc/bag RoHS Compliant Product Code Resistance Value (see tables below)
CIRCUIT DIAGRAM
RESISTANCE MARKING STANDARD RESISTANCE VALUES AND MARKING
Resistance (ohms)
100 200 500 1K 2K 5K 10K 20K 50K 100K 200K 500K 1MEG
Part Marking
12 22 52 13 23 53 14 24 54 15 25 55 16
2
Contact our customer service for custom designs and features.
BI Technologies Corporation 4200 Bonita Place, Fullerton, CA 92835 USA Phone: 714 447 2345
November 27, 2006
Website: www.bitechnologies.com
page 2 of 3
BI technologies
Model 36
OUTLINE DRAWING3
Model 36F (Top Adjust) Model 36K (Side Adjust)
Model 36W (Side Adjust)
Model 36P (Top Adjust)
3
Dimensions are in millimeters.
BI Technologies Corporation 4200 Bonita Place, Fullerton, CA 92835 USA Phone: 714 447 2345
November 27, 2006
Website: www.bitechnologies.com
page 3 of 3
BI technologies


▲Up To Search▲   

 
Price & Availability of 36WR10KLF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X