Part Number Hot Search : 
2SA1022 C4758 MMSZ5234 HAF1009 TGA4507 TA0751B RF003BM MC330790
Product Description
Full Text Search
 

To Download 3632 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features

Snap-in installation Fully sealed Optimal VDSL data rates Fits Bourns and 2003/2006 style NIDs Fast service deployment Expandability and flexibility
3632 - VDSL Module
As part of Bourns(R) Integrated Protection Assembly (IPA) product family, the 3632 Module is designed to simplify the deployment of ADSL service at the subscriber's network interface (NID). ANSI T1E1.4 compliant, the 3632 accepts the incoming VDSL service, filters off the voice (POTS) band and provides a connection for DSL data service (ADSL modem). In the event of power loss, the passive filter design allows for lifeline POTS service. The rugged IPA VDSL Module is installed outdoors in the Bourns(R) 7200 series IPA NID (Network Interface Device). Combined with our 2360 series IPA MSP(R) Multi-Stage Protection Modules, the three Bourns(R) products provide a complete VDSL deployment package providing safe and reliable service, flexibility, expandability and optimal data rates.
Characteristics
DC Loop Current ................................................................................................................. 0 to 100 ma DC Loop Voltage ................................................................................................................. 0 to -60 V DC Resistance .................................................................................................................... 25 ohms Insertion Loss ...................................................................................................................... <1.5 dB (0.2 -80 kHz) Delay Distortion (Voice and ISDN Band) ............................................................................. ISDN: <200 s Return Loss (Voice Band) .................................................................................................... 6 dB ERL; 5 dB SRL-Low 3 dB SRL-High ISDN: >10 dB (0.2 - 80 kHz) Longitudinal Balance, Two Port Technique ......................................................................... >58 dB @ 0.2 - 1 kHz >53 dB @ 3kHz >53 dB @ 0.2 - 80 kHz Tip to Ring Capacitance (POTS Port) ................................................................................. <90 nf
Related IPA Products How To Order
IPA Station Protectors
Part No. 2360-35-xx Suggested Model: 2360-35-BP Product Dimensions
IPA NID (Network Interface Device)
Part No. Max. IPA Count 7204-0x-xx ........................... 4
........................................... Part #3632
25.1 (0.99)
Reliable Electronic Solutions
Asia-Pacific: TEL +886- (0)2 25624117 FAX +886- (0)2 25624116 Europe: TEL +41-41 7685555 FAX +41-41 7685510 North America: TEL +1-909 781-5500 FAX +1-909 781-5700
34.8 (1.37)
41.2 (1.62)
63.2 (2.49)
10.8 (0.43)
bourns.com
REV. A
"Bourns" and "MSP" are registered trademarks of Bourns, Inc.
Specifications are subject to change without notice.
COPYRIGHT(c) 2002, BOURNS, INC. LITHO IN U.S.A. IP 09/02 G0255


▲Up To Search▲   

 
Price & Availability of 3632

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X