Part Number Hot Search : 
S1610 EPSA1 DS135 P89C52BN SDB1608 FAN7071 KSB834Y 1N5401
Product Description
Full Text Search
 

To Download 354921-BL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fuse Blocks and Clips
For 3AG Fuses
RoHS
Pb
3AG OMNI-BLOK(R) Molded Base Type Fuse Block
(R)
(R)
A low profile fuse block featuring individual barriers which reinforce the fuse clips while providing greater protection against clip damage and electrical shock. The unique design permits self-alignment of clips to fuse cap. This, plus a one-piece clip/terminal assures low contact resistance. Higher current ratings have been attained using spring brass clips. With the exception of the two-pole unit, multiple pole units may be broken apart to obtain desired number of poles.
APPROVALS: Recognized under the Components Program of
Underwriters Laboratories and Certified by CSA up to 300V and at current ratings shown below. Current Rating U.L. 30A 20A 20A 30A 15A
Series 354 000 354 600 354 800 354 900 354 101-GY
CSA 30A 20A 20A 25A 15A
.312" REF. DIA. C BORE .06" REF. DEEP (.10 REMAINS)
XX
SPECIFICATIONS: Dielectric Strength: 1500V., Minimum. Clip/Terminals: Tin-Plated Spring Brass. Base: Glass reinforced Thermoplastic. (Gray except Anti-Rotation series
which is Black). UL 94V0 flammability rating. Ambient Temperature: - 40C to +85C.
P.C. Board Type (Single pole units only)
.53" REF.
XX
.146" REF. DIA. THRU
XX
1.46" REF. 1.4" .06" DIA. (2)
ELECTRICAL SPECIFICATIONS:
Series or Catalog Number 354 000 354 600 354 800 354 900 354 101-GY Terminals Solder 3 /16" Q.C. 1 /4" Q.C. 1 /4" QC. P.C. Board Rating 30A, 300V* 20A, 300V 20A, 300V 30A, 300V 15A, 300V
A
.625" TYP.
XX
Anti-Rotation Boss (Single pole units only)
.08" REF. 45 .55" MAX. .08" REF. DIA. .156" DIA. .65"
1.4" 2.19" REF. .25" TYP. .10" DIA.
* 30 amp capability is based on temperature rise with #10 AWG wire properly soldered.
OPTION:
Two different style clips can be supplied for circuit identity or polarization. Contact factory.
PATENTED ORDERING INFORMATION:
Catalog Number NEMA Style 3 1 /16" Q.C. /4" Q.C. Terminals Terminals 354 601-GY 354 801-GY 354 602-GY 354 802-GY 354 603-GY 354 803-GY 354 604-GY 354 804 GY 354 605-GY 354 805-GY 354 606-GY 354 806-GY 354 607-GY 354 807-GY 354 608-GY 354 808-GY 354 609-GY 354 809-GY 354-610-GY 354 810-GY 354 611-GY 354 811-GY 354 612-GY 354 812-GY 354 621-BL* 354 821-BL* -- -- NEMA Style 1 /4" Q.C. Terminals 354 901-GY 354 902-GY 354 903-GY 354 904-GY 354 905-GY 354 906-GY 354 907-GY 354 908-GY 354 909-GY 354 910-GY 354 911-GY 354 912-GY 354 921-BL* -- Number of Poles 1 2 3 4 5 6 7 8 9 10 11 12 1 1 Reference Dimension "A" .50" 1.12" 1.75" 2.38" 3.00" 3.63" 4.25" 4.88" 5.50" 6.13" 6.75" 7.38" .50" .50"
Solder Type Terminals 354 001-GY 354 002-GY 354 003-GY 354 004 GY 354 005-GY 354 006-GY 354 007-GY 354 008-GY 354 009-GY 354 010-GY 354 011-GY 354 012-GY 354 021-BL* 354 101-GY
*With Anti-Rotation Boss
486
w w w. l i t t e l f u s e . c o m
XX


▲Up To Search▲   

 
Price & Availability of 354921-BL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X