Part Number Hot Search : 
FB96F 2SB123 ML776H8F 2SD19 2SB849 ASM3P2 8112800 8AEMF713
Product Description
Full Text Search
 

To Download 31DQ03L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBD
Type :
31D 31DQ03L
OUTLINE DRAWING
FEATURES
* Extremely Low Forward Voltage Drop * Low Power Loss, High Efficiency * High Surge Capability * 30volts trough 100volts Types Available
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Without Fin or Average Rectified P.C.Board Output Current With Fin *1 RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range
Approx Net Weight:1.18g
Symbol
VRRM IO IF(RMS) IFSM Tjw Tstg 1.9 3.0 120 Ta=25C Ta=53C
31DQ03L
30 Half Sine Wave Resistive Load
Unit V
A A A C C
4.71 Half Sine Wave,1cycle,Non-repetitive - 40 to + 150 - 40 to + 150
Electrical * Thermal Characteristics
Characteristics
Peak Reverse Current Peak Forward Voltage
Symbol
IRM VFM
Conditions
Min Typ Max Unit
3 0.45 80 34 mA V C/W
Tj= 25C, VRM= VRRM Tj= 25C, IFM= 3 A Without Fin or P.C.Board Thermal Resistance(Junction to Ambient) Rth(j-a) With Fin *1 *1 :20x20x1t(mm) Copper plates, L=5mm, Both Sides
31DQ_ OUTLINE DRAWING (Dimensions in mm)
FORWARD CURRENT VS. VOLTAGE
31DQ03L
20
INSTANTANEOUS FORWARD CURRENT (A)
10
5
2 Tj=25C Tj=150C 1
0.5
0.2 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 INSTANTANEOUS FORWARD VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD POWER DISSIPATION
31DQ03L
D.C.
AVERAGE FORWARD POWER DISSIPATION (W)
1.6
RECT 180 HALF SINE WAVE RECT 120
1.2
RECT 60
0.8
0.4
0 0 1 2 3 4 5 AVERAGE FORWARD CURRENT (A)
PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
Tj= 150 C 500 31DQ03L
PEAK REVERSE CURRENT (mA)
200
100
50
20 0 5 10 15 20 25 30 35 PEAK REVERSE VOLTAGE (V)
AVERAGE REVERSE POWER DISSIPATION
31DQ03L
D.C.
8
AVERAGE REVERSE POWER DISSIPATION (W)
7
RECT 300
6
5
RECT 240
4
RECT 180
3
HALF SINE WAVE
2
1
0 0 5 10 15 20 25 30 35 REVERSE VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
W it h o u t F in o r P . C . B o a r d ,V R M = 3 0 V 5
D.C.
31DQ03L
AVERAGE FORWARD CURRENT (A)
4
3
RECT 180.
2
RECT 120. RECT 60.
HALF SINE WAVE.
1
0 0 25 50 75 100 125 150 AMBIENT TEMPERATURE (C)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
W ith C u Fin x 2 (2 0 x2 0 x1 t ,L = 5 m m , B o t h S id e s) ,V R M = 3 0 V 5
D.C.
31DQ03L
AVERAGE FORWARD CURRENT (A)
4
RECT 180.
3
HALF SINE WAVE. RECT 120.
2
RECT 60.
1
0 0 25 50 75 100 125 150 AMBIENT TEMPERATURE (C)
SURGE CURRENT RATINGS
f=50Hz,Half Sine Wave,Non-Repetitive,No Load 140 31DQ03L
120
SURGE FORWARD CURRENT (A)
100
80
60
40
20
0.02s
I FSM
0 0.02
0.05
0.1
0.2 TIME (s)
0.5
1
2
JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
T j= 2 5 C ,V m = 2 0 m V R M S ,f = 1 0 0 k H z ,T yp ica l V a lu e 1000 31DQ03L
JUNCTION CAPACITANCE (pF)
500
200
100 0.5 1 2 5 REVERSE VOLTAGE (V) 10 20 50


▲Up To Search▲   

 
Price & Availability of 31DQ03L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X