Part Number Hot Search : 
T115010 TE748 2SA16 22P10 SK34C TDA821 FB42N AT83C
Product Description
Full Text Search
 

To Download 313625 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Next
Previous
Axial Lead and Cartridge Fuses
Glass Body
3AG Slo-Blo
(R)
Fuse 313/315 Series
UL (R)
(R)
(R)
QPL
A standard for cost-effective reliability and performance in circuit protection, the 3AG fuse satisfies a broad range of application requirements.
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating 110% 135% 200% Opening Time 4 hours, Minimum 1 hour, Maximum 5 seconds, Minimum
AGENCY APPROVALS: Listed by Underwriters Laboratories and
Certified by CSA through 8 amperes. 10-30A ratings are recognized under the components program of Underwriters Laboratories. 313 000 Series approved by METI from 1 through 5 amperes. AGENCY FILE NUMBERS: UL E10480, CSA LR 29862. FUSES TO MIL SPEC: See F02B cartridge type in Military Section.
PATENTED INTERUPTING RATING:
0.01-8A 0.1-1A 1.2-3.2A 4-8A 10-30A 10,000 @ 125VAC 35A @ 250VAC 100A @ 250VAC 200A @ 250VAC 300A @ 32VAC
ORDERING INFORMATION:
Cartridge Axial Lead Nominal Catalog Catalog Ampere Voltage Resistance Number Number Rating Rating Cold Ohms 313.010 315.010 1/100 250 3300.0000 313.031 315.031 1/32 250 330. 313.040 315.040 4/100 250 220 313.062 315.062 1/16 250 91.0 313.100 315.100 1/10 250 33.3 313.125 315.125 1/8 250 22.3 313.150 315.150 15/100 250 15.3 313.175 315.175 .175 250 8.60 313.187 315.187 3/16 250 7.95 313.200 315.200 2/10 250 6.54 313.250 315.250 1/4 250 4.27 313.300 315.300 3/10 250 3.11 313.375 315.375 3/8 250 2.08 313.400 315.400 4/10 250 1.86 313.500* 315.500 1/2 250 1.25 313.600 315.600 6/10 250 0.914 313.700 315.700 7/10 250 0.695 313.750 315.750 3/4 250 0.617 313.800 315.800 8/10 250 0.550 313 001* 315 001 1 250 0.375 313 01.2 315 01.2 12/10 250 0.276 313 1.25 315 1.25 11/4 250 0.258 313 01.5* 315 01.5 11/2 250 0.190 313 01.6 315 01.6 16/10 250 0.170 8 313 01.8 315 01.8 1 /10 250 0.140 313 002* 315 002 2 250 0.116 1 313 2.25 315 2.25 2 /4 250 0.0960 1 313 02.5 315 02.5 2 /2 250 0.0805 313 02.8 315 02.8 28/10 250 0.0670 313 003* 315 003 3 250 0.0588 313 03.2 315 03.2 32/10 250 0.0525 313 004* 315 004 4 250 0.0308 313 005* 315 005 5 250 0.0212 1 313 6.25* 315 6.25 6 /4 250 0.0152 313 06.3 315 06.3 6.30 250 0.0152 313 007* 315 007 7 250 0.0127 313 008* 315 008 8 250 0.0110 313 010* 315 010 10 32 0.00820 313 012 315 012 12 32 0.00640 313 015 315 015 15 32 0.00500 313 020 315 020 20 32 0.00220 313 025 315 025 25 32 0.00170 313 030 315 030 30 32 0.00120 *These ratings available with an indicating option. Add the `ID' designation to
the series number. i.e. 313.500 ID.
Nominal Melting I 2 t A2 Sec. 0.000121 0.00303 0.00630 0.0210 0.0850 0.152 0.270 0.177 0.230 0.270 0.385 0.730 1.23 1.35 2.55 4.00 5.90 7.16 8.00 14.0 21.5 24.0 38.0 49.6 58.0 77.0 121.0 130.0 170.0 200.0 209.0 76.1 140.0 242.0 242.0 347.0 445.0 760.0 1200.0 1870.0 9560.0 16500.0 26900.0
313 000 Series
6.985 (.275") 6.35 (.25") 31.75 (1.25")
315 000 Series
0.813 (.032") ( 1/100 - 15A) 1.016 (.040") (20 - 30A)
32.385 (1.275")
38.1 (1.50") TYP.
Axial Lead Material: Solder coated copper.
Average Time Current Curves
1/16A 1/10A 15/100A .175A 1/4A 3/8A 1/2A 3/4A 1A 1 1/2A 2A 3A 4A 5A 7A 8A 10A 12A 15A 20A 25A 30A
8
AXIAL LEAD AND CARTRIDGE FUSES
1000
1000
100
TIME IN SECONDS
10
1
0.1
0.01 0.05 0.1
1
10 CURRENT IN AMPERES
100
w w w. l i t t e l f u s e . c o m
291


▲Up To Search▲   

 
Price & Availability of 313625

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X