Part Number Hot Search : 
2SC28 2SC3365 ELECT AX3015B FAN3224 E1300 MINISM CSC3420
Product Description
Full Text Search
 

To Download 30WQ10FN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20523 rev. E 03/03
30WQ10FN
SCHOTTKY RECTIFIER 3.5 Amp
D-Pak (TO-252AA)
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @ 3 Apk, TJ = 125C
Description/ Features
The 30WQ10FN surface mount Schottky rectifier has been designed for applications requiring low forward drop and small foot prints on PC board. Typical applications are in disk drives, switching power supplies, converters, free-wheeling diodes, battery charging, and reverse battery protection. Popular D-PAK outline Small foot print, surface mountable Low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability
30WQ10FN Units
3.5 100 440 0.63 - 40 to 150 A V A V C
2.38 (0.09) 6.73 (0.26) 6.35 (0.25) 5.46 (0.21) 5.21 (0.20)
4
2.19 (0.08)
1.14 (0.04) 0.89 (0.03) 0.58 (0.02) 0.46 (0.02)
MINIMUM RECOMMENDED FOOTPRINT 5.97 (0.24)
1.27 (0.05) 0.88 (0.03)
6.45 (0.24) 6.22 (0.24) 1.64 (0.02)
1 2 3
5.68 (0.22) 10.42 (0.41) 9.40 (0.37) 0.51 (0.02) MIN.
6.48 (0.26) 10.67 (0.42)
5.97 (0.23)
1.52 (0.06) 1.15 (0.04) 2x 1.14 (0.04) 0.76 (0.03) 2.28 (0.09) 2x 4.57 (0.18) 1 2 3 4 - Anode - Cathode - Anode - Cathode 3x 0.89 (0.03) 0.64 (0.02)
2x 2.54 (0.10) 1.65 (0.06) 2x 2.28 (0.09) 2x
0.58 (0.02) 0.46 (0.02)
Base Cathode
4, 2
Conform to JEDEC outline D-Pak (Similar to TO-252AA) Dimensions in millimeters and (inches)
1
3
Anode
Anode
www.irf.com
1
30WQ10FN
Bulletin PD-20523 rev. E 03/03
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) 100 VRWM Max. Working Peak Reverse Voltage (V)
30WQ10FN
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current * See Fig. 5 IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current * See Fig. 7 Non-Repetitive Avalanche Energy Repetitive Avalanche Current 440 70 5.0 0.5 A mJ A 5s Sine or 3s Rect. pulse 10ms Sine or 6ms Rect. pulse Following any rated load condition and with rated VRRM applied
30WQ...
3.5
Units
A
Conditions
50% duty cycle @ TC = 135C, rectangular wave form
TJ = 25 C, IAS = 1 Amp, L = 10 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop * See Fig. 1 (1)
30WQ...
0.81 0.96 0.63 0.74
Units
V V V V mA mA V
m
Conditions
@ 3A @ 6A @ 3A @ 6A TJ = 25 C TJ = 125 C
TJ = TJ max.
TJ = 25 C TJ = 125 C VR = rated VR
IRM
Max. Reverse Leakage Current * See Fig. 2 (1)
1 4.9 0.48 30.89 92 5.0 10000
VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Typical Junction Capacitance Typical Series Inductance
pF nH
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25 C Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
(1) Pulse Width < 300s, Duty Cycle < 2%
V/s (Rated VR)
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range(*) Max. Storage Temperature Range
30WQ...
-40 to 150 -40 to 150 4.7 0.3 (0.01) D - PAK
Units
C C C/W DC operation g (oz.)
Conditions
RthJC Max. Thermal Resistance Junction to Case wt Approximate Weight Case Style
(*) dPtot dTj < 1
* See Fig. 4
Similar to TO-252AA
thermal runaway condition for a diode on its own heatsink Rth( j-a)
2
www.irf.com
30WQ10FN
Bulletin PD-20523 rev. E 03/03
100
10 TJ= 150C Reverse Current - I R (mA) 1 125C 100C 0.1 75C 0.01 50C
Instantaneous F orward Current - I F (A)
0.001
25C
0.0001 0 20 40 60 80 100
10
TJ = 150C TJ = 125C TJ = 25C
Reverse Voltage - V R (V)
Fig. 2 - Typical Values of Reverse Current Vs. Reverse Voltage
100 Junc tion Capacitance - C T (pF)
TJ = 25C
1 0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
10 0 20 40 60 80 100 Reverse Voltage - V R(V)
Forward Voltage Drop - VFM (V)
Fig. 1 - Maximum Forward Voltage Drop Characteristics
10 T hermal Impedance Z thJC (C/ W)
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
1
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
P DM
t1 Notes: S ingle Pulse (T hermal R esistance) 0.1 0.00001 t2
1. Duty factor D = t 1/ t 2 2. Peak T = PDM x Z thJC+ TC J 0.01 0.1 1
0.0001
0.001
t 1 , Rectangular Pulse Duration (S econds)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
www.irf.com
3
30WQ10FN
Bulletin PD-20523 rev. E 03/03
155 Allowable Case T emperature - (C)
3.5 Average Power Los - (Watts) s 3 2.5 2 RMSLimit 1.5 1 0.5 0
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 Average Forward Current - I F(AV) (A)
150 145 DC 140 135 130 125 120
se e note (2)
D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75
DC
S quare wave (D = 0.50) 80% Rated V R applied
115
0
1
2
3
4
5
Average Forward Current - I F(AV) (A)
Fig. 5 - Maximum Allowable Case Temperature Vs. Average Forward Current
1000 Non-Repetitive S urge Current - I FS (A) M
Fig. 6 - Forward Power Loss Characteristics
100
At Any Rated Load Condition And With Rated V RRM Applied Following S urge 10 10
100
1000
10000
S quare Wave Pulse Duration - t p (microsec)
Fig. 7 - Maximum Non-Repetitive Surge Current
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
4
www.irf.com
30WQ10FN
Bulletin PD-20523 rev. E 03/03
Marking Information
EXAMPLE: THIS IS AN 30WQ10FN
INTERNATIONAL RECTIFIER LOGO 4 (K) PART NUMBER
30WQ10FN 712A 5K3A
ASSEMBLY LOT CODE 2 (K) DATE CODE (YWWA) Y = YEAR W W = WEEK A = LINE
1 (A)
3 (A)
Tape & Reel Information
4.1 (0.16) 3.9 (0.15) 2.1 (0.83) 1.9 (0.07) 1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29) 12.1 (0.48) 11.9 (0.47) 2.6 (0.10) DIA. 1.5 (0.06) 0.35 (0.01) 0.25 (0.01)
TR
7.0 (0.28) 6.8 (0.26) 2.75 (0.11) 2.55 (0.10)
16.3 (0.64) 15.7 (0.62)
FEED DIRECTION
4.1 (0.16) 3.9 (0.15) TRR 2.1 (0.83) 1.9 (0.07)
1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29)
0.35 (0.01) 0.25 (0.01)
10.6 (0.42) 10.4 (0.41) 2.75 (0.11) 2.55 (0.10)
16.3 (0.64) 15.7 (0.62)
FEED DIRECTION
8.1 (0.32) 7.9 (0.31)
2.6 (0.10) DIA. 1.5 (0.06)
4.1 (0.16) 3.9 (0.15) TRL 2.1 (0.83) 1.9 (0.07)
1.85 (0.07) DIA. 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.6 (0.30) 7.4 (0.29)
0.35 (0.01) 0.25 (0.01)
10.6 (0.42) 10.4 (0.41) 2.75 (0.11) 2.55 (0.10)
16.3 (0.64) 15.7 (0.62)
FEED DIRECTION
8.1 (0.32) 7.9 (0.31)
2.6 (0.10) DIA. 1.5 (0.06)
13 (0.52) DIA.
22.4 (0.88)
TO-252AA Tape & Reel When ordering, indicate the part number, part orientation, and the quantity. Quantities are in multiples of 2,000 pieces per reel for TR and multiples of 3,000 pieces per reel for both TRL and TRR.
375 (14.17) DIA. MAX.
50 (1.97) DIA.
www.irf.com
5
30WQ10FN
Bulletin PD-20523 rev. E 03/03
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 03/03
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of 30WQ10FN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X