Part Number Hot Search : 
C6092 USB22 DSR1AS1A LBC847 BRUS5100 CFD1264P PE6808 092316
Product Description
Full Text Search
 

To Download 30PDA40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIODE
FEATURES
Type :
30PDA40 DA4
3A 400V Tj =150 C
OUTLINE DRAWING
* Low Forward Voltage drop * Low Reverse Leakage Current * High Surge Capability
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Symbol VRRM IO IF(RMS) IFSM Tjw Tstg
Approx Net Weight:1.24g 30PDA40 400 50Hz Ta=31C *1 Half Sine Wave Tl=124C Resistive Load (Tl: Lead Temperature) 50Hz Half Sine Wave,1cycle, Non-repetitive - 40 to + 150 - 40 to + 150 1.6 3.0 4.71 100 A A A C C Unit V
Electrical * Thermal Characteristics
Characteristics
Peak Reverse Current Peak Forward Voltage Symbol Conditions Tj= 25C, VRM= VRRM Tj= 25C, IFM= 3.0A Junction to Ambient *1 Junction to Lead Min. Typ. Max. 10 1.0 80 8 Unit A V C/W IRM VFM Rth(j-a) Thermal Resistance Rth(j-l) *1: Without Fin or P.C. Board mounted
30PDA OUTLINE DRAWING (Dmensions in mm)
FORWARD CURRENT VS. VOLTAGE
50 30PDA40
INSTANTANEOUS FORWARD CURRENT (A)
20 10 5
2 1 0.5
Tj=25C Tj=150C
0.2 0 0.4 0.8 1.2 1.6
INSTANTANEOUS FORWARD VOLTAGE (V)
AVERAGE FORWARD POWER DISSIPATION
30PDA40
AVERAGE FORWARD POWER DISSIPATION (W)
D.C.
4
3
HALF SINE WAVE
2
1
0
0
1
2
3
4
5
AVERAGE FORWARD CURRENT (A)
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
Without Fin or P.C. Board 2.4
D.C.
30PDA40
AVERAGE FORWARD CURRENT (A)
2.0
HALF SINE WAVE
1.6
1.2
0.8
0.4
0 0 25 50 75 100 125 150
AMBIENT TEMPERATURE (C)
AVERAGE FORWARD CURRENT VS. LEAD TEMPERATURE
5
D.C.
30PDA40
AVERAGE FORWARD CURRENT (A)
4
3
HALF SINE WAVE
2
1
0
0
25
50
75
100
125
150
LEAD TEMPERATURE (C)
SURGE CURRENT RATINGS
f=50Hz,Harf Sine Wave,Non-Repetitive,No Load 120 30PDA40
SURGE FORWARD CURRENT (A)
100
80
60
40
20
0.02s
I FSM
0 0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)


▲Up To Search▲   

 
Price & Availability of 30PDA40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X