Part Number Hot Search : 
HCF4536 CP268 HBC548 CA3274E BF1009 XB0126P PI6CV855 KK74HC
Product Description
Full Text Search
 

To Download 30KPA90A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 05113
30KPA30A
thru
30KPA280A
POWER TVS COMPONENT
APPLICATIONS
Relay Drives Motor (Start/Stop) Back EMF Protection Module Lightning Protection Secondary Lightning Protection for AC/DC
IEC COMPATIBILITY (EN61000-4)
61000-4-5 (Surge): 48A, 8/20s - L3 (Line-Gnd), L4 (Line-Line) & L1 (Power)
AXIAL LEAD
FEATURES
30,000 Watts Peak Pulse Power per Line (tp=10/1000s) Unidirectional & Bidirectional Configurations Easy Mounting to Printed Circuit Board Available in Multiple Voltage Types Ranging From: 30V to 280V RoHS Compliant
MECHANICAL CHARACTERISTICS
Molded Case Weight 5 grams (Approximate) Available in Lead-Free Pure-Tin Plating(Annealed) Solder Reflow Temperature: Pure-Tin - Sn, 100: 260-270C Consult Factory for Leaded Device Availability Flammability Rating UL 94V-0 Marking: Logo, Part Number & Date Code Positive Terminal Marked with Band - Unidirectional Only
APPLICATION
TYPICAL RELAY DRIVE PROTECTION VCC
05113.R12 2/07
1
www.protekdevices.com
30KPA30A
thru
30KPA280A
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25C Unless Otherwise Specified
PARAMETER
Peak Pulse Power (tp = 10/1000s) - See Fig. 1 Forward Surge Rating (1/20 seconds) - See Note 2 Steady State Power Disspiation Storage Temperature Operating Temperature
SYMBOL
PPP IF PP TSTG TL
VALUE
30,000 200 1.0 -55 to 150 -55 to 150
UNITS
Watts Amps Watts C C
ELECTRICAL CHARACTERISTICS PER LINE
PART NUMBER (Notes 1 & 2) RATED STAND-OFF VOLTAGE BREAKDOWN VOLTAGE
@ 25C Unless Otherwise Specified
MAXIMUM LEAKAGE CURRENT @VWM ID A 5000 2000 1000 250 20 10 10 10 10 10 10 10 10 10
MAXIMUM CLAMPING VOLTAGE (See Fig. 2) @ 10/1000s VC @ IPP 55.2V @ 543.0A 61.8V @ 485.0A 73.0V @ 410.0A 77.4V @ 388.0A 92.4V @ 325.0A 104.0V @ 294.0A 109.0V @ 274.0A 119.4V @ 251.0A 147.0V @ 206.0A 252.6V @ 119.0A 291.0V @ 104.0A 356.0V @ 84.0A 416.0V @ 72.0A 464.0V @ 65.0A
TEMPERATURE COEFFICIENT OF V(BR) qV(BR) mV/C 34 41 50 56 68 76 83 89 109 195 230 269 317 342
VWM VOLTS 30KPA30A 30KPA36A 30KPA43A 30KPA48A 30KPA58A 30KPA64A 30KPA70A 30KPA75A 30KPA90A 30KPA160A 30KPA180A 30KPA220A 30KPA260A 30KPA280A 30.0 36.0 43.0 48.0 58.0 64.0 70.0 75.0 90.0 160.0 180.0 220.0 260.0 280.0
MIN V(BR) VOLTS 33.3 40.0 47.8 53.3 64.4 71.1 77.8 83.3 100.0 178.0 200.0 245.0 289.0 311.0
@IT mA 50 50 50 5 5 5 5 5 5 5 5 5 5 5
Note 1: Part numbers shown are unidirectional devices. Add a "CA" suffix to specify bidirectional devices, such as 30KPA30CA. Devices shown are preferred voltages. Contact factory for additional voltages. Note 2: VF = 15 Volts @ 200A, 8.3ms (1/2 Sine Wave) - unidirectional devices only.
05113.R12 2/07
2
www.protekdevices.com
30KPA30A
thru
30KPA280A
GRAPHS
FIGURE 1 PEAK PULSE POWER VS PULSE TIME
1000
PPP - Peak Pulse Power - killowatts
100
30kW 10/1000s Waveform
10
1
0.1
1
10
100 td - Pulse Duration - s
1000
10000
100000
FIGURE 2 PULSE WAVE FORM
100
IPP - Peak Pulse Current - % of IPP
100
FIGURE 3 POWER DERATING CURVE
Peak Pulse Power 10/1000s 80
% Of Rated Power
t f Peak Value IPP
TEST WAVEFORM PARAMETERS tf = 10s td = 1000s
60
td = t IPP/2 50
40
20
-t e 0 0 1 t - Time - ms 2 3
0 0 25
Average Power 50 75 100 125 TL - Lead Temperature - C 150
05113.R12 2/07
3
www.protekdevices.com
30KPA30A
thru
30KPA280A
AXIAL LEAD PACKAGE OUTLINE & DIMENSIONS
PACKAGE OUTLINE AXIAL LEAD
A E
B
PACKAGE DIMENSIONS
DIM A B C D E
NOTES
1. Dimensions are exclusive of mold flash and metal burrs. 2. Suffix -LF = Lead-Free, Pure-Tin Plating, i.e., 30KPA280A-LF.
MILLIMETERS MIN MAX 24.5 8.60 24.5 1.20 DIA 8.60
INCHES MIN MAX
D
C
1.00 9.10 0.34 0.36 1.00 1.30 DIA 0.048 DIA 0.052 DIA 9.10 0.34 0.36
Outline & Dimensions: Rev 1 - 7/02, 06028
COPYRIGHT (c) ProTek Devices 2007 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer's and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products.
ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com
www.protekdevices.com
05113.R12 2/07
4


▲Up To Search▲   

 
Price & Availability of 30KPA90A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X