Part Number Hot Search : 
AN630 7067525 GBPC5000 FAN5093 STRX6769 314125 Z0103 CD4075
Product Description
Full Text Search
 

To Download 30ETH06STRRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-21064 rev. B 11/06
30ETH06SPbF 30ETH06-1PbF
Hyperfast Rectifier
Features
* * * * * * Hyperfastfast Recovery Time Low Forward Voltage Drop Low Leakage Current 125C Operating Junction Temperature Dual Diode Center Tap Lead-Free ("PbF" suffix)
trr = 28ns typ. IF(AV) = 30Amp VR = 600V
Description/ Applications State of the art Hyperfast recovery rectifiers designed with optimized performance of forward voltage drop, Hyperfast recover time, and soft recovery. The planar structure and the platinum doped life time control guarantee the best overall performance, ruggedness and reliability characteristics. These devices are intended for use in PFC Boost stage in the AC-DC section of SMPS, inverters or as freewheeling diodes. The IR extremely optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers.
Absolute Maximum Ratings Parameters
VRRM IF(AV) IFSM TJ TSTG Peak Repetitive Reverse Voltage Average Rectifier Forward Current Non Repetitive Peak Surge Current Operating Junction Temperature Operating Storage Temperature @ TC = 103C @ TJ = 25C
Max
600 30 200 - 65 to 125 - 65 to 150
Units
V A C
Case Styles
30ETH06SPbF
30ETH06-1PbF
Base Cathode
2
2
1
3
1
3
N/C
Anode
N/C
Anode
D2PAK www.irf.com
TO-262 1
30ETH06SPbF, 30ETH06-1PbF
Bulletin PD-21064 rev. B 11/06
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameters
VBR, Vr VF Breakdown Voltage, Blocking Voltage Forward Voltage
Min Typ Max Units Test Conditions
600 2.0 2.6 V V V A A pF nH IR = 100A IF = 30A, TJ = 25C IF = 30A, TJ = 150C VR = VR Rated TJ = 150C, VR = VR Rated VR = 600V Measured lead to lead 5mm from package body
1.34 1.75 0.3 60 33 8.0 50 500 -
IR
Reverse Leakage Current
-
CT LS
Junction Capacitance Series Inductance
-
Dynamic Recovery Characteristics @ TJ = 25C (unless otherwise specified)
Parameters
trr Reverse Recovery Time
Min Typ Max Units Test Conditions
28 31 77 35 nC A ns IF = 1.0A, diF/dt = 50A/s, VR = 30V TJ = 25C TJ = 125C TJ = 25C TJ = 125C TJ = 25C TJ = 125C IF = 30A VR = 200V diF /dt = 200A/s
IRRM
Peak Recovery Current
-
3.5 7.7 65 345
Qrr
Reverse Recovery Charge
-
Thermal - Mechanical Characteristics
Parameters
TJ TStg RthJC RthJA RthCS Max. Junction Temperature Range Max. Storage Temperature Range Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient Thermal Resistance, Case to Heatsink Weight Mounting Torque Marking Device Per Leg Per Leg
Min
- 65 - 65 6.0 5.0
Typ
0.7 0.2 2.0 0.07 -
Max
125 150 1.1 70 12 10
Units
C C/W
g (oz) Kg-cm lbf.in
30ETH06S 30ETH06-1
Case style D2Pak Case style TO-262
Typical Socket Mount Mounting Surface, Flat, Smooth and Greased
2
www.irf.com
30ETH06SPbF, 30ETH06-1PbF
Bulletin PD-21064 rev. B 11/06
1000
Reverse Current - I R (A)
1000 100 10 1 0.1
Tj = 175C 150C 125C 100C
25C
Instantaneous Forward Current - I F (A)
0.01
100
0.001 0.0001 0 100 200 300 400 500 600
Reverse Voltage - VR (V) Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage
1000
10
T = 175C J T = 150C J T = 25C J
Junction Capacitance - C T (pF)
T J = 25C
100
1 0 0.5 1 1.5 2 2.5 3 3.5
Forward Voltage Drop - VFM (V) Fig. 1 - Typical Forward Voltage Drop Characteristics
10 0 100 200 300 400 500 600
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
10
Thermal Impedance Z thJC (C/W)
1
0.1
D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01 Single Pulse (Thermal Resistance)
Notes:
PDM
t1 t2
0.01
1. Duty factor D = t1/ t2 2. Peak Tj = Pdm x ZthJC + Tc
0.001 0.00001
0.0001 0.001 0.01 0.1 t1, Rectangular Pulse Duration (Seconds)
Fig. 4 - Max. Thermal Impedance Z thJC Characteristics
1
10
www.irf.com
3
30ETH06SPbF, 30ETH06-1PbF
Bulletin PD-21064 rev. B 11/06
180
Allowable Case Temperature (C)
90
Average Power Loss ( Watts )
80 70 60 50 40 30 20 10 0 0
RMS Limit
160 140 120
Square wave (D = 0.50) 100 Rated Vr applied see note (3)
DC D = 0.01 D = 0.02 D = 0.05 D = 0.1 D = 0.2 D = 0.5
DC
80 0 5 10 15 20 25 30 35 40 45
Average Forward Current - IF(AV) (A) Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current
5 10 15 20 25 30 35 40 45
Average Forward Current - IF(AV) (A)
Fig. 6 - Forward Power Loss Characteristics
90 80 70 60 50 40 30 20
IF = 30 A IF = 15 A
1200
V R = 200V T J = 125C T J = 25C
1000
IF = 30 A IF = 15 A
800
Qrr ( nC )
V R = 200V T J = 125C T J = 25C
trr ( ns )
600
400
200 10 0 100
di F /dt (A/s ) Fig. 7 - Typical Reverse Recovery vs. di F /dt
1000
0 100
1000
di F /dt (A/s ) Fig. 8 - Typical Stored Charge vs. di F /dt
(3) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = rated VR
4
www.irf.com
30ETH06SPbF, 30ETH06-1PbF
Bulletin PD-21064 rev. B 11/06
Reverse Recovery Circuit
VR = 200V
0.01 L = 70H D.U.T.
diF /dt dif/dt ADJUST
D G IRFP250 S
Fig. 9- Reverse Recovery Parameter Test Circuit
3
IF 0
trr ta tb
4
Q rr
2
I RRM
0.5 I RRM di(rec)M/dt 0.75 I RRM
5
1
diF /dt f
1. diF/dt - Rate of change of current through zero crossing 2. IRRM - Peak reverse recovery current 3. trr - Reverse recovery time measured from zero crossing point of negative going IF to point where a line passing through 0.75 IRRM and 0.50 IRRM extrapolated to zero current
4. Qrr - Area under curve defined by t rr and IRRM t rr x I RRM Q rr = 2 5. di (rec) M / dt - Peak rate of change of current during t b portion of t rr
Fig. 10 - Reverse Recovery Waveform and Definitions
www.irf.com
5
30ETH06SPbF, 30ETH06-1PbF
Bulletin PD-21064 rev. B 11/06
Outline Table
Conform to JEDEC outline D2Pak (SMD-220) Dimensions in millimeters and (inches)
Modified JEDEC outline TO-262 Dimensions in millimeters and (inches)
6
www.irf.com
30ETH06SPbF, 30ETH06-1PbF
Bulletin PD-21064 rev. B 11/06
Tape & Reel Information
Dimensions in millimeters and (inches)
Part Marking Information
D2PAK
THIS IS A 30ETH06S LOT CODE 8024 ASSEMBLED ON WW 02, 2000
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
PART NUMBER
30ETH06S
DATE CODE YEAR 0 = 2000 WEEK 02 P = LEAD-FREE
TO-262
THIS IS A 30ETH06-1 LOT CODE 8024 ASSEMBLED ON WW 02, 2000 INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE PART NUMBER
30ETH06-1
DATE CODE YEAR 0 = 2000 WEEK 02 P = LEAD-FREE
www.irf.com
7
30ETH06SPbF, 30ETH06-1PbF
Bulletin PD-21064 rev. B 11/06
Ordering Information Table
Device Code
30
1
E
2
T
3
H
4
06
5
S
6
TRL PbF
7 8
1 2 3 4 5 6 7 6 8
-
Current Rating (30 = 30A) E T H S = Single Diode = TO-220, D2Pak = HyperFast Recovery = D2Pak
Voltage Rating (06 = 600V) -1 = TO-262 none = Tube (50 pieces) TRL = Tape & Reel (Left Oriented, for D2PAk package) TRR = Tape & Reel (Right Oriented, for D 2PAk package)
-
none = Standard Production PbF = Lead-Free
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 11/06
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of 30ETH06STRRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X