Part Number Hot Search : 
U3N50 S182K AD60305 RA23097 S74HC164 KNP200 2SC4102S PSCH50
Product Description
Full Text Search
 

To Download 30CPQ060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-2.298 rev. B 01/04
30CPQ050 30CPQ060
SCHOTTKY RECTIFIER 30 Amp
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @ 15 Apk, TJ=125C (per leg)
Description/ Features Units
A V A V The 30CPQ... center tap Schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage. The proprietary barrier technology allows for reliable operation up to 150 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 150 C TJ operation Center tap TO-247 package High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Very low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability
30CPQ...
30 50/60 1020 0.56
- 55 to 150
C
Case Styles
30CPQ..
Base Common Cathode
2
1
3 2
Anode
1
Anode
2
Common Cathode
TO-247AC
www.irf.com
1
30CPQ050, 30CPQ060
Bulletin PD-2.298 rev. B 01/04
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
30CPQ050
50
30CPQ060
60
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current * See Fig. 5 IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) * See Fig. 7 Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg) 1020 265 13 1.50 A mJ A 5s Sine or 3s Rect. pulse Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied
30CPQ... Units
30 A
Conditions
50% duty cycle @ TC = 112 C, rectangular wave form
TJ = 25 C, IAS = 1.50 Amps, L = 11.5 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
30CPQ... Units
0.60 0.80 0.56 0.70 0.80 45 720 7.5 10000 V V V V mA mA pF nH V/ s @ 15A @ 30A @ 15A @ 30A
Conditions
TJ = 25 C TJ = 125 C VR = rated VR
IRM CT LS
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1) Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
TJ = 25 C TJ = 125 C
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change (Rated VR)
(1) Pulse Width < 300s, Duty Cycle <2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
30CPQ... Units
-55 to 150 -55 to 150 2.20 1.10 0.24 6 (0.21) Min. Max. 6 (5) 12 (10) C C
Conditions
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink wt T Approximate Weight Mounting Torque Case Style
C/W DC operation C/W DC operation
* See Fig. 4
C/W Mounting surface , smooth and greased g (oz.) Kg-cm Non-lubricated threads (Ibf-in)
TO-247AC(TO-3P) JEDEC
2
www.irf.com
30CPQ050, 30CPQ060
Bulletin PD-2.298 rev. B 01/04
10 00
10 00 10 0 1 0 1 0C 0 1 .1 .0 1 .0 1 0 0 7 5C 5 0C 2 5C T =1 0 C 5 J 1 5C 2
10 0
In ta ta e u F r a C r n - I (A s n n o s o w rd u re t ) F
R v rs C rre t - I (m ) ee e u n A R
1 0
2 0
3 0
4 0
5 0
6 0
1 0
R v rs V lta e- V (V ee e o g R)
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
T =1 0C 5 J
10 00 J n tio C p c n e- C (p ) u c n a a ita c F T
T =1 5C 2 J T= 2 5C J 1
T =2 5C J
.1 0
.2
.4
.6
.8
1
1 .2 1 .4 1 .6 1 .8
2
10 0 0 5 1 52 53 54 5 5 5 6 5 01 02 03 04 05 06 R v rs V lta e- V (V ee e o g R)
F rw rdV lta eD p- V (V oa o g ro ) F M
Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
1 0 T e a Im e a c - Zth C ( C ) h rm l p d n e J /W
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
1
.1
D=0 0 .5 D=0 3 .3 D=0 5 .2 D=0 7 .1 D=0 8 .0
PM D
t 1 t2 N te : os 1 D tyfa to D= t1/ t2 .u cr 2 P a T =P xZ . ek +T JD M th C C J .0 1 .1 1 1 0 10 0
.0 1 S g P ls in le u e (T e a R s ta c ) h rm l e is n e .0 1 0 .0 0 1 00 .0 0 01 .0 1 0
t1 R c n u r P ls D ra n(S c n s , e ta g la u e u tio eod)
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
30CPQ050, 30CPQ060
Bulletin PD-2.298 rev. B 01/04
15 5 A w b C s T m e tu - ( ) llo a le a e e p ra re C R J (D ) =2 0 C .2 /W th C C 15 4
1 4 D=0 8 .0 .1 1 D=0 7 2 D=0 5 .2 D=0 3 .3 1 0 D=0 0 .5 8 6 R SL it M im 4 2 0 0 2 4 6 81 1 1 1 1 2 2 0246802 A e g F rw rdC rre t - I v ra e o a un (A ) FV (A ) D C
15 3 D C 15 2
15 1 0 2 4 6 81 1 1 1 1 2 2 0246802 A e g F rw rdC rre t - I v ra e o a un (A ) FV (A )
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
1000
FSM
A e a eP w r L s - (W tts v r g o e os a)
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
Non-Repetitive Surge Current - I
(A)
At Any Rated Load Condition And With Rated V RRM Applied Following Surge
100 10
100
1000
10000
Square Wave Pulse Duration - t p (microsec)
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L HIGH-S PEED S CH WIT FREE-WHEEL DIODE 40HF L40S 02
+
DUT
IR P460 F R = 25 ohm g
Vd = 25 Volt
CURRENT MONIT OR
Fig. 8 - Unclamped Inductive Test Circuit
4
www.irf.com
30CPQ050, 30CPQ060
Bulletin PD-2.298 rev. B 01/04
Outline Table
15.90 (0.626) 15.30 (0.602) 3.65 (0.144) 3.55 (0.139) DIA. 5.30 (0.209) 4.70 (0.185)
5.70 (0.225) 5.30 (0.208) 20.30 (0.800) 19.70 (0.775) 1 2 3 5.50 (0.217) 4.50 (0.177) (2 PLCS.)
Base Common Cathode
2
14.80 (0.583) 14.20 (0.559) 4.30 (0.170) 3.70 (0.145) 1.40 (0.056) 1.00 (0.039) 5.47 (0.216) 5.43 (0.213)
Conform to JEDEC outline TO-247AC (TO-3P) Dimensions in millimeters and (inches)
1
3 2
Anode
1
Anode
2
Common Cathode
2.20 (0.087) MAX. 3.20 (0.126) MAX. 0.86 (0.034) 0.38 (0.015)
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 01/04
www.irf.com
5


▲Up To Search▲   

 
Price & Availability of 30CPQ060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X