Part Number Hot Search : 
BF1100R F115F MXC150 29F2G 30AE3 IC18F 181NQ045 71101
Product Description
Full Text Search
 

To Download 30BQ100GTRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Final PD-20805 rev. A 01/07
30BQ100G
SCHOTTKY RECTIFIER 3 Amp
IF(AV) = 3.0Amp VR = 100V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ t p= 5 s sine VF TJ @ 3.0 Apk, TJ = 125C range
Description/ Features Units
A V A V C The 30BQ100G surface-mount Schottky rectifier has been designed for applications requiring low forward drop and small foot prints on PC boards. Typical applications are in disk drives, switching power supplies, converters, free-wheeling diodes, battery charging, and reverse battery protection. Small foot print, surface mountable Very low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability
Values
3.0 100 800 0.62 - 55 to 175
Case Styles
SMC
www.irf.com
1
30BQ100G
Bulletin PD-20805 rev. A 01/07
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
30BQ100G
100
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current
30BQ
3.0 4.0
Units Conditions
A 50% duty cycle @ T L = 148 C, rectangular wave form 50% duty cycle @ T L = 138 C, rectangular wave form A 5s Sine or 3s Rect. pulse 10ms Sine or 6ms Rect. pulse mJ A Following any rated load condition and with rated VRRM applied
IFSM EAS IAR
Max. Peak One Cycle Non-Repetitive Surge Current Non Repetitive Avalanche Energy Repetitive Avalanche Current
800 70 3.0 0.5
TJ = 25 C, I AS = 1.0A, 18 s square pulse Current decaying linearly to zero in 1 sec Frequency limited by T J max. Va = 1.5 x Vr typical
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (1)
30BQ
0.79 0.90 0.62 0.70
Units Conditions
V V V V mA mA pF nH V/s @ 3A @ 6A @ 3A @ 6A TJ = 25 C TJ = 125 C VR = 5VDC (test signal range 100KHz to 1Mhz) 25C Measured lead to lead 5mm from package body (Rated VR)
(1) Pulse Width < 300s, Duty Cycle < 2%
TJ = 25 C TJ = 125 C VR = rated VR
IRM CT LS
Max. Reverse Leakage Current (1)
0.1 5.0
Max. Junction Capacitance Typical Series Inductance
115 3.0 10000
dv/dt Max. Voltage Rate of Change
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Storage Temperature Range (**) 46 C/W DC operation
30BQ
- 55 to 175 12
Units
C C C/W DC operation
Conditions
Max. Junction Temperature Range (*) - 55 to 175
RthJL Max. Thermal Resistance Junction to Lead RthJA Max. Thermal Resistance Junction to Ambient wt Approximate Weight Case Style Device Marking
(*) dPtot
0.24(0.008) g (oz.) SMC IR3JG Similar to DO-214AB
1 < thermal runaway condition for a diode on its own heatsink dTj Rth( j-a) (**) Mounted 1 inch square PCB
2
www.irf.com
30BQ100G
Bulletin PD-20805 rev. A 01/07
10
(mA)
10 1 0.1 0.01 0.001 0.0001 0 0
T = 175C J 150C 125C 100C 75C 50C 25C
Instantaneous Forward Current - I
F
Reverse Current - I
(A)
R
20
40
60
80
100
1
Reverse Voltage - VR (V)
T J = 175C T J = 125C
Junction Capacitance - C T (p F)
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
1000
T = 25C
J
T = 25C J
100
0.1 0 0.2 0.4 0.6 0.8 1 Forward Voltage Drop - VFM (V) 1.2
10 0 20 40 60
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
100
(C/W)
thJC
10
Thermal Impedance Z
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
PDM
t1 t2
1
Notes: Single Pulse (Thermal Resistance) 1. Duty factor D = t1/ t2
. .
2. Peak Tj = Pdm x ZthJC + Tc
0.1 0.00001
0.0001
0.001 0.01 0.1 1 t1 , Rectangular Pulse Duration (Seconds)
10
100
Fig. 4 - Max. Thermal Impedance Z thJC Characteristics (Per Leg)
www.irf.com
3
30BQ100G
Bulletin PD-20805 rev. A 01/07
180
Allowable Lead Temperature (C) Average Power Loss (Watts)
2.5
DC
D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75
160
2 1.5
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20 RMS Limit
140
Square wave (D = 0.50) 80% Rated Vr applied see note (2)
1 0.5 0
DC
120
100 0 1 2 3 4 5 Average Forward Current - I F(AV) (A)
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5
Average Forward Current - I F(AV) (A) Fig. 5 - Maximum Average Forward Dissipation Vs. Average Forward Current
Fig. 4 - Maximum Average Forward Current Vs. Allowable Lead Temperature
Non-Repetitive Surge Current - I
FSM
(A)
1000
100
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge
10 10 100 1000 10000
Square Wave Pulse Duration - Tp (Microsec) Fig. 6 - Maximum Peak Surge Forward Current Vs. Pulse Duration
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
4
www.irf.com
30BQ100G
Bulletin PD-20805 rev. A 01/07
Outline Table
Device Marking: IR3J
2.75 (.108) 3.15 (.124) 5.59 (.220) 6.22 (.245)
CATHODE
ANODE
6.60 (.260) 7.11 (.280) .152 (.006) .305 (.012) 2.00 (.079) 2.62 (.103) .102 (.004) 0.76 (.030) 1.52 (.060) 7.75 (.305) 8.13 (.320) .203 (.008)
1
2
1 POLARITY
2 PART NUMBER
Outline SMC Dimensions in millimeters and (inches) For recommended footprint and soldering techniques refer to application note #AN-994
Marking & Identification
Each device has 2 rows for identification. The first row designates the device as manufactured by International Rectifier, indicated by the letters "IR", and the Part Number (indicates the current, the voltage rating and Schottky Generation). The second row indicates the year, the week of manufacturing and the Site ID.
IR3JG
SCHOTTKY GENERATION VOLTAGE CURRENT
IR LOGO
YYWWX
SITE ID WEEK 2nd digit of the YEAR "Y" = 1st digit of th YEAR "standard product" "P" = "Lead-Free"
www.irf.com
5
30BQ100G
Bulletin PD-20805 rev. A 01/07
Tape & Reel Information
Dimensions in millimetres and (inches)
Ordering Information Table
Device Code
30
1 1 2 3 4 5 6 7
B
2 -
Q
3
100
4
G
5
TR
6
7
Current Rating (30 = 30A) B = Single Lead Diode Q = Schottky Q Series Voltage Rating (100 = 100V) G = Schottky Generation none = Box (1000 pieces) TR = Tape & Reel (3000 pieces) none = Standard Production PbF = Lead-Free
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 01/07
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of 30BQ100GTRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X