Part Number Hot Search : 
GL1500 ST723244 HER803 A8504 L6390 ACT9211 2SB566AK 1N4756G
Product Description
Full Text Search
 

To Download 2SK3799 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK3799
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (-MOSIV)
2SK3799
Switching Regulator Applications
Low drain-source ON resistance High forward transfer admittance : RDS (ON) = 1.0 (typ.) : |Yfs| = 6.0 S (typ.) Unit: mm
Low leakage current : IDSS = 100A (max) (VDS = 720 V) Enhancement model : Vth = 2.0 to 4.0 V (VDS = 10 V, ID = 1 mA)
Maximum Ratings (Ta = 25C)
Characteristic Drain-source voltage Drain-gate voltage (RGS = 20 k) Gate-source voltage Drain current DC (Note 1) Symbol VDSS VDGR VGSS ID IDP PD EAS IAR EAR Tch Tstg Rating 900 900 30 8 24 50 1080 8 5 150 -55~150 Unit V V V A A W mJ A mJ C C
1. Gate 2. Drain 3. Source
Pulse (Note 1)
Drain power dissipation Single pulse avalanche energy (Note 2) Avalanche current Repetitive avalanche energy (Note 3) Channel temperature Storage temperature range
JEDEC JEITA TOSHIBA
-- SC-67 2-10U1B
Weight: 1.7 g (typ.)
2
Thermal Characteristics
Characteristic Thermal resistance, channel to case Thermal resistance, channel to ambient Symbol Rth (ch-c) Rth (ch-a) Max 2.5 62.5 Unit C / W C / W 1
Note 1: Ensure that the channel temperature does not exceed 150C during use of the device. Note 2: VDD = 90 V, Tch = 25C (initial), L = 30.9 mH, RG = 25, IAR = 8 A Note 3: Repetitive rating: pulse width limited by maximum channel temperature. This transistor is an electrostatic-sensitive device. Handle with care.
3
1
2005-01-24
2SK3799
Electrical Characteristics (Ta = 25C)
Characteristic Gate leakage current Drain-source breakdown voltage Drain cut-off current Drain-source breakdown voltage Gate threshold voltage Drain-source ON resistance Forward transfer admittance Input capacitance Reverse transfer capacitance Output capacitance Rise time Symbol IGSS V (BR) GSS IDSS V (BR) DSS Vth RDS (ON) |Yfs| Ciss Crss Coss tr ID = 4 A RL = 100 VDS = 25 V, VGS = 0 V, f = 1 MHz Test Condition VGS = 30 V, VDS = 0 V IG = 10 A, VGS = 0 V VDS = 720 V, VGS = 0 V ID = 10 mA, VGS = 0 V VDS = 10 V, ID = 1 mA VGS = 10 V, ID = 4 A VDS = 15 V, ID = 4 A Min -- 30 -- 450 2.0 -- 3.5 -- -- -- -- Output -- 65 -- ns -- 20 -- Typ. -- -- -- -- -- 1.0 6.0 2200 45 190 25 Max 10 -- 100 -- 4.0 1.3 -- -- -- -- -- pF Unit A V A V V S
VGS Turn-on time Switching time Fall time tf ton
10 V 0V 4.7
VDD 400 V
Turn-off time Total gate charge (Gate-source plus gate-drain) Gate-source charge Gate-drain ("miller") charge
toff Qg Qgs Qgd
Duty 1%, tw = 10 s
-- --
120 60 34 26
-- -- -- -- nC
VDD 400 V, VGS = 10 V, ID = 8 A
-- --
Source-Drain Ratings and Characteristics (Ta = 25C)
Characteristic Continuous drain reverse current (Note 1) Pulse drain reverse current (Note 1) Forward voltage (diode) Reverse recovery time Reverse recovery charge Symbol IDR IDRP VDSF trr Qrr IDR = 8 A, VGS = 0 V IDR = 8 A, VGS = 0 V dlDR / dt = 100 A / S Test Condition -- -- Min -- -- -- -- -- Typ. -- -- -- 1700 23 Max 8 24 -1.7 -- -- Unit A A V ns C
Marking
K3799
Part No. (or abbreviation code) Lot No. A line indicates lead (Pb)-free package or lead (Pb)-free finish.
2
2005-01-24
2SK3799
ID - VDS
10 COMMON SOURCE Tc = 25C PULSE TEST 10 6 5.5 6 5.25 20 COMMON SOURCE Tc = 25C PULSE TEST
ID - VDS
15
(A)
(A)
8
16
DRAIN CURRENT ID
DRAIN CURRENT ID
10 12
15
6
4
5
8
5.5
4.75 2 VGS = 4.5 V
4
5 VGS = 4.5 V
0
0
2
4
6
8
10
0
0
4
8
12
16
20
DRAIN-SOURCE VOLTAGE
VDS (V)
DRAIN-SOURCE VOLTAGE
VDS (V)
ID - VGS
20 COMMON SOURCE VDS = 20 V PULSE TEST 20
VDS - VGS
COMMON SOURCE Tc = 25C PULSE TEST
DRAIN CURRENT ID
(A)
16
VDS DRAIN-SOURCE VOLTAGE
25
(V)
16 12
12
ID = 8 A 8
8 100 4 Tc = -55C
4
4 2
0
0
2
4
6
8
10
0
0
4
8
12
16
20
GATE-SOURCE VOLTAGE
VGS (V)
GATE-SOURCE VOLTAGE
VGS (V)
Yfs - ID
100
RDS (ON) - ID
10 COMMON SOURCE
FORWARD TRANSFER ADMITTANCE Yfs (S)
DRAIN-SOURCE ON RESISTANCE RDS (ON) ()
COMMON SOURCE VDS = 20 V PULSE TEST
Tc = 25C PULSE TEST
VGS = 10 V 1
10 Tc = -55C 25 100
1 0.1
1
10
100
0.1
1
10
100
DRAIN CURRENT ID (A)
DRAIN CURRENT ID (A)
3
2005-01-24
2SK3799
RDS (ON) - Tc
5
IDR - VDS
100
DRAIN REVERSE CURRENT IDR (A)
DRAIN-SOURCE ON RESISTANCE RDS (ON) ()
4
COMMON SOURCE VGS = 10 V PULSE TEST
COMMON SOURCE Tc = 25C PULSE TEST
10
3 ID = 8 A 2 4 2
1
10 5 3 1 VGS = 0 V -0.8 -1.2 -1.6
1
0 -80
-40
0
40
80
120
160
0.1
0
-0.4
CASE TEMPERATURE
Tc
(C)
DRAIN-SOURCE VOLTAGE
VDS (V)
C - VDS
10000 Ciss 5
Vth - Tc
(V) Vth GATE THRESHOLD VOLTAGE
C (pF)
4
1000
CAPACITANCE
Coss 100 Crss 10
3
2
COMMON SOURCE VGS = 0 V f = 1 MHz Tc = 25C 1 10 100
1
1 0.1
0 -80
COMMON SOURCE VDS = 10 V ID = 1 mA PULSE TEST -40 0 40 80 120 160
DRAIN-SOURCE VOLTAGE
VDS (V)
CASE TEMPERATURE
Tc
(C)
PD - Tc
80 500
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
COMMON SOURCE ID = 8 A Tc = 25C PULSE TEST 20
(W)
(V)
VDS
60
400
16
DRAIN POWER DISSIPATION
DRAIN-SOURCE VOLTAGE
300 200 200 VGS 100
100 VDS = 400 V
12
40
8
20
4
0 0
40
80
120
160
0 0
20
40
60
80
0 100
CASE TEMPERATURE
Tc
(C)
TOTAL GATE CHARGE
Qg (nC)
4
2005-01-24
GATE-SOURCE VOLTAGE
VGS
PD
VDS
(V)
2SK3799
rth - tw
10
NORMALIZED TRANSIENT THERMAL IMPEDANCE rth (t)/Rth (ch-c)
1
Duty=0.5 0.2
0.1
0.1 0.05 0.02 PDM t
0.01
0.01
SINGLE PULSE
T Duty = t/T Rth (ch-c) = 2.5C/W
0.001 10
100
1
10
100
1
10
PULSE WIDTH
tw (s)
SAFE OPERATING AREA
100 ID max (PULSE) * 100 s * ID max (CONTINUOUS) 1 ms * 2000
EAS - Tch
(mJ) AVALANCHE ENERGY EAS
1600
DRAIN CURRENT ID
(A)
10
1200
1 DC OPERATION Tc = 25C 0.1 * SINGLE NONPETITIVE PULSE Tc = 25C VDSS max 1000 10000
800
400
Curves must be derated linearly 0.01 1 with increase in temperature. 10 100
0 25
50
75
100
125
150
CHANNEL TEMPERATURE (INITIAL)
Tch
(C)
DRAIN-SOURCE VOLTAGE
VDS (V)
15 V -15 V
BVDSS IAR VDD VDS
TEST CIRCUIT RG = 25 VDD = 90 V, L = 30.9 mH
WAVE FORM
AS = 1 B VDSS L I2 B 2 - VDD VDSS
5
2005-01-24
2SK3799
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
030619EAA
* The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * TOSHIBA products should not be embedded to the downstream products which are prohibited to be produced and sold, under any law and regulations.
6
2005-01-24


▲Up To Search▲   

 
Price & Availability of 2SK3799

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X