Part Number Hot Search : 
C20T10Q UF4003S B14NK60Z UF4003S KE39A SCHIP DFLT17A MIC920
Product Description
Full Text Search
 

To Download 2SK3683-01MR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIM INARY
2SK3683-01MR (500V/0.38/19A)
1) Package
Items Drain-Source Voltage Continuous Drain Current Pulsed Drain Current Gate-Source Voltage Repetitive and Non-Repetitive Maximum Avalanche Current Non-Repetitive Maximum Avalanche Energy Maximum Drain-Source dV/dt Peak Diode recovery dV/dt Maximum Power Dissipation Operating and Storage Temperature range
This material and the information herein is the property of Fuji Electric Co.,Ltd. They shall be neither reproduced, copied, lent, or disclosed in any way whatsoever for the use of any third party nor used for the manufacturing purposes without the express written consent of Fuji Electric Co.,Ltd.
TO-220F15R
2) Absolute Maximum Ratings (Tc=25* Z * @
V DS ID ID(pulse) V GS IAR E AS dVDS/dt dV/dt P D*@*--s PD Tch Tstg
c=25*Z
unless otherwise specified)
Symbols Ratings 500 19 76 30 19 245.3 20 5 95 2.16 150 -55 * +150 Units V A A V A mJ kV/us kV/us W W *1 *2
@Ta=25*Z
3)Electrical Characteristics (Tch=25*Z
Items Drain-Source Breakdown Voltage Gate Threshold Voltage Zero Gate Voltage Drain Current Gate-Source Leakage Current Drain-Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate to Source Charge Gate to Drain (Miller) Charge Avalanche Capability Diode Forward On-Voltage BV DSS V GS(th) IDSS IGSS
unless otherwise specified)
Test Conditions ID =250uA ID =250uA V DS=500V V GS=0V V GS=30V ID =9.5A V DS=25V V GS=0V f=1MHz Vcc=250V ID =19A V GS=10V L=1.25mH Tch=25 IF =19A,VGS=0V,Tch=25*Z V GS=0V V DS=V GS Tch=25 Tch=125 V DS=0V VGS=10V min. 500 3.0 --------------------19 --typ. ------------1580 240 12 32 16 12 --1.0 max. --5.0 25 E E E 250 100 0.38 2370 360 18 48 24 18 --1.5 A V pF Units V V A A A
Symbols
RDS(on) Ciss Coss Crss Qg Qgs Qgd IAV V SD
nC
4) Thermal Characteristics
Items Channel to Case Channel to Ambient *1 L=1.25mH,Vcc=50V Symbols Rth(ch-c) Rth(ch-a) Test Conditions min. typ. max. 1.316 58.0 Units /W /W
*2 I F -D ,-di/dt=50A/ , DSS,Tch150
DATE DRAWN REVISIONS MA4LE CHECKED
NAME
APPROVED
DWG.NO.
Fuji Electric Co.,Ltd.


▲Up To Search▲   

 
Price & Availability of 2SK3683-01MR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X