Part Number Hot Search : 
EUM6804 AC2626L6 035PT X1637 D27512 SF08S60F TK15125 035PT
Product Description
Full Text Search
 

To Download 2SK3679-01MR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK3679-01MR
FUJI POWER MOSFET
N-CHANNEL SILICON POWER MOSFET
Outline Drawings [mm]
TO-220F 200304
Super FAP-G Series
Features
High speed switching Low on-resistance No secondary breadown Low driving power Avalanche-proof
Applications
Switching regulators UPS (Uninterruptible Power Supply) DC-DC converters
Maximum ratings and characteristicAbsolute maximum ratings
(Tc=25C unless otherwise specified)
Ratings Unit V 900 V 900 Equivalent A Continuous drain current 9 A Pulsed drain current 36 V Gate-source voltage 30 A Repetitive or non-repetitive 9 mJ Maximum Avalanche Energy 287.7 kV/s Maximum Drain-Source dV/dt 40 Peak Diode Recovery dV/dt 5 kV/s Gate(G) Max. power dissipation 2.16 W 95 Operating and storage Tch +150 C -55 to +150 temperature range Tstg C Isolation Voltage VISO *6 2 kVrms *1 L=6.51mH, Vcc=90V, Tch=25C See to Avalanche Energy Graph *2 Tch <150C = *3 IF < -ID, -di/dt=50A/s, Vcc < BVDSS, Tch < 150C *4 VDS< 900V *5 VGS=-30V *6 t=60sec, f=60Hz = = = = Item Drain-source voltage Symbol VDS VDSX *5 ID ID(puls] VGS IAR *2 EAS *1 dVDS/dt *4 dV/dt *3 PD Ta=25C Tc=25C
circuit schematic
Drain(D)
Source(S)
Electrical characteristics (Tc =25C unless otherwise specified)
Item Drain-source breakdown voltaget Gate threshold voltage Zero gate voltage drain current Gate-source leakage current Drain-source on-state resistance Forward transcondutance Input capacitance Output capacitance Reverse transfer capacitance Turn-on time ton Turn-off time toff Total Gate Charge Gate-Source Charge Gate-Drain Charge Avalanche capability Diode forward on-voltage Reverse recovery time Reverse recovery charge Symbol V(BR)DSS VGS(th) IDSS IGSS RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD IAV VSD trr Qrr Test Conditions ID= 250A VGS=0V ID= 250A VDS=VGS VDS=900V VGS=0V Tch=25C VDS=720V VGS=0V Tch=125C VGS=30V VDS=0V ID=4.5A VGS=10V ID=4.5A VDS=25V VDS=25V VGS=0V f=1MHz VCC=600V ID=4.5A VGS=10V RGS=10 VCC=450V ID=9A VGS=10V L=6.51mH Tch=25C IF=9A VGS=0V Tch=25C IF=9A VGS=0V -di/dt=100A/s Tch=25C
Min.
900 3.0
Typ.
Max.
5.0 25 250 100 1.58
Units
V V A nA S pF
5
1.22 10 1100 1650 140 210 8 12 25 38 12 18 50 75 12 18 31 46.5 4.5 8 11 16.5 0.90 3.2 15.5
ns
nC
9 1.50
A V s C
Thermalcharacteristics
Item Thermal resistance Symbol Rth(ch-c) Rth(ch-a) Test Conditions channel to case channel to ambient
Min.
Typ.
Max.
1.316 58.0
Units
C/W C/W
1
2SK3679-01MR
Characteristics
FUJI POWER MOSFET
150
Allowable Power Dissipation PD=f(Tc)
14
Typical Output Characteristics ID=f(VDS):80 s pulse test,Tch=25C
20V 10V 8.0V 7.0V 6.5V
12 125 10 100
PD [W]
75
ID [A]
8
6 50 4
6.0V
25
2
VGS=5.5V
0 0 25 50 75 100 125 150
0 0 5 10 15 20
Tc [C]
VDS [V]
Typical Transfer Characteristic ID=f(VGS):80 s pulse test,VDS=25V,Tch=25C
10 10
Typical Transconductance gfs=f(ID):80 s pulse test,VDS=25V,Tch=25C
ID[A]
1
gfs [S]
1
0.1
0
1
2
3
4
5
6
7
8
9
10
0.1
1
10
VGS[V]
ID [A]
1.7
Typical Drain-Source on-state Resistance RDS(on)=f(ID):80 s pulse test,Tch=25C
VGS=5.5V 6.0V 6.5V 7.0V 8.0V 10V 20V
5
Drain-Source On-state Resistance RDS(on)=f(Tch):ID=4.5A,VGS=10V
1.6
4
RDS(on) [ ]
1.5
RDS(on) [ ]
3
1.4
2
max.
1.3 typ. 1
1.2
1.1 0 2 4 6 8 10 12 14
0 -50 -25 0 25 50 75 100 125 150
ID [A]
Tch [C]
2
2SK3679-01MR
FUJI POWER MOSFET
7.0 6.5 6.0 5.5 5.0
Gate Threshold Voltage vs. Tch VGS(th)=f(Tch):VDS=VGS,ID=250A
14
Typical Gate Charge Characteristics VGS=f(Qg):ID=9A,Tch=25C
12 Vcc= 180V 450V 720V
max.
10
VGS(th) [V]
4.5
3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 -50 -25 0 25 50 75 100 125 150 min.
VGS [V]
4.0
8
6
4
2
0 0 5 10 15 20 25 30 35 40 45
Tch [C]
Qg [nC]
10
1
Typical Capacitance C=f(VDS):VGS=0V,f=1MHz
Typical Forward Characteristics of Reverse Diode IF=f(VSD):80 s pulse test,Tch=25C
10
0
Ciss
10
C [nF]
10
-1
Coss
IF [A]
1 0.1 0.00
10
-2
Crss
10
-3
10
0
10
1
10
2
0.25
0.50
0.75
1.00
1.25
1.50
VDS [V]
VSD [V]
10
3
Typical Switching Characteristics vs. ID t=f(ID):Vcc=600V,VGS=10V,RG=10
700
Maximum Avalanche Energy vs. starting Tch E(AS)=f(starting Tch):Vcc=90V
IAS=4A
600 tf 500 10
2
td(off)
IAS=6A
EAS [mJ]
0 1
400
t [ns]
300
IAS=9A
td(on) 10
1
200 tr 100
10
0
0
-1
10
10
10
0
25
50
75
100
125
150
ID [A]
starting Tch [C]
3
2SK3679-01MR
FUJI POWER MOSFET
10
2
Maximum Avalanche Current Pulsewidth IAV=f(tAV):starting Tch=25C,Vcc=90V
Avalanche Current I AV [A]
10
1
Single Pulse
10
0
10
-1
10 -8 10
-2
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
tAV [sec]
10
1
Maximum Transient Thermal Impedance Zth(ch-c)=f(t):D=0
10
0
Zth(ch-c) [C/W]
10
-1
10
-2
10
-3
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
t [sec]
http://www.fujielectric.co.jp/denshi/scd/
4


▲Up To Search▲   

 
Price & Availability of 2SK3679-01MR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X