Part Number Hot Search : 
D12NF ADN2849 HAT3006R BD00HC0 C0603X C4010 F1603 PWR35MM
Product Description
Full Text Search
 

To Download 2SK3651-01R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK3651-01R
FUJI POWER MOSFET
Super FAP-G Series
Features
High speed switching Low on-resistance No secondary breadown Low driving power Avalanche-proof
N-CHANNEL SILICON POWER MOSFET
Outline Drawings (mm)
Applications
Switching regulators UPS (Uninterruptible Power Supply) DC-DC converters
Maximum ratings and characteristicAbsolute maximum ratings
(Tc=25C unless otherwise specified)
Ratings Unit V 200 V 220 A Continuous drain current 25 A Pulsed drain current 100 V Gate-source voltage 30 A Non-repetitive Avalanche current 25 mJ Maximum Avalanche Energy 372 kV/s Maximum Drain-Source dV/dt 20 kV/s Peak Diode Recovery dV/dt 5 Max. power dissipation 3.10 W 85 Operating and storage Tch +150 C -55 to +150 temperature range Tstg C Isolation voltage VISO *6 2 kVrms *1 L=1mH, Vcc=48V *2 Tch<150C *3 IF< -ID, -di/dt=50A/s, Vcc < BVDSS, Tch < 150C = = = = *4 VDS < 250V *5 VGS=-30V *6 t=60sec f=60Hz = Item Drain-source voltage Symbol VDS VDSX *5 ID ID(puls] VGS IAS *2 EAS *1 dVDS/dt *4 dV/dt *3 PD Ta=25C Tc=25C
Equivalent circuit schematic
Drain(D)
Gate(G) Source(S)
Electrical characteristics (Tc =25C unless otherwise specified)
Item Drain-source breakdown voltaget Gate threshold voltage Zero gate voltage drain current Gate-source leakage current Drain-source on-state resistance Forward transcondutance Input capacitance Output capacitance Reverse transfer capacitance Turn-on time ton Turn-off time toff Total Gate Charge Gate-Source Charge Gate-Drain Charge Avalanche capability Diode forward on-voltage Reverse recovery time Reverse recovery charge Symbol V(BR)DSS VGS(th) IDSS IGSS RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD IAV VSD trr Qrr Test Conditions ID= 250A VGS=0V ID= 250A VDS=VGS VDS=250V VDS=200V VGS=30V ID=12.5A VGS=0V VGS=0V VDS=0V VGS=10V Tch=25C Tch=125C 10 75 16 2000 400 25 20 30 60 20 44 14 16 1.10 0.45 1.5
Min.
250 3.0
Typ.
Max.
5.0 25 250 100 100 3000 600 38 30 45 90 30 66 21 24 1.65
Units
V V A nA m S pF
ID=12.5A VDS=25V VDS=75V VGS=0V f=1MHz VCC=72V ID=12.5A VGS=10V RGS=10 VCC=72V ID=12A VGS=10V L=100H Tch=25C IF=25A VGS=0V Tch=25C IF=25A VGS=0V -di/dt=100A/s Tch=25C
8
ns
nC
25
A V s C
Thermalcharacteristics
Item Thermal resistance Symbol Rth(ch-c) Rth(ch-a) Test Conditions channel to case channel to ambient
Min.
Typ.
Max.
1.471 40.0
Units
C/W C/W
www.fujielectric.co.jp/denshi/scd
1
2SK3651-01R
Characteristics
Allowable Power Dissipation PD=f(Tc)
FUJI POWER MOSFET
120
500
Maximum Avalanche Energy vs. starting Tch E(AV)=f(starting Tch):Vcc=48V,I(AV)<=25A
100
400
80 300 60
EAV [mJ]
PD [W]
200
40 100 20
0 0 25 50 75 100 125 150
0 0 25 50 75 100 125 150
Tc [C]
starting Tch [C]
Typical Output Characteristics
ID=f(VDS):80s Pulse test,Tch=25C
100 100
Typical Transfer Characteristic
ID=f(VGS):80s Pulse test, VDS=25V,Tch=25C
20V 80 10V 8V 7.5V
ID [A]
7.0V 40 6.5V
ID[A]
60
10
1
20
6.0V VGS=5.5V 0.1 0 1 2 3 4 5 6 7 8 9 10
0 0 2 4 6 8 10 12
VDS [V]
VGS[V]
Typical Transconductance
gfs=f(ID):80s Pulse test, VDS=25V,Tch=25C
100 0.25
Typical Drain-Source on-state Resistance
RDS(on)=f(ID):80s Pulse test, Tch=25C
VGS= 5.5V 6.0V 0.20
6.5V
7.0V 7.5V
RDS(on) [ ]
10
0.15
8V 10V 20V
gfs [S]
0.10
1 0.05
0.1 0.1
0.00 1 10 100 0 20 40 60 80 100
ID [A]
ID [A]
2
2SK3651-01R
FUJI POWER MOSFET
270 240 210
Drain-Source On-state Resistance RDS(on)=f(Tch):ID=12.5A,VGS=10V
7.0 6.5 6.0 5.5 5.0
Gate Threshold Voltage vs. Tch VGS(th)=f(Tch):VDS=VGS,ID=1mA
RDS(on) [ m ]
max.
VGS(th) [V]
180 150 max. 120 90 60 30 0 -50 -25 0 25 50 75 100 125 150 typ.
4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 -50 -25 0 25 50 75 100 125 150 min.
Tch [C]
Tch [C]
Typical Gate Charge Characteristics
VGS=f(Qg):ID=25A, Tch=25C
10 14 12 10 Vcc= 36V 72V 96V 8 6 10 4 2 0 0 10 20 30 40 50 60
-2 -1 0 1
Typical Capacitance C=f(VDS):VGS=0V,f=1MHz
Ciss
10
VGS [V]
C [nF]
Coss
Crss 10
10
-1
10
0
10
1
10
2
Qg [nC]
VDS [V]
Typical Forward Characteristics of Reverse Diode
IF=f(VSD):80s Pulse test,Tch=25C
100 10
3
Typical Switching Characteristics vs. ID
t=f(ID):Vcc=72V, VGS=10V, RG=10
tf
10
10
2
td(off)
IF [A]
t [ns]
tr td(on)
1
10
1
0.1 0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
10
0
10
-1
10
0
10
1
10
2
VSD [V]
ID [A]
3
2SK3651-01R
Transient Thermal Impedance Zth(ch-c)=f(t):D=0
FUJI POWER MOSFET
10
1
10
0
Zth(ch-c) [**/W]
10
-1
10
-2
10
-3
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
t [sec]
Maximum Avalanche Current Pulsewidth
IAV=f(tAV):starting Tch=25C. Vcc=48V
10
2
Avalanche Current I AV [A]
Single Pulse
10
1
10
0
10
-1
10 -8 10
-2
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
tAV [sec]
4


▲Up To Search▲   

 
Price & Availability of 2SK3651-01R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X