Part Number Hot Search : 
FAN3121T TES20 TLGD262 SI4442DY CM1223 3C1850 BA6893AK CNS471Q
Product Description
Full Text Search
 

To Download 2SK3649-01MR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK3649-01MR
FUJI POWER MOSFET
200304
N-CHANNEL SILICON POWER MOSFET
Outline Drawings [mm]
TO-220F
Super FAP-G Series
Features
High speed switching Low on-resistance No secondary breadown Low driving power Avalanche-proof
Applications
Switching regulators UPS (Uninterruptible Power Supply) DC-DC converters
Maximum ratings and characteristicAbsolute maximum ratings
(Tc=25C unless otherwise specified)
Item Drain-source voltage Continuous drain current Pulsed drain current Gate-source voltage Repetitive or non-repetitive Maximum Avalanche Energy Maximum Drain-Source dV/dt Peak Diode Recovery dV/dt Max. power dissipation Operating and storage temperature range Isolation Voltage Symbol VDS VDSX *5 ID ID(puls] VGS IAR *2 EAS *1 dVDS/dt *4 dV/dt *3 PD Ta=25C Tc=25C Tch Tstg Viso *6 Ratings 150 120 33 132 30 33 169 20 5 2.16 53 +150 -55 to +150 2 Unit V V A A V A mJ kV/s kV/s W C C kVrms
Equivalent circuit schematic
Drain(D)
Gate(G) Source(S)
< *1 L=228H, Vcc=48V,Tch=25C, See to Avalanche Energy Graph *2 Tch=150C < < <150V *5 VGS=-30V *6 t=60sec, f=60Hz < *3 IF=-ID, -di/dt=50A/s, Vcc=BVDSS, Tch=150C *4 VDS =
Electrical characteristics (Tc =25C unless otherwise specified)
Item Drain-source breakdown voltaget Gate threshold voltage Zero gate voltage drain current Gate-source leakage current Drain-source on-state resistance Forward transcondutance Input capacitance Output capacitance Reverse transfer capacitance Turn-on time ton Turn-off time toff Total Gate Charge Gate-Source Charge Gate-Drain Charge Avalanche capability Diode forward on-voltage Reverse recovery time Reverse recovery charge Symbol V(BR)DSS VGS(th) IDSS IGSS RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD IAV VSD trr Qrr Test Conditions ID=250A VGS=0V ID= 250A VDS=VGS VDS=150V VGS=0V Tch=25C Tch=125C VDS=120V VGS=0V VGS=30V VDS=0V ID=11.5A VGS=10V ID=11.5A VDS=25V VDS=75V VGS=0V f=1MHz VCC=48V ID=11.5A VGS=10V RGS=10 VCC=48V ID=23A VGS=10V L=228H Tch=25C IF=23A VGS=0V Tch=25C IF=23A VGS=0V -di/dt=100A/s Tch=25C
Min.
150 3.0
Typ.
Max.
5.0 25 250 100 70 1730 300 26 20 23 51 23 51 13.5 19 1.65
Units
V V A nA m S pF
8
10 54 16 1150 200 17 13 15 34 15 34 9 12.5 33 1.10 130 0.6
ns
nC
A V ns C
Thermalcharacteristics
Item Thermal resistance Symbol Rth(ch-c) Rth(ch-a) Test Conditions channel to case channel to ambient
Min.
Typ.
Max.
2.36 58.0
Units
C/W C/W
1
2SK3649-01MR
Characteristics
FUJI POWER MOSFET
60 55
Allowable Power Dissipation PD=f(Tc)
Typical Output Characteristics
50
ID=f(VDS):80s Pulse test,Tch=25C
20V 10V 8V 7.5V
50 45 40
40
7.0V
PD [W]
30 25 20
ID [A]
35
30
6.5V
20
6.0V
15
10
10 5 0 0 25 50 75 100 125 150 VGS=5.5V
0 0 1 2 3 4 5 6
Tc [C]
VDS [V]
Typical Transfer Characteristic
100
Typical Transconductance
gfs=f(ID):80s Pulse test, VDS=25V,Tch=25C
100
ID=f(VGS):80s Pulse test, VDS=25V,Tch=25C
10 10
ID[A]
1 1
0.1 0 1 2 3 4 5 6 7 8 9 10 0.1 0.1
gfs [S]
1
10
100
VGS[V]
ID [A]
Typical Drain-Source on-state Resistance
RDS(on)=f(ID):80s Pulse test, Tch=25C
0.30
VGS= 5.5V 6.0V 6.5V 7.0V 7.5V
200 180 160
Drain-Source On-state Resistance RDS(on)=f(Tch):ID=11.5A,VGS=10V
0.25
0.20
RDS(on) [ m ]
RDS(on) [ ]
140 120 100 80
typ. max.
0.15
0.10
8V 10V
60 40
0.05
20V
20 0.00 0 5 10 15 20 25 30 35 40 45 50 0 -50 -25 0 25 50 75 100 125 150
ID [A]
Tch [C]
2
2SK3649-01MR
FUJI POWER MOSFET
7.0 6.5 6.0 5.5
Gate Threshold Voltage vs. Tch VGS(th)=f(Tch):VDS=VGS,ID=1mA
14 12
max.
Typical Gate Charge Characteristics
VGS=f(Qg):ID=23A, Tch=25C
Vcc= 36V 48V
5.0
VGS(th) [V]
4.5
10
72V
VGS [V]
75 100 125 150
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 -50 -25 0 25 50
min.
8 6 4 2 0 0 5 10 15 20 25 30 35 40 45 50
Tch [C]
Qg [C]
10n
Typical Capacitance C=f(VDS):VGS=0V,f=1MHz
Typical Forward Characteristics of Reverse Diode
IF=f(VSD):80s Pulse test,Tch=25C
100
Ciss
1n
10
C [F]
Coss
IF [A]
1
2
100p
Crss
10p -1 10
10
0
10
1
10
0.1 0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
VDS [V]
VSD [V]
Typical Switching Characteristics vs. ID
10
3
t=f(ID):Vcc=48V, VGS=10V, RG=10
500
Maximum Avalanche Energy vs. starting Tch EAS=f(starting Tch):Vcc=48V
IAS=14A
400
10
2
td(off)
300
IAS=20A
tf td(on)
1
EAS [mJ]
t [ns]
200
IAS=33A
10
tr 100
10
0
0
-1
10
10
0
10
1
10
2
0
25
50
75
100
125
150
starting Tch [C]
3
2SK3649-01MR
FUJI POWER MOSFET
10
2
Maximum Avalanche Current Pulsewidth IAV=f(tAV):starting Tch=25C,Vcc=48V
Avalanche Current I AV [A]
Single Pulse 10
1
10
0
10
-1
10 -8 10
-2
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
tAV [sec]
10
1
Maximum Transient Thermal Impedance Zth(ch-c)=f(t):D=0
10
0
Zth(ch-c) [C/W]
10
-1
10
-2
10
-3
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
t [sec]
http://www.fujielectric.co.jp/denshi/scd/
4


▲Up To Search▲   

 
Price & Availability of 2SK3649-01MR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X