Part Number Hot Search : 
MAX4606 D1200 MGA71543 DS2406PR SF2N6751 FST10020 A512RU SFP9Z14
Product Description
Full Text Search
 

To Download 2SK3645-01MR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK3645-01MR
FUJI POWER MOSFET
200304
Super FAP-G Series
Features
High speed switching Low on-resistance No secondary breadown Low driving power Avalanche-proof
N-CHANNEL SILICON POWER MOSFET
Outline Drawings (mm)
TO-220F
Applications
Switching regulators UPS (Uninterruptible Power Supply) DC-DC converters
Maximum ratings and characteristicAbsolute maximum ratings
(Tc=25C unless otherwise specified)
Item Drain-source voltage Continuous drain current Pulsed drain current Gate-source voltage Non-repetitive Avalanche current Maximum Avalanche Energy Maximum Drain-Source dV/dt Peak Diode Recovery dV/dt Max. power dissipation Operating and storage temperature range Isolation voltage Symbol VDS VDSX *5 ID ID(puls] VGS IAS *2 EAS *1 dVDS/dt *4 dV/dt *3 PD Ta=25C Tc=25C Tch Tstg VISO Ratings 100 70 41 164 30 41 204.7 20 5 2.16 53 +150 -55 to +150 2 Unit V V A A V A mJ kV/s kV/s W C C kVrms
Equivalent circuit schematic
Drain(D)
Gate(G) Source(S)
*6
*1 L=146H, Vcc=48V,Tch=25C, See to Avalanche Energy Graph *3 IF< -ID, -di/dt=50A/s, Vcc < BVDSS, Tch < 150C *4 VDS < 100V = = = = Symbol V(BR)DSS VGS(th) IDSS IGSS RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD IAV VSD trr Qrr
*2 Tch <150C = *5 VGS=-30V *6 t=60sec f=60Hz
Electrical characteristics (Tc =25C unless otherwise specified)
Item Drain-source breakdown voltaget Gate threshold voltage Zero gate voltage drain current Gate-source leakage current Drain-source on-state resistance Forward transcondutance Input capacitance Output capacitance Reverse transfer capacitance Turn-on time ton Turn-off time toff Total Gate Charge Gate-Source Charge Gate-Drain Charge Avalanche capability Diode forward on-voltage Reverse recovery time Reverse recovery charge Test Conditions ID= 250A VGS=0V ID= 250A VDS=VGS VDS=100V VGS=0V VDS=80V VGS=0V VGS=30V VDS=0V ID=15A VGS=10V ID=15A VDS=25V VDS=75V VGS=0V f=1MHz VCC=48V ID=15A VGS=10V RGS=10 VCC=50V ID=30A VGS=10V L=146H Tch=25C IF=30A VGS=0V Tch=25C IF=30A VGS=0V -di/dt=100A/s Tch=25C Tch=25C Tch=125C 10 34 18 1110 280 22 16 23 31 16 32 13 9 1.10 0.1 0.38
Min.
100 3.0
Typ.
Max.
5.0 25 250 100 44 1665 420 33 24 35 47 24 48 20 14 1.65
Units
V V A nA m S pF
9
ns
nC
41
A V s C
Thermalcharacteristics
Item Thermal resistance Symbol Rth(ch-c) Rth(ch-a) Test Conditions channel to case channel to ambient
Min.
Typ.
Max.
2.359 58.0
Units
C/W C/W
www.fujielectric.co.jp/denshi/scd
1
2SK3645-01MR
Characteristics
Allowable Power Dissipation PD=f(Tc)
FUJI POWER MOSFET
60
600
Maximum Avalanche Energy vs. starting Tch EAS=f(starting Tch):Vcc=48V
IAS=17A
50
500
40
400 IAS=25A
PD [W]
EAS [mJ]
30
300 IAS=41A 200
20
10
100
0 0 25 50 75 100 125 150
0 0 25 50 75 100 125 150
Tc [C]
starting Tch [C]
Typical Output Characteristics
ID=f(VDS):80s Pulse test,Tch=25C
120 20V 100 10V 80 10 100
Typical Transfer Characteristic
ID=f(VGS):80s Pulse test, VDS=25V,Tch=25C
ID [A]
60 8V 7.5V 20 7.0V 6.5V 6.0V VGS=5.5V 10 12
ID[A]
1 0.1 0 1 2 3 4 5 6 7 8 9 10 0 2 4 6 8
40
0
VDS [V]
VGS[V]
Typical Transconductance
gfs=f(ID):80s Pulse test, VDS=25V,Tch=25C
100 0.18
Typical Drain-Source on-state Resistance
RDS(on)=f(ID):80s Pulse test, Tch=25C
VGS= 6.5V7.0V 7.5V 8V 0.15 6.0V
RDS(on) [ ]
10
0.12 10V 0.09
gfs [S]
1
0.06 20V 0.03
0.1 0.1
0.00 1 10 100 0 20 40 60 80 100 120
ID [A]
ID [A]
2
2SK3645-01MR
FUJI POWER MOSFET
100
Drain-Source On-state Resistance RDS(on)=f(Tch):ID=15A,VGS=10V
7.0 6.5 6.0
Gate Threshold Voltage vs. Tch VGS(th)=f(Tch):VDS=VGS,ID=1mA
80
5.5 5.0 max.
RDS(on) [ m ]
VGS(th) [V]
4.5 4.0 3.5 3.0 min.
60 max.
40 typ.
2.5 2.0
20
1.5 1.0 0.5
0 -50 -25 0 25 50 75 100 125 150
0.0 -50 -25 0 25 50 75 100 125 150
Tch [C]
Tch [C]
Typical Gate Charge Characteristics
VGS=f(Qg):ID=30A, Tch=25C
10 14 12 10
0 1
Typical Capacitance C=f(VDS):VGS=0V,f=1MHz
10
Ciss
VGS [V]
8 6
Vcc= 50V
C [nF]
Coss 10
-1
4 2 Crss 0 0 10 20 30 40 50 10
-2
10
-1
10
0
10
1
10
2
Qg [nC]
VDS [V]
Typical Forward Characteristics of Reverse Diode
IF=f(VSD):80s Pulse test,Tch=25C
100 10
3
Typical Switching Characteristics vs. ID
t=f(ID):Vcc=48V, VGS=10V, RG=10
tf
10
10
2
IF [A]
td(off)
t [ns]
td(on) 10
1
1
tr
0.1 0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
10
0
10
-1
10
0
10
1
10
2
VSD [V]
ID [A]
3
2SK3645-01MR
Maximum Avalanche Current vs Pulse width IAV=f(tAV):starting Tch=25C,Vcc=48V
FUJI POWER MOSFET
10
3
Avalanche Current I AV [A]
10
2
Single Pulse
10
1
10
0
10 -8 10
-1
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
tAV [sec]
10
1
Maximum Transient Thermal Impedance Zth(ch-c)=f(t):D=0
10
0
Zth(ch-c) [C/W]
10
-1
10
-2
10
-3
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
t [sec]
http://www.fujielectric.co.jp/denshi/scd/
4


▲Up To Search▲   

 
Price & Availability of 2SK3645-01MR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X