Part Number Hot Search : 
GBU2508 32F10 0809LD60 3A2065 ELM824 NCP152 HCT157 BC857CW
Product Description
Full Text Search
 

To Download 2SK3641-ZK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
MOS FIELD EFFECT TRANSISTOR
2SK3641
SWITCHING N-CHANNEL POWER MOS FET
DESCRIPTION
The 2SK3641 is N-channel MOS FET device that features a low on-state resistance and excellent switching characteristics, and designed for low voltage high current applications such as DC/DC converter with synchronous rectifier.
ORDERING INFORMATION
PART NUMBER 2SK3641-ZK PACKAGE TO-252 (MP-3ZK)
FEATURES
* Low on-state resistance RDS(on)1 = 14 m MAX. (VGS = 10 V, ID = 18 A) RDS(on)2 = 25 m MAX. (VGS = 4.5 V, ID = 15 A) * Low Ciss: Ciss = 930 pF TYP. * Built-in gate protection diode
(TO-252)
ABSOLUTE MAXIMUM RATINGS (TA = 25C)
Drain to Source Voltage (VGS = 0 V) Gate to Source Voltage (VDS = 0 V) Drain Current (DC) (TC = 25C) Drain Current (pulse)
Note1
VDSS VGSS ID(DC) ID(pulse) PT1 PT2 Tch Tstg
30 20 36 140 29 1.0 150 -55 to +150 19 36
V V A A W W C C A mJ
Total Power Dissipation (TC = 25C) Total Power Dissipation Channel Temperature Storage Temperature Single Avalanche Current Single Avalanche Energy
Note2 Note2
IAS EAS
Notes 1. PW 10 s, Duty Cycle 1% 2. Starting Tch = 25C, VDD = 15 V, RG = 25 , L = 100 H, VGS = 20 0 V
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information.
Document No. D15969EJ3V0DS00 (3rd edition) Date Published January 2005 NS CP(K) Printed in Japan
The mark
shows major revised points.
2002
2SK3641
ELECTRICAL CHARACTERISTICS (TA = 25C)
CHARACTERISTICS Zero Gate Voltage Drain Current Gate Leakage Current Gate Cut-off Voltage Forward Transfer Admittance
Note Note
SYMBOL IDSS IGSS VGS(off) | yfs | RDS(on)1 RDS(on)2
TEST CONDITIONS VDS = 30 V, VGS = 0 V VGS = 20 V, VDS = 0 V VDS = 10 V, ID = 1 mA VDS = 10 V, ID = 18 A VGS = 10 V, ID = 18 A VGS = 4.5 V, ID = 15 A VDS = 10 V VGS = 0 V f = 1 MHz VDD = 15 V, ID = 18 A VGS = 10 V RG = 10
MIN.
TYP.
MAX. 10 10
UNIT
A A
V S
1.5 5.5 11 11 17 930 250 160 9.4 8.6 34 11
2.5
Drain to Source On-state Resistance
14 25
m m pF pF pF ns ns ns ns nC nC nC V ns nC
Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Total Gate Charge Gate to Source Charge Gate to Drain Charge Body Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Note
Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD VF(S-D) trr Qrr
VDD = 24 V VGS = 10 V ID = 36 A IF = 36 A, VGS = 0 V IF = 36 A, VGS = 0 V di/dt = 100 A/s
22 3.6 7.4 1.0 24 15
Note Pulsed: PW 350 s, Duty Cycle 2%
TEST CIRCUIT 1 AVALANCHE CAPABILITY
D.U.T. RG = 25 PG. VGS = 20 0 V 50
TEST CIRCUIT 2 SWITCHING TIME
D.U.T.
L VDD PG. RG
RL VDD
VGS VGS
Wave Form
0
10%
VGS
90%
VDS
90% 90% 10% 10%
BVDSS IAS ID VDD VDS
VGS 0 = 1 s Duty Cycle 1%
VDS VDS
Wave Form
0
td(on) ton
tr
td(off) toff
tf
Starting Tch
TEST CIRCUIT 3 GATE CHARGE
D.U.T. IG = 2 mA PG. 50
RL VDD
2
Data Sheet D15969EJ3V0DS
2SK3641
TYPICAL CHARACTERISTICS (TA = 25C)
DERATING FACTOR OF FORWARD BIAS SAFE OPERATING AREA dT - Percentage of Rated Power - %
120 100 80 60 40 20 0 0 25 50 75 100 125 150 175
TOTAL POWER DISSIPATION vs. CASE TEMPERATURE
40
PT - Total Power Dissipation - W
30
20
10
0 0 25 50 75 100 125 150 175
TC - Case Temperature - C
TC - Case Temperature - C
FORWARD BIAS SAFE OPERATING AREA
1000 ID(pulse) PW = 100 s 10 s
ID - Drain Current - A
100 ID(DC) 10
R D S (on) Lim ited (at VGS = 10 V)
DC 1 ms 10 m s
1
Power D issipation Lim ited T C = 25C Single pulse 0.1 1 10
0.1
100
VDS - Drain to Source Voltage - V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
1000
rth(t) - Transient Thermal Resistance - C/W
Rth(ch-A) = 125C/W 100
10 Rth(ch-C) = 4.31C/W 1
0.1 Single pulse
100 1m 10 m 100 m 1 10 100 1000
0.01 10
PW - Pulse Width - s
Data Sheet D15969EJ3V0DS
3
2SK3641
DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE
150 Pulsed VGS = 10 V
FORWARD TRANSFER CHARACTERISTICS
100
VDS = 10 V Pulsed Tch = -55C 25C 75C 150C
ID - Drain Current - A
ID - Drain Current - A
10
100
1
4.5 V 50
0.1
0 0 1 2 3 4 5
0.01 0 1 2 3 4 5
VDS - Drain to Source Voltage - V
VGS - Gate to Source Voltage - V
GATE CUT-OFF VOLTAGE vs. CHANNEL TEMPERATURE | yfs | - Forward Transfer Admittance - S
3
FORWARD TRANSFER ADMITTANCE vs. DRAIN CURRENT
100
VGS(off) - Gate Cut-off Voltage - V
2.5 2 1.5 1 0.5 0 -50 0 50
VDS = 10 V ID = 1 m A
10
Tch = -55C 25C 75C 150C
1
VDS = 10 V Pulsed 0.1 0.1 1 10 100
100
150
Tch - Channel Temperature - C
ID - Drain Current - A
RDS(on) - Drain to Source On-state Resistance - m
50 Pulsed 40
RDS(on) - Drain to Source On-state Resistance - m
DRAIN TO SOURCE ON-STATE RESISTANCE vs. DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs. GATE TO SOURCE VOLTAGE
50 Pulsed 40
30
30
20
VGS = 4.5 V
20 ID = 18 A 10
10
10 V
0 1 10 100 1000
0 0 5 10 15 20
ID - Drain Current - A
VGS - Gate to Source Voltage - V
4
Data Sheet D15969EJ3V0DS
2SK3641
RDS(on) - Drain to Source On-state Resistance - m
DRAIN TO SOURCE ON-STATE RESISTANCE vs. CHANNEL TEMPERATURE
30 25 20 15 10 V 10 5 0 -50 0 50 100 150 VGS = 4.5 V
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
1 0 0 00
Ciss, Coss, Crss - Capacitance - pF
1 0 00
C iss
C oss 1 00 C rss VGS = 0 V f = 1 MHz 0.1 1 10 100
ID = 18 A Pulsed
10 0 .0 1
Tch - Channel Temperature - C
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
1000
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
30 12 10 8 6 4 2 ID = 36 A 0 0 0 5 10 15 20 25
25 20 15 10 5
100 td(off) tf
VDD = 24 V 15 V 6V
VGS
10
td(on) tr
VDS
1 0.1 1 10 100
ID - Drain Current - A
QG - Gate Charge - nC
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
1000
REVERSE RECOVERY TIME vs. DIODE FORWARD CURRENT
1000
100
VGS = 10 V
trr - Reverse Recovery Time - ns
IF - Diode Forward Current - A
10
0V
100
1
10
0.1 Pulsed 0.01 0 0.5 1 1.5 2
1 0.1 1
di/dt = 100 A/s VGS = 0 V 10 100
VF(S-D) - Source to Drain Voltage - V
IF - Diode Forward Current - A
Data Sheet D15969EJ3V0DS
5
VGS - Gate to Source Voltage - V
td(on), tr, td(off), tf - Switching Time - ns
VDD = 15 V VGS = 10 V R G = 10
VDS - Drain to Source Voltage - V
2SK3641
SINGLE AVALANCHE CURRENT vs. INDUCTIVE LOAD
100
SINGLE AVALANCHE ENERGY DERATING FACTOR
120 VDD = 15 V RG = 25 VGS = 20 0 V IAS 19 A
IAS - Single Avalanche Current - A
Energy Derating Factor - %
IAS = 19 A 10 EAS = 36 m J
100 80 60 40 20 0
1 VDD = 15 V RG = 25 VGS = 20 0 V Starting Tch = 25C 0.1 1 10
0.1 0.01
25
50
75
100
125
150
L - Inductive Load - mH
Starting Tch - Starting Channel Temperature - C
6
Data Sheet D15969EJ3V0DS
2SK3641
PACKAGE DRAWING (Unit: mm)
TO-252 (MP-3ZK)
1.0 TYP.
6.50.2 5.1 TYP. 4.3 MIN. 4
2.30.1 0.50.1 No Plating
6.10.2 10.4 MAX. (9.8 TYP.)
4.0 MIN.
1
0.8
2
3
No Plating 0 to 0.25 0.50.1 1.0
1.14 MAX. 2.3 2.3
0.760.12
1. Gate 2. Drain 3. Source 4. Fin (Drain)
EQUIVALENT CIRCUIT
Drain
Gate
Body Diode
Gate Protection Diode
Source
Remark
The diode connected between the gate and source of the transistor serves as a protector against ESD. When this device actually used, an additional protection circuit is externally required if a voltage exceeding the rated voltage may be applied to this device.
0.51 MIN.
Data Sheet D15969EJ3V0DS
7
2SK3641
* The information in this document is current as of January, 2005. The information is subject to change without notice. For actual design-in, refer to the latest publications of NEC Electronics data sheets or data books, etc., for the most up-to-date specifications of NEC Electronics products. Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information. * No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Electronics. NEC Electronics assumes no responsibility for any errors that may appear in this document. * NEC Electronics does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of NEC Electronics products listed in this document or any other liability arising from the use of such products. No license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Electronics or others. * Descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software and information in the design of a customer's equipment shall be done under the full responsibility of the customer. NEC Electronics assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC Electronics endeavors to enhance the quality, reliability and safety of NEC Electronics products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. To minimize risks of damage to property or injury (including death) to persons arising from defects in NEC Electronics products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment and anti-failure features. * NEC Electronics products are classified into the following three quality grades: "Standard", "Special" and "Specific". The "Specific" quality grade applies only to NEC Electronics products developed based on a customerdesignated "quality assurance program" for a specific application. The recommended applications of an NEC Electronics product depend on its quality grade, as indicated below. Customers must check the quality grade of each NEC Electronics product before using it in a particular application. "Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots. "Special": Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support). "Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. The quality grade of NEC Electronics products is "Standard" unless otherwise expressly specified in NEC Electronics data sheets or data books, etc. If customers wish to use NEC Electronics products in applications not intended by NEC Electronics, they must contact an NEC Electronics sales representative in advance to determine NEC Electronics' willingness to support a given application. (Note) (1) "NEC Electronics" as used in this statement means NEC Electronics Corporation and also includes its majority-owned subsidiaries. (2) "NEC Electronics products" means any product developed or manufactured by or for NEC Electronics (as defined above).
M8E 02. 11-1


▲Up To Search▲   

 
Price & Availability of 2SK3641-ZK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X