Part Number Hot Search : 
WP711 936818 SBR10 TLC154P NTE127 UAA3500 35507 33100
Product Description
Full Text Search
 

To Download 2SK3617 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN8112
2SK3617
2SK3617
Features
* * *
N-Channel Silicon MOSFET
General-Purpose Switching Device Applications
Low ON-resistance. Ultrahigh-speed switching. 4V drive.
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (Pulse) Allowable Power Dissipation Channel Temperature Storage Temperature Symbol VDSS VGSS ID IDP PD Tch Tstg PW10s, duty cycle1% Tc=25C Conditions Ratings 100 20 6 24 1 15 150 --55 to +150 Unit V V A A W W C C
Electrical Characteristics at Ta=25C
Parameter Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Static Drain-to-Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Symbol V(BR)DSS IDSS IGSS VGS(off) yfs RDS(on)1 RDS(on)2 Ciss Coss Crss td(on) tr td(off) tf Conditions ID=1mA, VGS=0 VDS=100V, VGS=0 VGS=16V, VDS=0 VDS=10V, ID=1mA VDS=10V, ID=3A ID=3A, VGS=10V ID=3A, VGS=4V VDS=20V, f=1MHz VDS=20V, f=1MHz VDS=20V, f=1MHz See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. 1.2 3 5 180 225 530 45 35 9 5 54 25 225 315 Ratings min 100 1 10 2.6 typ max Unit V A A V S m m pF pF pF ns ns ns ns
Continued on next page.
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
21405PA TS IM TA-100867 No.8112-1/4
2SK3617
Continued from preceding page.
Parameter Total Gate Charge Gate-to-Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage Symbol Qg Qgs Qgd VSD Conditions VDS=50V, VGS=10V, ID=6A VDS=50V, VGS=10V, ID=6A VDS=50V, VGS=10V, ID=6A IS=6A, VGS=0 Ratings min typ 13 2.1 2.8 0.9 1.2 max Unit nC nC nC V
Package Dimensions unit : mm 2083B
6.5 5.0 4 1.5 2.3
Package Dimensions unit : mm 2092B
6.5 5.0 4 2.3
1.5
0.5
0.5
7.0
5.5
5.5
7.0
0.8
0.8 1.6
1.2 7.5 0.5
1 0.6
2
3
2.5
0.85 0.7
0.85
0.5
1.2
0.6 1 2 3
1 : Gate 2 : Drain 3 : Source 4 : Drain SANYO : TP
1.2 0 to 0.2
1 : Gate 2 : Drain 3 : Source 4 : Drain SANYO : TP-FA
2.3
2.3
2.3
2.3
Switching Time Test Circuit
VDD=50V 10V 0V VIN ID=3A RL=16.7 VIN PW=10s D.C.1%
D
VOUT
G
P.G
50
S
2SK3617
5.0 4.5 4.0
ID -- VDS
8.0V
5.0V
6.0V
5
ID -- VGS
VDS=10V
Drain Current, ID -- A
10.0V
4.0V
4
3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0
Drain Current, ID -- A
3.5V
3
3.0V
2
Tc=7 5
0 0.5 1.0 1.5 2.0 2.5 3.0
C
1 0
VGS=2.5V
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 3.5 4.0
Drain-to-Source Voltage, VDS -- V
IT04718
Gate-to-Source Voltage, VGS -- V
25C
IT04719
--25C
No.8112-2/4
2SK3617
400 380
RDS(on) -- VGS
Static Drain-to-Source On-State Resistance, RDS(on) -- m Tc=25C ID=3A
420 400 380 360 340 320 300 280 260 240 220 200 180 160 140 120 100 80 --60
RDS(on) -- Tc
Static Drain-to-Source On-State Resistance, RDS(on) -- m
360 340 320 300 280 260 240 220 200 180 160 140 0 2 4 6 8 10 12 14 16
0V ,V =1 3A S = VG ID A, =3 ID
=4 GS
V
18
20
--40
--20
0
20
40
60
80
100
120
140
160
Gate-to-Source Voltage, VGS -- V
10
yfs -- ID
IT08292 10 7 5
Case Temperature, Tc -- C
IT08293
IF -- VSD
VGS=0
Forward Transfer Admittance, yfs -- S
7 5 3 2
VDS=10V Forward Drain Current, IF -- A
C 5 --2 = Tc C 25C 75
3 2 1.0 7 5 3 2 0.1 7 5 3 2 0.01 0.2 0.4 0.6 0.8 1.0 1.2 IT04723
1.0 7 5 3 2
Tc=7 5C 25C
0.1 0.01
2
3
5 7 0.1
2
3
5 7 1.0
2
3
Drain Current, ID -- A
2 100
5 7 10 IT04722
SW Time -- ID
td(off)
1000
Ciss, Coss, Crss -- VDS
f=1MHz Ciss
Diode Forward Voltage, VSD -- V
VDD=50V VGS=10V Ciss, Coss, Crss -- pF
7 5 3 2
Switching Time, SW Time -- ns
7 5 3 2 10 7 5 3 2 1.0 0.1
tf
100 7 5 3 2
td(on)
tr
Coss Crss
10 2 3 5 7 1.0 2 3 5 7 0 5 10 15 20 25 30 IT08294
Drain Current, ID -- A
10 9
IT04724 5 3 2 10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2
VGS -- Qg
Drain-to-Source Voltage, VDS -- V
ASO
Gate-to-Source Voltage, VGS -- V
VDS=50V ID=6A Drain Current, ID -- A
--25
C
IDP=24A ID=6A
DC op
10s
10
1m s 1 10 0ms 0m s
8 7 6 5 4 3 2 1 0 0 2 4 6 8 10 12 14 IT08295
0 s
era
tio
Operation in this area is limited by RDS(on).
n(
Tc =
25 C
)
0.01 0.1
Tc=25C Single pulse
2 3 5 7 1.0 2 3 5 7 10 2 3
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V
5 7 100 2 IT08296
No.8112-3/4
2SK3617
1.2
PD -- Ta
Allowable Power Dissipation, PD -- W
20
PD -- Tc
Allowable Power Dissipation, PD -- W
1.0
15
0.8
No
0.6
he
at
sin
10
k
0.4
5
0.2
0 0 20 40 60 80 100 120 140 160
0 0 20 40 60 80 100 120 140 160
Ambient Temperature, Ta -- C
IT08297
Case Temperature, Tc -- C
IT08298
Note on usage : Since the 2SK3617 is a MOSFET product, please avoid using this device in the vicinity of highly charged objects.
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of February, 2005. Specifications and information herein are subject to change without notice.
PS No.8112-4/4


▲Up To Search▲   

 
Price & Availability of 2SK3617

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X