|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2SK3218-01 N-CHANNEL SILICON POWER MOS-FET Features High speed switching Low on-resistance No secondary breadown Low driving power Avalanche-proof FUJI POWER MOS-FET TO-220AB Applications Switching regulators UPS (Uninterruptible Power Supply) DC-DC converters 3. Source Maximum ratings and characteristicAbsolute maximum ratings (Tc=25C unless otherwise specified) Item Symbol Drain-source voltage VDS Continuous drain current ID Pulsed drain current ID(puls] Gate-source voltage VGS Maximum Avalanche Energy EAV *1 Max. power dissipation Ta=25C PD Tc=25C PD Operating and storage Tch temperature range Tstg Rating 150 40 160 30 387 1.67 135 +150 -55 to +150 Unit V A A V mJ W W C C Equivalent circuit schematic Drain(D) Gate(G) Source(S) *1 L=420H, Vcc=24V Electrical characteristics (Tc =25C unless otherwise specified) Item Drain-source breakdown voltaget Gate threshold voltage Zero gate voltage drain current Gate-source leakage current Drain-source on-state resistance Forward transcondutance Input capacitance Output capacitance Reverse transfer capacitance Turn-on time ton Turn-off time toff Avalanche capability Diode forward on-voltage Reverse recovery time Reverse recovery charge Symbol V(BR)DSS VGS(th) IDSS IGSS RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf IAV VSD trr Qrr Test Conditions ID=1mA VGS=0V ID=1mA VDS=VGS VDS=150V VGS=0V VGS=30V VDS=0V ID=20A VGS=10V ID=20A VDS=25V VDS=25V VGS=0V f=1MHz VCC=48V ID=40A VGS=10V RGS=10 L=100H Tch=25C IF=40A VGS=0V Tch=25C IF=40A VGS=0V -di/dt=100A/s Tch=25C 40 0.97 180 1.30 1.46 Min. 150 2.5 Tch=25C Tch=125C Typ. 3.0 1 0.1 10 37 25.0 2650 550 240 21 95 115 60 Max. 3.5 100 0.5 100 43 3980 830 360 32 142 173 90 Units V V A mA nA m S pF 12.5 ns A V ns C Thermalcharacteristics Item Thermal resistance Symbol Rth(ch-c) Rth(ch-a) Test Conditions channel to case channel to ambient Min. Typ. Max. 0.93 75.0 Units C/W C/W 1 2SK3218-01 Characteristics Power Dissipation PD=f(Tc) 150 10 3 FUJI POWER MOSFET Safe operating area ID=f(VDS):Single Pulse(D=0),Tc=25C 125 10 100 D.C. 2 t= 1s 10s 100s PD [W] ID [A] 75 10 1 1ms 50 10 25 T -1 0 10ms 100ms t D= t T 0 0 25 50 75 100 125 150 10 Tc [C] 10 -1 10 0 10 1 10 2 10 3 VDS [V] Typical output characteristics ID=f(VDS):80s pulse test,Tc=25C 100 15V VGS=20V 10V 80 7.0V 6.5V 60 6.0V 100 Typical transfer characteristics ID=f(VGS):80s pulse test,VDS=25V,Tch=25C ID [A] 5.5V 40 5.0V 20 4.5V 0 0 1 2 3 4 5 ID [A] 10 1 0.1 0 2 4 6 8 10 VDS [V] VGS [V] Typical forward transconductance gfs=f(ID):80s pulse test,VDS=25V,Tch=25C 10 2 Typical Drain-Source on-State Resistance RDS(on)=f(ID):80s pulse test,Tch=25C 0.12 VGS= 4.5V 0.10 5.0V 5.5V 6.0V 10 1 0.08 RDS(on) [ ] 6.5V 7.0V 0.06 10V 15V 20V 0.04 gfs [s] 10 0 0.02 10 -1 0.00 10 -1 10 0 10 1 10 2 0 20 40 60 80 100 120 ID [A] ID [A] 2 2SK3218-01 Drain-source on-state resistance RDS(on)=f(Tch):ID=20A,VGS=10V 120 5.0 4.5 100 4.0 3.5 80 FUJI POWER MOSFET Gate Threshold Voltage vs. Tch VGS(th)=f(Tch):VDS=VGS,ID=1mA max. 3.0 RDS(on)[m ] VGS(th) [V] typ. 2.5 2.0 1.5 1.0 min. 60 max. typ. 40 20 0.5 0 -50 -25 0 25 50 75 100 125 150 0.0 -50 -25 0 25 50 75 100 125 150 Tch [C] Tch [C] Typical capacitances C=f(VDS):VGS=0V,f=1MHz 100n 150 Typical Gate Charge Characteristics VGS=f(Qg):ID=40A,Tch=25C 30 125 VDS 25 VGS 10n 100 Vcc=120V 20 VGS [V] VDS [V] C [F] 75V 75 30V 15 Ciss 1n Coss 50 10 25 5 Crss 100p 0 0 0 20 40 60 80 100 120 140 160 180 200 10 -2 10 -1 10 0 10 1 10 2 VDS [V] Qg [nC] Typical Forward Characteristics of Reverse Diode -ID=f(VSD):80s pulse test,Tch=25C 100 90 80 70 10 60 10 4 Typical Switching Characteristics vs. ID t=f(ID):Vcc=48V,VGS=10V,RG=10 3 -ID [A] 50 40 t [ns] td(off) 10 30 20 10 0 0.0 10V 5V VGS=0V 2 tf tr td(on) 0.2 0.4 0.6 0.8 1.0 1.2 1.4 10 1 10 -1 10 0 10 1 10 2 VSD [V] ID [A] 3 2SK3218-01 Maximum Avalanche Current vs. starting Tch I(AV)=f(starting Tch),Non Repetitive 50 45 40 35 30 0 FUJI POWER MOSFET Transient Thermal Impedance Zth(ch-c)=f(t):D=t/T 10 1 10 D=0.5 Zth(ch-c) [C/W] 0.2 10 -1 0.1 0.05 0.02 I(AV) [A] 25 20 15 10 -2 0.01 0 t D= T t T 10 5 0 10 -3 10 0 25 50 75 100 125 150 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 t [sec] Starting Tch [C] Maximum Avalanche energy vs. starting Tch Eas=f(starting Tch):Vcc=24V,I <=40A,Non-Repetitive AV 500 400 300 Eas [mJ] 200 100 0 0 25 50 75 100 125 150 Starting Tch [C] 4 |
Price & Availability of 2SK3218-01 |