Part Number Hot Search : 
BL59A18 WM8594 ICL7601 CA3310AM 12012 T3004 AC1506 TX0246A
Product Description
Full Text Search
 

To Download 2SK3048 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power F-MOS FETs
2SK3048
Silicon N-Channel Power F-MOS FET
s Features
q Avalanche energy capacity guaranteed q High-speed switching q Low ON-resistance q No secondary breakdown
unit: mm
9.90.3 4.60.2 2.90.2
s Applications
q Contactless relay q Diving circuit for a solenoid q Driving circuit for a motor q Control equipment q Switching power supply
15.00.5
3.20.1
13.70.2 4.20.2
1.40.2 1.60.2 0.80.1
3.00.5
2.60.1
0.550.15
s Absolute Maximum Ratings (TC = 25C)
Parameter Drain to Source breakdown voltage Gate to Source voltage Drain current DC Pulse Symbol VDSS VGSS ID IDP EAS* PD Tch Tstg Ratings 600 30 3 6 22.5 35 2 150 -55 to +150 Unit V V A A mJ W C C
1 2
2.540.3 3 5.080.5
1: Gate 2: Drain 3: Source TO-220D Package
Avalanche energy capacity Allowable power dissipation Channel temperature Storage temperature
*
TC = 25C Ta = 25C
L = 5mH, IL = 3A, 1 pulse
s Electrical Characteristics (TC = 25C)
Parameter Drain to Source cut-off current Gate to Source leakage current Drain to Source breakdown voltage Gate threshold voltage Drain to Source ON-resistance Forward transfer admittance Diode forward voltage Symbol IDSS IGSS VDSS Vth RDS(on) | Yfs | VDSF Coss td(on) tr td(off) tf VDD = 200V, ID = 2A VGS = 10V, RL = 100 Conditions VDS = 480V, VGS = 0 VGS = 30V, VDS = 0 ID = 1mA, VGS = 0 VDS = 25V, ID = 1mA VGS = 10V, ID = 2A VDS = 25V, ID = 2A IDR = 3A, VGS = 0 750 VDS = 20V, VGS = 0, f = 1MHz 80 25 15 25 90 40 1.5 600 2 1.7 2.5 -1.5 5 2.5 min typ max 100 1 Unit A A V V S V pF pF pF ns ns ns ns
Input capacitance (Common Source) Ciss Output capacitance (Common Source) Reverse transfer capacitance (Common Source) Crss Turn-on time (delay time) Rise time Turn-off time (delay time) Fall time
1
Power F-MOS FETs
Area of safe operation (ASO)
100 30 10 3 1 0.3 0.1 0.03 0.01 1 3 10 30 100 300 1000 DC 10ms 100ms 60
2SK3048
PD Ta
10 (1) TC=Ta (2) Without heat sink
IAS L-load
TC=25C
Allowable power dissipation PD (W)
Non repetitive pulse TC=25C
Avalanche current IAS (A)
50
3 22.5mJ
Drain current ID (A)
t=10s 100s 1ms
40
1
30 (1) 20
0.3
10 (2) 0 0 20 40 60 80 100 120 140 160
0.1
0.1
0.3
1
3
10
Drain to source voltage VDS (V)
Ambient temperature Ta (C)
L-load (mH)
ID VDS
6 6
ID VGS
35 VDS=25V TC=25C 5
VDS VGS
TC=25C
VGS=10V
Drain to source voltage VDS (V)
Drain current ID (A)
6V 7V
5
30
Drain current ID (A)
25
4
5.5V
4
20
3 5V 2 40W 1 4.5V 4V 0 0 5 10 15 20 25
3
15
2
10 ID=3A 2A 1A 0 5 10 15 20 25 30
1 TC=125C 85C 0 0 2 4 6 8 10 12 0C 25C
5
0
Drain to source voltage VDS (V)
Gate to source voltage VGS (V)
Gate to source voltage VGS (V)
RDS(on) ID
Drain to source ON-resistance RDS(on) ()
6 7
| Yfs | ID
Input capacitance (Common source), Output capacitance (Common source), Reverse transfer capacitance (Common source) Ciss,Coss,Crss (pF)
Ciss, Coss, Crss VDS
VDS=25V 1000 f=1MHz TC=25C Ciss 300
Forward transfer admittance |Yfs| (S)
VGS=10V 5 TC=125C
6
5 TC=0C 25C 85C 125C
4
85C 3 25C
4
100 Coss 30 Crss 10
3
2
2
0C 1
1
0 0 1 2 3 4 5 6
0 0 1 2 3 4 5 6
0
20
40
60
80
100
Drain current ID (A)
Drain current ID (A)
Drain to source voltage VDS (V)
2
Power F-MOS FETs
VDS, VGS Qg
400 14 150
2SK3048
td(on), tr, tf, td(off) ID
VDD=200V VGS=10V TC=25C
300
12
Switching time td(on),tr,tf,td(off) (ns)
Drain to source voltage VDS (V)
Gate to source voltage VGS (V)
125
250 VDS
VDS=100V 200V VGS
10
100 td(off) 75
200
8
150
6
50
100
4
tf tr
50
2
25 td(on) 0 0 1 2 3 4 5
0 0 5 10 15 20 25
0
Gate charge amount Qg (nC)
Drain current ID (A)
Rth(t) t
102 (1) Without heat sink (2) With a 100 x 100 x 2mm Al heat sink (1)
Thermal resistance Rth(t) (C/W)
10
(2)
1
10-1
10-2 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
3


▲Up To Search▲   

 
Price & Availability of 2SK3048

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X