Part Number Hot Search : 
01544 CP1000 ON2173 M41T315Y TH8055 SC1454 SM4002 3D2R6C
Product Description
Full Text Search
 

To Download 2SK3046 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power F-MOS FETs
2SK3046
Silicon N-Channel Power F-MOS FET
s Features
q Avalanche energy capacity guaranteed: EAS > 130mJ q VGSS = 30V guaranteed q High-speed switching: tf = 60ns q No secondary breakdown
unit: mm
9.90.3 4.60.2 2.90.2
s Applications
q Contactless relay q Diving circuit for a solenoid q Driving circuit for a motor q Control equipment q Switching power supply
15.00.5
3.20.1
13.70.2 4.20.2
1.40.2 1.60.2 0.80.1
3.00.5
2.60.1
0.550.15
s Absolute Maximum Ratings (TC = 25C)
Parameter Drain to Source breakdown voltage Gate to Source voltage Drain current DC Pulse Symbol VDSS VGSS ID IDP EAS* PD Tch Tstg Ratings 500 30 7 14 130 40 2 150 -55 to +150 Unit V V A A mJ W C C
1 2
2.540.3 3 5.080.5
1: Gate 2: Drain 3: Source TO-220D Package
Avalanche energy capacity Allowable power dissipation Channel temperature Storage temperature
*
TC = 25C Ta = 25C
L = 5.4mH, IL = 7A, 1 pulse
s Electrical Characteristics (TC = 25C)
Parameter Drain to Source cut-off current Gate to Source leakage current Drain to Source breakdown voltage Gate threshold voltage Drain to Source ON-resistance Forward transfer admittance Diode forward voltage Symbol IDSS IGSS VDSS Vth RDS(on) | Yfs | VDSF Coss td(on) tr td(off) tf VGS = 10V, ID = 5A VDD = 150V, RL = 30 Conditions VDS = 400V, VGS = 0 VGS = 30V, VDS = 0 ID = 1mA, VGS = 0 VDS = 25V, ID = 1mA VGS = 10V, ID = 4A VDS = 25V, ID = 4A IDR = 7A, VGS = 0 1200 VDS = 20V, VGS = 0, f = 1MHz 160 70 30 70 140 60 3 500 2 0.7 5 -1.6 5 1 min typ max 0.1 1 Unit mA A V V S V pF pF pF ns ns ns ns
Input capacitance (Common Source) Ciss Output capacitance (Common Source) Reverse transfer capacitance (Common Source) Crss Turn-on time (delay time) Rise time Turn-off time (delay time) Fall time
1
Power F-MOS FETs
Area of safe operation (ASO)
100 30 10 3 1 0.3 10ms 0.1 100ms 0.03 0.01 1 3 10 30 100 300 1000 60
2SK3046
PD Ta
100
EAS Tj
Avalanche energy capacity EAS (mJ)
Allowable power dissipation PD (W)
Non repetitive pulse TC=25C t=10s
(1) TC=Ta (2) Without heat sink 50
80
Drain current ID (A)
40 (1) 30
DC 100s 1ms
60
40
20
10 (2) 0 0 20 40 60 80 100 120 140 160
20
0 25
50
75
100
125
150
175
Drain to source voltage VDS (V)
Ambient temperature Ta (C)
Junction temperature Tj (C)
ID VDS
16 TC=25C 14 VGS=15V 10V 8 12 10 8 6 4 5V 2 0 0 10 20 30 40 50W 4V 50 60 0 0 2 5.5V 7V 6V 10
ID VGS
6 VDS=25V TC=0C 25C 150C 100C
Vth TC
VDS=25V ID=1mA 5
Gate threshold voltage Vth (V)
10 12
Drain current ID (A)
Drain current ID (A)
4
6
3
4
2
2
1
0 4 6 8 0 25 50 75 100 125 150
Drain to source voltage VDS (V)
Gate to source voltage VGS (V)
Case temperature TC (C)
VDS VGS
Drain to source ON-resistance RDS(on) ()
40 TC=25C 2.4
RDS(on) ID
6
| Yfs | ID
Forward transfer admittance |Yfs| (S)
VGS=10V VDS=25V TC=25C 5
Drain to source voltage VDS (V)
2.0
30
1.6 TC=150C 1.2 100C
4
20
3
ID=14A 10
1.75A
0.8
25C 0C
2
7A 3.5A 5 10 15 20 25 30
0.4
1
0 0
0 0 2 4 6 8 10
0 0 2 4 6 8 10
Gate to source voltage VGS (V)
Drain current ID (A)
Drain current ID (A)
2
Power F-MOS FETs
Ciss, Coss, Crss VDS
Input capacitance (Common source), Output capacitance (Common source), Reverse transfer capacitance (Common source) Ciss,Coss,Crss (pF)
10000 f=1MHz TC=25C
2SK3046
VDS, VGS Qg
400 16 14 12 VDS 10 8 6 4 2 0 60 300 ID=8A TC=25C
td(on), tr, tf, td(off) ID
VDD=200V VGS=10V TC=25C
Drain to source voltage VDS (V)
Gate to source voltage VGS (V)
350 300 250 200 150 100 50 0 0 10 20 30 40
Switching time td(on),tr,tf,td(off) (ns)
Ciss
250
1000
200
100
Coss Crss
150 td(on) 100 tf tr 50 td(off)
VGS
10
1 0 50 100 150 200
0 0 2 4 6 8 10
50
Drain to source voltage VDS (V)
Gate charge amount Qg (nC)
Drain current ID (A)
Rth(t) t
102 (1) Without heat sink (2) With a 100 x 100 x 2mm Al heat sink (1)
Thermal resistance Rth(t) (C/W)
10
(2)
1
10-1
10-2 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
3


▲Up To Search▲   

 
Price & Availability of 2SK3046

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X