Part Number Hot Search : 
MB96350 4815D MAX11 CY621 ACM90V IRF740 ERIES SC518
Product Description
Full Text Search
 

To Download 2SK3044 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power F-MOS FETs
2SK3044
Silicon N-Channel Power F-MOS FET
s Features
q Avalanche energy capacity guaranteed: EAS > 130mJ q VGSS = 30V guaranteed q High-speed switching: tf = 50ns q No secondary breakdown
unit: mm
9.90.3 4.60.2 2.90.2
s Applications
q Contactless relay q Diving circuit for a solenoid q Driving circuit for a motor q Control equipment q Switching power supply
15.00.5
3.20.1
13.70.2 4.20.2
1.40.2 1.60.2 0.80.1
3.00.5
2.60.1
0.550.15
s Absolute Maximum Ratings (TC = 25C)
Parameter Drain to Source breakdown voltage Gate to Source voltage Drain current DC Pulse Symbol VDSS VGSS ID IDP EAS* PD Tch Tstg Ratings 450 30 7 14 100 40 2 150 -55 to +150 Unit V V A A mJ W C C
1 2
2.540.3 3 5.080.5
1: Gate 2: Drain 3: Source TO-220D Package
Avalanche energy capacity Allowable power dissipation Channel temperature Storage temperature
*
TC = 25C Ta = 25C
L = 4.1mH, IL = 8A, VDD = 50V, 1 pulse
s Electrical Characteristics (TC = 25C)
Parameter Drain to Source cut-off current Gate to Source leakage current Drain to Source breakdown voltage Gate threshold voltage Drain to Source ON-resistance Forward transfer admittance Diode forward voltage Symbol IDSS IGSS VDSS Vth RDS(on) | Yfs | VDSF Coss td(on) tr td(off) tf VGS = 10V, ID = 4A VDD = 150V, RL = 37.5 Conditions VDS = 360V, VGS = 0 VGS = 30V, VDS = 0 ID = 1mA, VGS = 0 VDS = 25V, ID = 1mA VGS = 10V, ID = 4A VDS = 25V, ID = 4A IDR = 8A, VGS = 0 1300 VDS = 20V, VGS = 0, f = 1MHz 160 70 25 45 150 50 3 450 2 0.56 5 -1.7 5 0.75 min typ max 0.1 1 Unit mA A V V S V pF pF pF ns ns ns ns
Input capacitance (Common Source) Ciss Output capacitance (Common Source) Reverse transfer capacitance (Common Source) Crss Turn-on time (delay time) Rise time Turn-off time (delay time) Fall time
1
Power F-MOS FETs
Area of safe operation (ASO)
100 30 10 3 1 0.3 10ms 0.1 100ms 0.03 0.01 1 3 10 30 100 300 1000 DC 100s 1ms 60
2SK3044
PD Ta
100
EAS Tj
Avalanche energy capacity EAS (mJ)
Allowable power dissipation PD (W)
Non repetitive pulse TC=25C t=10s
(1) TC=Ta (2) Without heat sink 50
80
Drain current ID (A)
40 (1) 30
60
40
20
10 (2) 0 0 20 40 60 80 100 120 140 160
20
0 25
50
75
100
125
150
175
Drain to source voltage VDS (V)
Ambient temperature Ta (C)
Junction temperature Tj (C)
ID VDS
16 14 12 10 8 6V 6 4 2 0 0 10 20 30 40 50 60 5.5V VGS=15V 10V 8 TC=25C 10
ID VGS
6 VDS=25V 25C 100C
Vth TC
VDS=25V ID=1mA 5
Drain current ID (A)
Drain current ID (A)
7V
TC=0C
150C
Gate threshold voltage Vth (V)
10 12
4
6
3
4
2
2 5V 50W 0 0 2 4 6 8
1
0 0 25 50 75 100 125 150
Drain to source voltage VDS (V)
Gate to source voltage VGS (V)
Case temperature TC (C)
RDS(on) ID
Drain to source ON-resistance RDS(on) ()
VGS=10V 2.0
RDS(on) ID
Drain to source ON-resistance RDS(on) ()
2.4 12
| Yfs | ID
Forward transfer admittance |Yfs| (S)
TC=25C VDS=25V TC=25C 10
2.4
2.0
1.6 TC=150C 100C 0.8 25C 0.4 0C
1.6
8
1.2
1.2
6
0.8 VGS=10V 0.4 15V
4
2
0 0 2 4 6 8 10
0 0 2 4 6 8 10
0 0 2 4 6 8 10
Drain current ID (A)
Drain current ID (A)
Drain current ID (A)
2
Power F-MOS FETs
Ciss, Coss, Crss VDS
Input capacitance (Common source), Output capacitance (Common source), Reverse transfer capacitance (Common source) Ciss,Coss,Crss (pF)
10000 3000 1000 300 100 Coss 30 10 3 1 0 50 100 150 200 250 Crss f=1MHz TC=25C
2SK3044
VDS, VGS Qg
400 16 14 12 10 8 6 4 VGS 50 0 0 10 20 30 40 50 2 0 60 300 ID=8A TC=25C
td(on), tr, tf, td(off) ID
VDD=150V VGS=10V TC=25C
Drain to source voltage VDS (V)
Gate to source voltage VGS (V)
350 300 250 200 150 100
Switching time td(on),tr,tf,td(off) (ns)
250
Ciss
200
VDS
150 td(off) 100 tf 50 tr td(on) 0 0 2 4 6 8 10
Drain to source voltage VDS (V)
Gate charge amount Qg (nC)
Drain current ID (A)
Rth(t) t
102 (1) Without heat sink (2) With a 100 x 100 x 2mm Al heat sink (1)
Thermal resistance Rth(t) (C/W)
10
(2)
1
10-1
10-2 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
3


▲Up To Search▲   

 
Price & Availability of 2SK3044

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X