Part Number Hot Search : 
0TRPBF TB439 WH1602B 1N535 MSM51 TDA8132 TIP12 00506
Product Description
Full Text Search
 

To Download 2SK2613 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK2613
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (F-MOSIII)
2SK2613
Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
* * * * Low drain-source ON resistance: RDS (ON) = 1.4 (typ.) High forward transfer admittance: iYfsi = 6.0 S (typ.) Low leakage current: IDSS = 100 A (max) (VDS = 800 V) Enhancement-model: Vth = 2.0~4.0 V (VDS = 10 V, ID = 1 mA) Unit: mm
Maximum Ratings (Ta = 25C)
Characteristics Drain-source voltage Drain-gate voltage (RGS = 20 kW) Gate-source voltage Drain current DC Pulse (Note 1) (Note 1) Symbol VDSS VDGR VGSS ID IDP PD EAS IAR EAR Tch Tstg Rating 1000 1000 30 8 24 150 910 8 15 150 -55~150 Unit V V V A W mJ A mJ C C 1. GATE 2. DRAIN (HEAT SINK) 3. SOURSE
Drain power dissipation (Tc = 25C) Single pulse avalanche energy (Note 2) Avalanche current Repetitive avalanche energy (Note 3) Channel temperature Storage temperature range
JEDEC JEITA TOSHIBA
2-16C1B
Weight: 4.6 g (typ.)
Thermal Characteristics
Characteristics Thermal resistance, channel to case Thermal resistance, channel to ambient Symbol Rth (ch-c) Rth (ch-a) Max 0.833 50 Unit C/W C/W
Note 1: Please use devices on condition that the channel temperature is below 150C. Note 2: VDD = 90 V, Tch = 25C, L = 26.3 mH, RG = 25 W, IAR = 8 A Note 3: Repetitive rating: Pulse width limited by max junction temperature This transistor is an electrostatic sensitive device. Please handle with caution.
1
2002-08-09
2SK2613
Electrical Characteristics (Ta = 25C)
Characteristics Gate leakage current Drain-source breakdown voltage Drain cut-OFF current Drain-source breakdown voltage Gate threshold voltage Drain-source ON resistance Forward transfer admittance Input capacitance Reverse transfer capacitance Output capacitance Rise time Symbol IGSS V (BR) GSS IDSS V (BR) DSS Vth RDS (ON) iYfsi Ciss Crss Coss tr ton tf VDS = 25 V, VGS = 0 V, f = 1 MHz Test Condition VGS = 30 V, VDS = 0 V IG = 10 mA, VDS = 0 V VDS = 800 V, VGS = 0 V ID = 10 mA, VGS = 0 V VDS = 10 V, ID = 1 mA VGS = 10 V, ID = 4 A VDS = 20 V, ID = 4 A Min 3/4 30 3/4 1000 2.0 3/4 2.0 3/4 3/4 Typ. 3/4 3/4 3/4 3/4 3/4 1.4 6.0 2000 30 200 20 Max 10 3/4 100 3/4 4.0 1.7 3/4 3/4 3/4 pF Unit mA V mA V V W S
3/4
10 V VGS 0V 4.7 9 ID = 4 A
3/4 3/4 3/4
ns
3/4
VOUT
Turn-ON time Switching time Fall time
3/4
RL = 100 W
40
3/4
VDD ~ 400 V 3/4
30
3/4 3/4
3/4 3/4 3/4 nC
Turn-OFF time Total gate charge (gate-source plus gate-drain) Gate-source charge Gate-drain ("miller") charge
toff
Duty < 1%, tw = 10 ms =
100
Qg Qgs Qgd VDD ~ 400 V, VGS = 10 V, ID = 8 A -
3/4 3/4 3/4
65 40 25
Source-Drain Ratings and Characteristics (Ta = 25C)
Characteristics Continuous drain reverse current (Note 1) Pulse drain reverse current Forward voltage (diode) Reverse recovery time Reverse recovery charge (Note 1) Symbol IDR IDRP VDSF trr Qrr Test Condition 3/4 3/4 IDR = 8 A, VGS = 0 V IDR = 8 A, VGS = 0 V, dIDR/dt = 100 A/ms Min 3/4 3/4 3/4 3/4 3/4 Typ. 3/4 3/4 3/4 1600 24 Max 8 24 -1.9 3/4 3/4 Unit A A V ms mC
Marking
K2613
Lot Number
Type
Month (starting from alphabet A) Year (last number of the christian era)
2
2002-08-09
2SK2613
ID - VDS
10 Common source Tc = 25C Pulse test 20 15 10 6.0 5.75 16 Common source Tc = 25C Pulse test
ID - VDS
15 10 6.5
8
(A)
(A)
6.25 12 6.0 5.75 5.5 4 5.25 VGS = 5.0 V
ID
6
Drain current
4
5.25 5.0
Drain current
ID
5.5
8
2
VGS = 4.75 V
0
0
4
8
12
16
20
0
0
20
40
60
80
100
Drain-source voltage
VDS
(V)
Drain-source voltage
VDS
(V)
ID - VGS
20 Common source VSD = 20 V Pulse test 20
VDS - VGS
Common source Tc = 25C Pulse test
16
(V) VDS
16
(A)
ID
12
12
ID = 8 A
8
Drain-source voltage
Drain current
25
8 4 4 2 0
4 100 0 Tc = -55C 0 2 4 6 8 10
0
4
8
12
16
20
Gate-source voltage
VGS
(V)
Gate-source voltage
VGS
(V)
iYfsi - ID
100 Common source VSD = 20 V Pulse test 10
(S)
RDS (ON) - ID
Common source Tc = 25C Pulse test
iYfsi
Drain-source on resistance RDS (ON) (9)
Forward transfer admittance
10 25 Tc = -55C 100 1
5 3
1 0.5 0.3
VGS = 10,15
0.1 0.1
1
10
100
0.1 0.1
0.3
1
3
10
30
Drain current
ID
(A)
Drain current
ID
(A)
3
2002-08-09
2SK2613
RDS (ON) - Tc
5 Common source VGS = 10 V Pulse test 100
IDR - VDS
RDS (ON)
(W)
4
(A) Drain reverse current IDR
10
Drain-source on resistance
3
1
2
ID = 8 A 2
4
0.1
10 3 1 VGS = 0, -1 V -0.6 -0.8 -1.0 -1.2
1
0 -80
-40
0
40
80
160
0
0
-0.2
-0.4
Case temperature
Tc
(C)
Drain-source voltage
VDS
(V)
Capacitance - VDS
10000 5
Vth - Tc
Common source VDS = 10 V ID = 1 mA Pulse test
Gate threshold voltage Vth (V)
Ciss
4
(pF)
1000
Capacitance C
3
Coss 100 Common source VGS = 0 V f = 1 MHz Tc = 25C 10 0.1 1 10
2
Crss
1
100
1000
Drain-source voltage
VDS
(V)
0 -80
-40
0
40
80
120
160
Case temperature Tc
(C)
PD - Tc
200 500
Dynamic input/output characteristics
Common source ID = 8 A Tc = 25C Pulse test 20
(W)
(V)
160
400
16
PD
VDS
Drain power dissipation
Drain-source voltage
VDS 200 400 VGS 100
200 8
80
40
4
0 0
40
80
120
160
200
0 0
20
40
60
80
0 100
Case temperature
Tc
(C)
Total gate charge Qg (nC)
4
2002-08-09
Gate-source voltage
120
300
VDS = 100 V
12
VGS
(V)
2SK2613
rth - tw
10
Normalized transient thermal impedance rth (t)/Rth (ch-a)
1
Duty = 0.5 0.2
0.1
0.1 0.05 0.02 0.01 Single pulse PDM t T Duty = t/T Rth (ch-c) = 0.833C/W
0.01
0.001 10 m
100 m
1m
10 m
100 m
1
10
Pulse width
tw
(S)
Safe operating area
100 50 30 ID max (pulsed) * 10 ID max (continuous) 100 ms * 1 ms * DC Operation Tc = 25C 1000
EAS - Tch
(mJ) Avalanche energy EAS
800
(A)
Drain current
ID
5 3 1 0.5 0.3 0.1
600
400
200
* Single nonrepetitive pulse 0.05 Tc = 25C 0.03 Curves must be derated linearly 0.01 1 with increase in temperature. 3 10 30 100 300
VDSS max 1000 3000 10000
0 25
50
75
100
125
150
Channel temperature (initial) Tch
(C)
Drain-source voltage
VDS
(V)
15 V -15 V
BVDSS IAR VDD VDS
Test circuit RG = 25 W VDD = 90 V, L = 26.3 mH
AS =
Wave form
ae o 1 B VDSS / x L x I2 x c cB / 2 VDSS - VDD o e
5
2002-08-09
2SK2613
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
6
2002-08-09


▲Up To Search▲   

 
Price & Availability of 2SK2613

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X