Part Number Hot Search : 
0413T BSP452 ATMEGA16 C2002 8108A TB62734 TDA7449L BD678G
Product Description
Full Text Search
 

To Download 2SK2424 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK2424
Silicon N Channel MOS FET
Application
High speed power switching
TO-220CFM
Features
* * * * * Low on-resistance High speed switching Low drive current No Secondary Breakdown Suitable for Switching regulator, DC - DC converter
2
12
1
3 1. Gate 2. Drain 3. Source
3
Table 1 Absolute Maximum Ratings (Ta = 25C)
Item Drain to source voltage Gate to source voltage Drain current Drain peak current Body-drain diode reverse drain current Channel dissipation Channel temperature Storage temperature Symbol VDSS VGSS ID ID(pulse)* IDR Pch** Tch Tstg Ratings 450 30 8 32 8 35 150 -55 to +150 Unit V V A A A W C C
-------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- * PW 10 s, duty cycle 1 % ** Value at Tc = 25 C
2SK2424
Table 2 Electrical Characteristics (Ta = 25C)
Item Drain to source breakdown voltage Gate to source breakdown voltage Gate to source leak current Zero gate voltage drain current Gate to source cutoff voltage Static drain to source on state resistance Forward transfer admittance Symbol V(BR)DSS V(BR)GSS IGSS IDSS VGS(off) RDS(on) |yfs| Ciss Coss Crss td(on) tr td(off) tf VDF trr Min 450 Typ -- Max -- Unit V Test conditions ID = 10 mA, VGS = 0 IG = 100 A, VDS = 0 VGS = 25 V, VDS = 0 VDS =450 V, VGS = 0 ID = 1 mA, VDS = 10 V ID = 4 A VGS = 10 V * ID = 4 A VDS = 10 V * VDS = 10 V VGS = 0 f = 1 MHz ID = 4 A VGS = 10 V RL = 7.5
-------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
30 -- -- V
--------------------------------------------------------------------------------------
-- -- 2.0 -- -- -- -- 0.4 10 250 3.0 0.55 A A V
-------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
5.0 7.5 -- S
--------------------------------------------------------------------------------------
Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Body-drain diode forward voltage Body-drain diode reverse recovery time * Pulse Test See characteristics curves of 2SK1165. -- -- -- -- -- -- -- -- 1450 410 55 20 55 130 50 0.95 -- -- -- -- -- -- -- -- pF pF pF ns ns ns ns V IF = 8 A, VGS = 0 IF = 8 A, VGS = 0, diF / dt = 100 A / s
---------------------------------------------------------------- ---------------------------------------------------------------- -------------------------------------------------------------------------------------- ---------------------------------------------------------------- ---------------------------------------------------------------- ---------------------------------------------------------------- -------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
-- 380 -- ns
--------------------------------------------------------------------------------------


▲Up To Search▲   

 
Price & Availability of 2SK2424

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X