Part Number Hot Search : 
RATIO K4558 36256 IS42S16 BAS70W 0F103Z ULS200X 5NK50
Product Description
Full Text Search
 

To Download 2SD965B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UTC 2SD965B
LOW VOLTAGE HIGH CURRENT NPN TRANSISTOR
FEATURES
* Collector current up to 5A * 2SD965B : Collector-Emitter voltage up to 30 V
NPN EPITAXIAL SILICON TRANSISTOR
APPLICATIONS
* Audio amplifier * Flash unit of camera * Switching circuit
1
TO-92
1: EMITTER
2: COLLECTOR 3: BASE
*Pb-free plating product number: 2SD965BL
ABSOLUTE MAXIMUM RATINGS
( Ta=25C ) PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector dissipation(Ta=25C) Collector current Junction Temperature Storage Temperature SYMBOL VCBO VCEO VEBO Pc Ic Tj TSTG RATINGS 40 30 7 750 5 150 -65 ~ +150 UNIT V V V mW A C C
ELECTRICAL CHARACTERISTICS
(Ta=25C,unless otherwise specified) PARAMETER SYMBOL Collector-base breakdown voltage BVCBO Collector-emitter breakdown BVCEO voltage Emitter-base breakdown voltage BVEBO Collector cut-off current ICBO Emitter cut-off current IEBO hFE 1 DC current gain(note) hFE 2 hFE 3 Collector-emitter saturation voltage VCE(sat) Current gain bandwidth product fT Output capacitance Cob TEST CONDITIONS Ic=100A,IE=0 Ic=1mA,IB=0 IE=10A,Ic=0 VCB=30V,IE=0 VEB=7V,Ic=0 VCE=2V,Ic=1mA VCE=2V,Ic=0.5A VCE=2V,Ic=2A Ic=3A, IB= 0.1A VCE=6V,Ic=50mA VCB=20V,IE=0, f=1MHz MIN 40 30 7 200 200 200 230 150 150 50 800 1 V MHz pF TYP MAX UNIT V V V nA nA
CLASSIFICATION OF hFE2
RANK RANGE Q 230-380 R 340-600 S 560-800
UTC
UNISONIC TECHNOLOGIES CO. LTD
1
QW-R201-078,B
www.unisonic.com.tw
UTC 2SD965B
TYPICAL CHARACTERISTIC CURVES
Fig.1 Static characteristics
3.0
NPN EPITAXIAL SILICON TRANSISTOR
Fig.2 DC current Gain
10 3
Fig.3 Base-Emitter on Voltage
IB=3.0mA IB=2.5mA IB=2.0mA
Ic,Collector current (A)
2.5
HFE, DC current Gain
10
2
2.0
IB=1.5mA
1.5
VCE=2V
IB=1.0mA IB=0.5mA
10
1
1.0
0 0 0.4 0.8 1.2 1.6 2.0
10
0 -1 10 10 1 10 2 10 3 10 4
Collector-Emitter voltage ( V)
Ic,Collector current (mA)
Fig.4 Saturation voltage
10 4 10 3
Fig.5 Current gain-bandwidth product
10 3
Fig.6 Collector output Capacitance
Ic=10*IB
Current Gain-bandwidth product,fT(MHz)
Saturation voltage (mV)
Cob,Capacitance (pF)
VCE=6V VBE(sat)
2
10
3
10
10
2
f=1MHz IE=0
VCE(sat)
10 2
10
1
10
1
10
1 0 10 10 1 10 2 10 3 10 4
10
0 10 0 10 1 10 2 10 3
10
0 10 -1 10 0 10 1 10 2
Ic,Collector current (mA)
Ic,Collector current (mA)
Collector-Base voltage (V)
UTC
UNISONIC TECHNOLOGIES CO. LTD
2
QW-R201-078,B
www.unisonic.com.tw
UTC 2SD965B
NPN EPITAXIAL SILICON TRANSISTOR
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UTC
UNISONIC TECHNOLOGIES CO. LTD
3
QW-R201-078,B
www.unisonic.com.tw


▲Up To Search▲   

 
Price & Availability of 2SD965B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X