Part Number Hot Search : 
BU2099 9S12DG 04M0DC TL082BMP SMCJXXX H8S2245 HF118F ACTS541K
Product Description
Full Text Search
 

To Download 2SD2573 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SD2573
Silicon NPN triple diffusion planar type
For high current amplification, power amplification
7.50.2
Unit: mm
4.50.2
16.01.0
Absolute Maximum Ratings Ta = 25C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Emitter-base voltage (Collector open) Collector current Peak collector current Collector power dissipation TC = 25C Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Rating 80 60 6 3 6 1.5 150 -55 to +150 Unit V V V A A W C C
2.50.1
* Low collector-emitter saturation voltage VCE(sat) * Allowing supply with the radial taping
10.80.2
0.650.1
0.850.1 1.00.1 0.8 C
90
Features
3.80.2
0.8 C
0.70.1 0.70.1 1.150.2 1.150.2
0.50.1 0.8 C 1 2 3 2.050.2
0.40.1
2.50.2
2.50.2
1: Emitter 2: Collector 3: Base MT-3-A1 Package
Electrical Characteristics Ta = 25C 3C
Parameter Collector-emitter voltage (Base open) Collector-base cutoff current (Emitter open) Collector-emitter cutoff current (Base open) Emitter-base cutoff current (Collector open) Forward current transfer ratio * Collector-emitter saturation voltage Transition frequency Symbol VCEO ICBO ICEO IEBO hFE VCE(sat) fT Conditions IC = 25 mA, IB = 0 VCB = 80 V, IE = 0 VCE = 40 V, IB = 0 VEB = 6 V, IC = 0 VCE = 4 V, IC = 0.5 A IC = 2 A, IB = 0.05 A VCE = 12 V, IC = 0.2 A, f = 10 MHz 50 500 Min 60 100 100 100 2 500 1.0 Typ Max Unit V A A A V MHz
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors. 2. *: Rank classification Rank hFE P 500 to 1 000 Q 800 to 1 500 R 1 200 to 2 500
Publication date: September 2003
SJD00278BED
1
2SD2573
PC Ta
2.0
Without heat sink
IC VCE
Collector-emitter saturation voltage VCE(sat) (V)
3.6
Ta=25C
VCE(sat) IC
10
IC/IB=40
Collector power dissipation PC (W)
1.6
3.0
IB=5.0mA
Collector current IC (A)
2.4
1.2
1.8
4.5mA 4.0mA 3.5mA 3.0mA 2.5mA 2.0mA 1.5mA
1
Ta=75C
10-1
Ta=25C
0.8
1.2
1.0mA 0.5mA
10-2
Ta=-25C
0.4
0.6
0
0
40
80
120
160
0
0
2
4
6
8
10
12
10-3 0.01
0.1
1
10
Ambient temperature Ta (C)
Collector-emitter voltage VCE (V)
Collector current IC (A)
hFE IC
Collector output capacitance C (pF) (Common base, input open circuited) ob
2 400
VCE=4V
Cob VCB
90
IE=0 f=1MHz Ta=25C
Forward current transfer ratio hFE
2 000
Ta=75C
75
1 600
Ta=25C
60
1 200
45
800
Ta=-25C
30
400
15
0
0
1
10
100
1 000
1
10
100
Collector current IC (A)
Collector-base voltage VCB (V)
2
SJD00278BED
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technical information described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the technical information as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2003 SEP


▲Up To Search▲   

 
Price & Availability of 2SD2573

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X