Part Number Hot Search : 
TMBAT49 MSB61DA T1500 31BZT 24LC32 KIC9256P BD4148 B0110
Product Description
Full Text Search
 

To Download 2SD2558 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Equivalent circuit
C
Darlington
2SD2558
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) fT COB Conditions VCB=200V VEB=6V IC=10mA VCE=5V, IC=1A IC=1A, IB=5mA VCE=10V, IE=-0.5A VCB=10V, f=1MHz 2SD2558 100max 5max 200min 1500 to 6500 1.5max 15typ 110typ V MHz
16.2
B
(7 0 )
E
Silicon NPN Triple Diffused Planar Transistor sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SD2558 200 200 6 5 2 60(Tc=25C) 150 -55 to +150 Unit V V V A A W C C
Application : Series Regulator and General Purpose
(Ta=25C) Unit
External Dimensions FM100(TO3PF)
0.80.2 15.60.2 5.50.2 3.45 0.2 5.5 o3.30.2 1.6
A
23.00.3
V
9.50.2
mA
a b
pF
1.75 2.15 1.05 +0.2 -0.1 5.450.1 1.5 4.4 5.450.1 1.5 0.65 +0.2 -0.1
3.3
0.8
3.35
B
C
E
Weight : Approx 6.5g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
5
IB = 1 .0
2 m 50 A
VCE( sat ) - IB Characteristics (Typical)
I C - V BE Temperature Characteristics (Typical)
5 (VCE=4V)
A
50
mA
10 mA
4 Collector Current I C( A)
3
1 .2 m
A
Collector Current I C( A)
2.5
mA
4
3
em p) mp)
(Cas
(C
0 .3 m
1
as
A
0
0
2
4
6
0
0
1
25C
1
-30C (C
12
5C
ase Tem
2
2
eT
e Te
p)
0 .6 m
A
2
2.5
Collector-Emitter Voltage V C E( V)
Base-Emittor Voltage V B E( V)
(VCE=5V) 8000 5000 DC C urrent G ain h FE
C 125 C 25
-30 C
j - a( C/W)
hFE - I C Characteristics (Typical)
hFE - I C Temperature Characteristics (Typical)
j-a - t Characteristics
5.0
1000 500
Transient Thermal Resistance
100 50
1.0
0.5 0.3
10 5 0.02
0.1
0.5
1
5
1
5
10
50 100 Time t(ms)
500 1000 2000
Collector Current I C( A)
fT - IE Characteristics (Typical)
30
Safe Operating Area (Single Pulse)
60
P c - T a Derating
10 Collector Curre nt I C( A) 5
Maxim um Power Dissip ation P C( W)
40
1 0.5 Without Heatsink Natural Cooling 0.1 0.05 5 10 50 100 300
20
Without Heatsink 3.5 0 0 25 50 75 100 125 150
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
3.0
1m s
W ith In fin ite he at si nk
157


▲Up To Search▲   

 
Price & Availability of 2SD2558

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X