Part Number Hot Search : 
SF1608GD TD221I K3010 D1631 2SD1407 SZ5730L BAT85 302A0
Product Description
Full Text Search
 

To Download 2SD2466A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SD2466, 2SD2466A
Silicon NPN epitaxial planar type
For low-voltage switching Complementary to 2SB1604
Unit: mm
s Features
q q q
(TC=25C)
Ratings 40 50 20 40 5 20 10 40 2 150 -55 to +150 Unit V
Parameter Collector to base voltage Collector to 2SD2466 2SD2466A 2SD2466
Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
4.10.2 8.00.2 Solder Dip
s Absolute Maximum Ratings
15.00.3
3.00.2
Low collector to emitter saturation voltage VCE(sat) High-speed switching Full-pack package with outstanding insulation, which can be installed to the heat sink with one screw
4.60.2 3.20.1 9.90.3 2.90.2
13.7-0.2
+0.5
1.20.15 1.450.15 0.750.1 2.540.2 5.080.4 123
2.60.1 0.70.1
emitter voltage 2SD2466A Emitter to base voltage Peak collector current Collector current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature
V V
7
A A W C C
1:Base 2:Collector 3:Emitter TO-220E Full Pack Package
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage 2SD2466 2SD2466A 2SD2466 2SD2466A
(TC=25C)
Symbol ICBO IEBO VCEO hFE1 hFE2* VCE(sat) VBE(sat) fT Cob ton tstg tf Conditions VCB = 40V, IE = 0 VCB = 50V, IE = 0 VEB = 5V, IC = 0 IC = 10mA, IB = 0 VCE = 2V, IC = 0.1A VCE = 2V, IC = 3A IC = 10A, IB = 0.33A IC = 10A, IB = 0.33A VCE = 10V, IC = 0.5A, f = 10MHz VCB = 10V, IE = 0, f = 1MHz IC = 3A, IB1 = 0.1A, IB2 = - 0.1A, VCC = 20V 120 200 0.3 0.4 0.1 20 40 45 90 260 0.6 1.5 V V MHz pF s s s min typ max 50 50 50 Unit A A V
Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Collector output capacitance Turn-on time Storage time Fall time
*h FE2
Rank classification
Q 90 to 180 P 130 to 260
Rank hFE2
1
Power Transistors
PC -- Ta
80 10 (1) TC=Ta (2) With a 100 x 100 x 2mm Al heat sink (3) Without heat sink (PC=2.0W) TC=25C IB=100mA 90mA 80mA 70mA 6 60mA 50mA 40mA 4 30mA 20mA 2 10 0 0 20 40 60 80 100 120 140 160 (2) (3) 0 0 1 2 3 4 5 6 10mA
2SD2466, 2SD2466A
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
10
VCE(sat) -- IC
IC/IB=20
Collector power dissipation PC (W)
70 60 50 40 30 20 (1)
Collector current IC (A)
8
3 TC=100C 1 25C 0.3 -25C 0.1
0.03
0.01 0.1
0.3
1
3
10
30
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
Base to emitter saturation voltage VBE(sat) (V)
10 IC/IB=20 1000
hFE -- IC
1000 VCE=10V
fT -- IC
VCE=10V f=10MHz TC=25C
Forward current transfer ratio hFE
3 25C -25C TC=100C
300 TC=100C 100 25C -25C 30
Transition frequency fT (MHz)
3 10 30
300 100 30 10 3 1 0.3 0.1 0.01 0.03
1
0.3
0.1
10
0.03
3
0.01 0.1
0.3
1
3
10
30
1 0.1
0.3
1
0.1
0.3
1
3
10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
ton, tstg, tf -- IC
100 30 Pulsed tw=1ms Duty cycle=1% IC/IB=30 (IB1=-IB2) VCC=20V TC=25C
Area of safe operation (ASO)
100 30 ICP Non repetitive pulse TC=25C t=10ms 1ms
Switching time ton,tstg,tf (s)
Collector current IC (A)
10 3 1 0.3 0.1 0.03 0.01 0 1 2
10 3 1 0.3 0.1 0.03 0.01
IC DC
ton tstg tf
3
4
5
1
3
10
30
2SD2466A
100
2SD2466
300
1000
Collector current IC (A)
Collector to emitter voltage VCE (V)
2
Power Transistors
Rth(t) -- t
103 (1) Without heat sink (2) With a 100 x 100 x 2mm Al heat sink
2SD2466, 2SD2466A
Thermal resistance Rth(t) (C/W)
102
(1)
10
(2)
1
10-1
10-2 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
3


▲Up To Search▲   

 
Price & Availability of 2SD2466A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X