Part Number Hot Search : 
UF5401G DL4751A 00BZXC MIW1114 PG4007 1014A AD261 MPS2222A
Product Description
Full Text Search
 

To Download 2SD2402 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
SILICON TRANSISTOR
2SD2402
NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
The 2SD2402 is a transistor featuring high current capacitance in small dimension. This transistor is ideal for DC/DC converters and motor drivers.
PACKAGE DRAWING (UNIT: mm)
FEATURES
* High current capacitance * Low collector saturation voltage * Complementary transistor with 2SB1571
ABSOLUTE MAXIMUM RATINGS (Ta = 25C)
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current (DC) Collector current (pulse) Symbol VCBO VCEO VEBO IC(DC) IC(pulse) PW 10 ms duty cycle 50 % Conditions Ratings 50 30 6.0 5.0 8.0 Unit V V V A A
Base current (DC) Base current (pulse)
IB(DC) IB(pulse) PW 10 ms duty cycle 50 % 16 cm2 x 0.7 mm ceramic board mounted
0.2 0.4
A A
Total power dissipation Junction temperature Storage temperature
PT Tj Tstg
2.0 150 -55 to +150
W C C
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability and additional information.
Document No. D16155EJ2V0DS00 (2nd edition) Date Published April 2002 N CP(K) Printed in Japan
(c)
2002 1998
2SD2402
ELECTRICAL CHARACTERISTICS (Ta = 25C)
Parameter Collector cutoff current Emitter cutoff current DC current gain DC current gain DC base voltage Collector saturation voltage Collector saturation voltage Base saturation voltage Gain bandwidth product Output capacitance Turn-on time Storage time Fall time Symbol ICBO IEBO hFE1 hFE2 VBE VCE(sat)1 VCE(sat)2 VBE(sat) fT Cob ton tstg tf Conditions VCB = 50 V, IE = 0 VEB = 6.0 V, IC = 0 VCE = 1.0 V, IC = 1.0 A VCE = 1.0 V, IC = 2.0 A VCE = 1.0 V, IC = 0.1 A IC = 3.0 V, IB = 0.15 A IC = 5.0 V, IB = 0.25 A IC = 3.0 V, IB = 0.15 A VCE = 10 V, IE = -0.5 A VCB = 10 V, IE = 0, f = 1 MHz IC = 2.0 A, VCC= 10 V IB1 = -IB2 = 0.1 A RL = 500 80 100 600 200 650 140 230 0.88 170 60 275 485 45 400 700 300 500 1.2 MIN. TYP. MAX. 100 100 Unit nA nA - - mV mV mV V MHz pF ns ns ns
hFE CLASSIFICATION
Marking hFE2 EX 100 to 200 EY 160 to 320 EZ 200 to 400
2
Data Sheet D16155EJ2V0DS
2SD2402
TYPICAL CHARACTERISTICS (Ta = 25C)
Data Sheet D16155EJ2V0DS
3
2SD2402
4
Data Sheet D16155EJ2V0DS
2SD2402
[MEMO]
Data Sheet D16155EJ2V0DS
5
2SD2402
* The information in this document is current as of July, 2001. The information is subject to change without notice. For actual design-in, refer to the latest publications of NEC's data sheets or data books, etc., for the most up-to-date specifications of NEC semiconductor products. Not all products and/or types are available in every country. Please check with an NEC sales representative for availability and additional information. * No part of this document may be copied or reproduced in any form or by any means without prior written consent of NEC. NEC assumes no responsibility for any errors that may appear in this document. * NEC does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of NEC semiconductor products listed in this document or any other liability arising from the use of such products. No license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC or others. * Descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software and information in the design of customer's equipment shall be done under the full responsibility of customer. NEC assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC endeavours to enhance the quality, reliability and safety of NEC semiconductor products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. To minimize risks of damage to property or injury (including death) to persons arising from defects in NEC semiconductor products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment, and anti-failure features. * NEC semiconductor products are classified into the following three quality grades: "Standard", "Special" and "Specific". The "Specific" quality grade applies only to semiconductor products developed based on a customer-designated "quality assurance program" for a specific application. The recommended applications of a semiconductor product depend on its quality grade, as indicated below. Customers must check the quality grade of each semiconductor product before using it in a particular application. "Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots "Special": Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) "Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. The quality grade of NEC semiconductor products is "Standard" unless otherwise expressly specified in NEC's data sheets or data books, etc. If customers wish to use NEC semiconductor products in applications not intended by NEC, they must contact an NEC sales representative in advance to determine NEC's willingness to support a given application. (Note) (1) "NEC" as used in this statement means NEC Corporation and also includes its majority-owned subsidiaries. (2) "NEC semiconductor products" means any semiconductor product developed or manufactured by or for NEC (as defined above).
M8E 00. 4


▲Up To Search▲   

 
Price & Availability of 2SD2402

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X