Part Number Hot Search : 
78M08 78M08 BCR3AM SSD25 01612 SWS300A TM32F10 74F1832
Product Description
Full Text Search
 

To Download 2SD2258 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SD2258 (Tentative)
Silicon NPN epitaxial planer type
6.90.1
0.15
Unit: mm
1.05 2.50.1 0.05 (1.45) 0.8
0.5 4.50.1 0.45-0.05 2.50.1
For low-frequency output amplification
0.7
4.0
q q q
Darlington connection. High foward current transfer ratio hFE. Allowing supply with the radial taping.
0.45-0.05
+0.1
+0.1
2.50.5 1 2
2.50.5 3
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
*
(Ta=25C)
Ratings 60 50 5 1.5 1 1 150 -55 ~ +150 1cm2 Unit V V V A A W C C
0.45+0.1 - 0.05 1.20.1 0.65 max.
Symbol VCBO VCEO VEBO ICP IC PC* Tj Tstg
Note: In addition to the lead type shown in the upper figure, the type as shown in the lower figure is also available.
1:Emitter 2:Collector 3:Base MT2 Type Package
(HW type)
Printed circuit board: Copper foil area of thickness of 1.7mm for the collector portion
or more, and the board
Internal Connection
C B
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency
*1h FE
(Ta=25C)
Symbol ICBO IEBO VCBO VCEO VEBO hFE
*1
200
E
Conditions VCB = 45V, IE = 0 VEB = 4V, IC = 0 IC = 100A, IE = 0 IC = 1mA, IB = 0 IE = 100A, IC = 0 VCE = 10V, IC = 1A IC = 1A, IB = 1mA*2 IC = 1A, IB = 1mA*2 VCB = 10V, IE = -50mA, f = 200MHz
min
typ
max 0.1 0.1
60 50 5 4000 40000 1.8 2.2 150
*2
14.50.5
s Features
0.65 max.
1.0 1.0
0.2
Unit A A V V V
VCE(sat) VBE(sat) fT
V V MHz
Rank classification
Q R S 4000 ~ 10000 8000 ~ 20000 16000 ~ 40000
Pulse measurement
Rank hFE
1
Transistor
PC -- Ta
Collector to emitter saturation voltage VCE(sat) (V)
1.2
2SD2258
VCE(sat) -- IC
10 IC/IB=1000
VBE(sat) -- IC
Base to emitter saturation voltage VBE(sat) (V)
10 IC/IB=1000
Collector power dissipation PC (W)
1.0
Printed circut board: Copper foil area of 1cm2 or more, and the board thickness of 1.7mm for the collector portion.
3 25C 1 Ta=-25C 100C 0.3
3 Ta=-25C 1
25C
0.8
100C
0.6
0.3
0.4
0.1
0.1
0.2
0.03
0.03
0 0 40 80 120 160 200
0.01 0.01
0.03
0.1
0.3
1
3
0.01 0.01
0.03
0.1
0.3
1
3
Ambient temperature Ta (C)
Collector current IC (A)
Collector current IC (A)
hFE -- IC
24 105
Cob -- VCB
Collector output capacitance Cob (pF)
VCE=10V IE=0 f=1MHz Ta=25C
Forward current transfer ratio hFE
20
TC=100C 104 25C
16
-25C
12
103
8
4
102 0.01
0 0.03 0.1 0.3 1 3 1 3 10 30 100
Collector current IC (A)
Collector to base voltage VCB (V)
2


▲Up To Search▲   

 
Price & Availability of 2SD2258

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X