Part Number Hot Search : 
ACTS10K 89C205 AT89C5 ACTS10K SP254 ZFUY10C 060MDSA3 CBM2075
Product Description
Full Text Search
 

To Download 2SD2179 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SD2179
Silicon NPN epitaxial planer type
For low-frequency output amplification Complementary to 2SB1446
6.90.1
0.15
Unit: mm
1.05 2.50.1 0.05 (1.45) 0.8
0.5 4.50.1 0.45-0.05 2.50.1
0.7
4.0
s Features
q q q
0.65 max.
1.0 1.0
Low collector to emitter saturation voltage VCE(sat). Complementary pair with 2SB1446. Allowing supply with the radial taping.
0.2
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
*1
Symbol VCBO VCEO VEBO ICP IC PC* Tj Tstg
Ratings 50 50 5 7 5 1 150 -55 ~ +150 1cm2
Unit V V V A A W C C
1
2
3
Note: In addition to the lead type shown in the upper figure, the type as shown in the lower figure is also available.
1:Emitter 2:Collector 3:Base MT2 Type Package
1.20.1 0.65 max. 0.45+0.1 - 0.05
Printed circuit board: Copper foil area of thickness of 1.7mm for the collector portion
or more, and the board
+0.1
s Absolute Maximum Ratings
0.45-0.05
+0.1
(Ta=25C)
2.50.5
2.50.5
(HW type)
s Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol ICBO VCBO VCEO VEBO hFE1 hFE2 VCE(sat) VBE(sat) fT Cob
*1
Conditions VCB = 20V, IE = 0 IC = 10A, IE = 0 IC = 1mA, IB = 0 IE = 10A, IC = 0 VCE = 2V, IC = 500mA*2 VCE = 2V, IC = 2.5A*2 IC = 2A, IB = 100mA*2 IC = 2A, IB = 100mA*2 VCB = 10V, IE = -50mA, f = 200MHz VCB = 10V, IE = 0, f = 1MHz
min
typ
max 0.1
50 50 5 120 60 0.19 0.85 80 60
*2
14.50.5
Unit A V V V
340
0.3 1.2
V V MHz
70
pF
Pulse measurement
*1h
FE1
Rank classification
R 120 ~ 240 S 170 ~ 340
Rank hFE1
1
Transistor
PC -- Ta
1.2 2.4 Printed circut board: Copper foil area of 1cm2 or more, and the board thickness of 1.7mm for the collector portion. Ta=25C 2.0
2SD2179
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
10 3 1 0.3 0.1 0.03 -25C 0.01 0.003 0.001 0.01 0.03 Ta=100C 25C
VCE(sat) -- IC
IC/IB=20
Collector power dissipation PC (W)
1.0
Collector current IC (A)
0.8
1.6
IB=8mA 7mA
0.6
1.2
6mA 5mA
0.4
0.8
4mA 3mA
0.2
0.4
2mA 1mA
0 0 20 40 60 80 100 120 140 160
0 0 2 4 6 8 10
0.1
0.3
1
3
10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
100
hFE -- IC
IC/IB=20 500 VCE=2V 200
fT -- I E
VCB=10V Ta=25C
Base to emitter saturation voltage VBE(sat) (V)
400 Ta=100C
Transition frequency fT (MHz)
1 3 10
30 10 3 25C 1 0.3 0.1 0.03 0.01 0.01 0.03 Ta=-25C 100C
Forward current transfer ratio hFE
160
300
25C
120
-25C 200
80
100
40
0.1
0.3
1
3
10
0 0.01 0.03
0.1
0.3
0 -1
-3
-10
-30
-100
Collector current IC (A)
Collector current IC (A)
Emitter current IE (mA)
Cob -- VCB
240
Collector output capacitance Cob (pF)
200
IE=0 f=1MHz Ta=25C
160
120
80
40
0 1 3 10 30 100
Collector to base voltage VCB (V)
2


▲Up To Search▲   

 
Price & Availability of 2SD2179

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X