Part Number Hot Search : 
B5114 345EL 13000 PC2508 PC2508 C3403G S15JYD2 LM321
Product Description
Full Text Search
 

To Download 2SD2015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Darlington
2SD2015
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) VBE(sat) fT COB Conditions VCB=150V VEB=6V IC=10mA VCE=2V, IC=2A IC=2A, IB=2mA IC=2A, IB=2mA VCE=12V, IE=-0.1A VCB=10V, f=1MHz 2SD2015 10max 10max 120min 2000min 1.5max 2.0max 40typ 40typ V V MHz pF
13.0min
Equivalent circuit
B
C
(3k) (500) E
Silicon NPN Triple Diffused Planar Transistor sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SD2015 150 120 6 4 0.5 25(Tc=25C) 150 -55 to +150 Unit V V V A A W C C
Application : Driver for Solenoid, Relay and Motor and General Purpose
(Ta=25C) Unit
External Dimensions FM20(TO220F)
4.00.2 10.10.2 4.20.2 2.8 c0.5
A
V
16.90.3 8.40.2
mA
1.350.15 1.350.15 0.85 +0.2 -0.1 0.45 +0.2 -0.1 2.54 2.20.2 2.40.2
sTypical Switching Characteristics (Common Emitter)
VCC (V) 40 RL () 20 IC (A) 2 VBB1 (V) 10 VBB2 (V) -5 IB1 (mA) 10 IB2 (mA) -10 ton (s) 0.6typ tstg (s) 5.0typ tf (s) 2.0typ
2.54
3.9 BCE
0.2
0.80.2
a b
o3.30.2
Weight : Approx 2.0g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
m =1 A
VCE( sat ) - IB Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (s at)( V ) 3
I C - V BE Temperature Characteristics (Typical)
(V CE= 4V) 4
4
IB
0.8mA
0.6mA
Collector Current I C (A)
0.4mA
2
Collector Current I C( A)
3
0.5mA
3
mp)
mp) 25C (C ase Te
1
1A
2A
1
1
0
0
1
2
3
4
5
6
0
0.2
1
5
10
50
100
0
0
1 Base-Emittor Voltage V B E( V)
-30C (C
125
C (
3A
Cas
0.3mA
IC =4 A
ase Tem
e Te
2
2
p)
2
Collector-Emitter Voltage V C E( V)
Base Current I B( mA)
hFE - I C Characteristics (Typical)
(VCE=4V) 20000 10000 DC Curr ent Gain h FE 5000
hFE - I C Temperature Characteristics (Typical)
(V C E= 4V) 20000 10000 DC C urrent G ain h FE 5000
12 5C
j- a( C/W)
j-a - t Characteristics
5
Typ
1000 500
1000 500
25
C
-3
0C
Transient Thermal Resistance
1
100 50 0.03 0.1 0.5 1 4
100 50 0.03 0.05 0.1 0.5 1 4
0.5
1
5
10
50 Time t(ms)
100
500 1000
Collector Current I C( A)
Collector Current I C (A)
fT - IE Characteristics (Typical)
(VCE=12V) 60 10 5 50 Cut-o ff F requ ency f T( MH Z) Collector Cur rent I C( A)
Safe Operating Area (Single Pulse)
30
100ms
DC
10
P c - T a Derating
Natural Cooling Silicone Grease Heatsink: Aluminum in mm 20
W ith In
1m
m s
30
s
0
s
40
Typ
30
1 0.5
Ma xim um Powe r Dissipation P C( W)
fin
150x150x2
1 00x1 0 10
0x 2
ite
he
at
20
si
nk
0.1 10 0.05 0 -0.02 0.03 -0.05 -0.1 -0.5 -1 -4 5
Without Heatsink Natural Cooling
50x50x2
Without Heatsink 2
10
50
100
200
0
0
25
50
75
100
125
150
Emitter Current I E( A)
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
140


▲Up To Search▲   

 
Price & Availability of 2SD2015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X