Part Number Hot Search : 
2H025 LBN10006 APM9424K BU4523DF C4082 EN25B32 TFC561D T9435
Product Description
Full Text Search
 

To Download 2SD1893 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SB1253
Silicon PNP epitaxial planar type Darlington
For power amplification Complementary to 2SD1893
Unit: mm
15.00.3 11.00.2 5.00.2 3.2
s Features
q q q q
16.20.5 12.5 3.5 Solder Dip
Optimum for 40W HiFi output High foward current transfer ratio hFE: 5000 to 30000 Low collector to emitter saturation voltage VCE(sat): < -2.5V Full-pack package which can be installed to the heat sink with one screw (TC=25C)
Ratings -130 -110 -5 -10 -6 50 3 150 -55 to +150 Unit V V V A A W C C
0.7
21.00.5 15.00.2
3.20.1
2.00.2 2.00.1 1.10.1 5.450.3 10.90.5 1 2 3 0.60.2
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
1:Base 2:Collector 3:Emitter TOP-3 Full Pack Package(a)
Internal Connection
C B
E
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Turn-on time Storage time Fall time
*h
(TC=25C)
Symbol ICBO ICEO IEBO VCEO hFE1 hFE2* VCE(sat) VBE(sat) fT ton tstg tf Conditions VCB = -130V, IE = 0 VCE = -110V, IB = 0 VEB = -5V, IC = 0 IC = -30mA, IB = 0 VCE = -5V, IC = -1A VCE = -5V, IC = -5A IC = -5A, IB = -5mA IC = -5A, IB = -5mA VCE = -10V, IC = - 0.5A, f = 1MHz IC = -5A, IB1 = -5mA, IB2 = 5mA, VCC = -50V 20 0.9 2.5 1.7 -110 2000 5000 30000 -2.5 -3.0 V V MHz s s s min typ max -100 -100 -100 Unit A A A V
FE2
Rank classification
Q P 5000 to 15000 8000 to 30000
Rank hFE2
1
Power Transistors
PC -- Ta
80 -12 TC=25C (1) TC=Ta (2) With a 100 x 100 x 2mm Al heat sink (3) Without heat sink (PC=3W) IB=-5mA
2SB1253
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
-100
VCE(sat) -- IC
IC/IB=1000
Collector power dissipation PC (W)
70 60 50 40
-10
-30
Collector current IC (A)
-8
-6
(1) 30 20 (2) 10 (3) 0 0 20 40 60 80 100 120 140 160
-1mA - 0.9mA - 0.8mA - 0.7mA - 0.6mA - 0.5mA - 0.4mA - 0.3mA
-10 TC=100C -3 25C -25C
-4
-1
-2
- 0.2mA - 0.1mA
- 0.3
0 0 -2 -4 -6 -8 -10 -12
- 0.1 - 0.1 - 0.3
-1
-3
-10
-30
-100
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
-100
hFE -- IC
100000 VCE=-5V 1000
Cob -- VCB
Collector output capacitance Cob (pF)
IE=0 f=1MHz TC=25C
Base to emitter saturation voltage VBE(sat) (V)
IC/IB=1000
Forward current transfer ratio hFE
30000
-30
TC=100C
25C
300
10000 -25C
-10
100
3000 1000 300 100 30 10 - 0.01 - 0.03 - 0.1 - 0.3
-3
TC=-25C
30
-1 100C 25C
10
- 0.3
3
- 0.1 - 0.1 - 0.3
-1
-3
-10
-30
-100
-1
-3
-10
1 -1
-3
-10
-30
-100
Collector current IC (A)
Collector current IC (A)
Collector to base voltage VCB (V)
ton, tstg, tf -- IC
100 30 Pulsed tw=1ms Duty cycle=1% IC/IB=1000 (-IB1=IB2) VCC=-50V TC=25C tstg tf ton 0.3 0.1 0.03 0.01 0 -4 -8 -12 -16
Area of safe operation (ASO)
-100 -30 Non repetitive pulse TC=25C ICP t=1ms -3 -1 IC DC 10ms
Switching time ton,tstg,tf (s)
10 3 1
Collector current IC (A)
-10
- 0.3 - 0.1 - 0.03 - 0.01 -1
-3
-10
-30
-100 -300 -1000
Collector current IC (A)
Collector to emitter voltage VCE (V)
2
Power Transistors
Rth(t) -- t
10000 Note: Rth was measured at Ta=25C and under natural convection. (1) PT=10V x 0.2A (2W) and without heat sink (2) PT=10V x 1.0A (10W) and with a 100 x 100 x 2mm Al heat sink
2SB1253
Thermal resistance Rth(t) (C/W)
1000
100 (1)
10
(2)
1
0.1 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
3


▲Up To Search▲   

 
Price & Availability of 2SD1893

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X