Part Number Hot Search : 
AM29F017 CR6727A TDA8745H V360A03 1N5252B M35V1 LTM8020V U4240B
Product Description
Full Text Search
 

To Download 2SD1857L-X-T9N-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD 2SD1857
POWER TRANSISTOR
FEATURES
* High breakdown voltage.(BVCEO=120V) * Low collector output capacitance.(Typ.20pF at VCB=10V) * High transition frequency.(fT=80MHz)
NPN SILICON TRANSISTOR
1 TO-92
1 TO-92NL
*Pb-free plating product number: 2SD1857L
ORDERING INFORMATION
Order Number Normal Lead Free Plating 2SD1857-x-T92-B 2SD1857L-x-T92-B 2SD1857-x-T92-K 2SD1857L-x-T92-K 2SD1857-x-T9N-B 2SD1857L-x-T9N-B 2SD1857-x-T9N-K 2SD1857L-x-T9N-K 2SD1857-x-T9N-R 2SD1857L-X-T9N-R Package TO-92 TO-92 TO-92NL TO-92NL TO-92NL Pin Assignment 1 2 3 E C B E C B E C B E C B E C B Packing Tape Box Bulk Tape Box Bulk Tape Reel
2SD1857L-x-T92-B (1)Packing Type (2)Package Type (3)Rank (4)Lead Plating (1) B: Tape Box, K: Bulk, R: Tape Reel (2) T92: TO-92, T9N: TO-92NL (3) x: refer to Classification of hFE (4) L: Lead Free Plating, Blank: Pb/Sn
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1 of 2
QW-R201-057,C
2SD1857
ABSOLUTE MAXIMUM RATING (Ta=25 )
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Power Dissipation Collector Current Collector Current SYMBOL VCBO VCEO VEBO PC IC ICP
NPN SILICON TRANSISTOR
RATINGS 120 120 5 1 2 3
UNIT V V V W A A
Junction Temperature TJ +150 Storage Temperature TSTG -55 ~ +150 Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25 )
PARAMETER SYMBOL TEST CONDITIONS Collector-Base Breakdown Voltage BVCBO IC=50A Collector-Emitter Breakdown Voltage BVCEO IC=1mA Emitter-Base Breakdown Voltage BVEBO IE=50A Collector Cut-off Current ICBO VCB=100V Emitter Cut-off Current IEBO VEB=4V DC Current Transfer Ratio hFE VCE=5V, IC=0.1A Collector-Emitter Saturation Voltage VCE(SAT) IC=/IB=1A/0.1A(Note) Transition Frequency fT VCE=5V, IE= -0.1A, f=30MHz. Output Capacitance Cob VCB=10V, IE=0A, f=1MHz(Note) Note Measured using pulse current. MIN 120 120 5 TYP MAX UNIT V V V A A V MHz pF
82 80 20
1 1 390 0.4
CLASSIFICATION OF hFE
RANK RANGE P 82-180 Q 120-270 R 180-390
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 2
QW-R201-057,C


▲Up To Search▲   

 
Price & Availability of 2SD1857L-X-T9N-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X