Part Number Hot Search : 
00400 LA5734MP HA5135 IRLD110 79M09A 1N5237B 4MC67 KBJ4005G
Product Description
Full Text Search
 

To Download 2SD1254 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SD1254
Silicon NPN epitaxial planar type
For power switching Complementary to 2SB931
10.00.3
8.50.2 6.00.5 3.40.3
Unit: mm
1.00.1
s Features
q q q q
1.50.1
1.5max.
1.1max.
Low collector to emitter saturation voltage VCE(sat) Satisfactory linearity of foward current transfer ratio hFE Large collector current IC N type package enabling direct soldering of the radiating fin to the printed circuit board, etc. of small electronic equipment. (TC=25C)
Ratings 130 80 7 6 3 30 1.3 150 -55 to +150 Unit V
10.5min.
2.0
0.80.1
0.5max.
2.540.3 5.080.5 1 2 3
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
1:Base 2:Collector 3:Emitter N Type Package Unit: mm
3.40.3 1.00.1
8.50.2 6.00.3
1.5-0.4
A
2.0
3.0-0.2
A W
4.40.5
0.80.1 2.540.3
R0.5 R0.5 1.1 max.
0 to 0.4
5.080.5
C C
1 2 3
1:Base 2:Collector 3:Emitter N Type Package (DS)
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Turn-on time Storage time Fall time
*h
(TC=25C)
Symbol ICBO IEBO VCEO hFE1 hFE2* VCE(sat) VBE(sat) fT ton tstg tf Conditions VCB = 100V, IE = 0 VEB = 5V, IC = 0 IC = 10mA, IB = 0 VCE = 2V, IC = 0.1A VCE = 2V, IC = 0.5A IC = 2A, IB = 0.1A IC = 2A, IB = 0.1A VCE = 10V, IC = 0.5A, f = 10MHz IC = 0.5A, IB1 = 50mA, IB2 = -50mA, VCC = 50V 30 0.5 2.5 0.15 80 45 60 260 0.5 1.5 V V MHz s s s min typ max 10 50 Unit A A V
FE2
Rank classification
R 60 to 120 Q 90 to 180 P 130 to 260
Rank hFE2
4.40.5
14.70.5
V
10.00.3
V
+0.4
+0
1
Power Transistors
PC -- Ta
50 5 (1) TC=Ta (2) With a 50 x 50 x 2mm Al heat sink (3) Without heat sink (PC=1.3W) (1) TC=25C IB=100mA
2SD1254
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
100 IC/IB=20 30 10 3 1 0.3 -25C 0.1 0.03 0.01 0.01 0.03 TC=100C 25C
VCE(sat) -- IC
Collector power dissipation PC (W)
Collector current IC (A)
40
4 50mA 3 30mA 25mA 2 20mA 10mA 1 5mA 2mA 1mA 0 2 4 6 8 10 12
30
20
10 (2) (3) 0 0 20 40 60 80 100 120 140 160
0
0.1
0.3
1
3
10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
100 10000 IC/IB=20
hFE -- IC
10000 VCE=2V 3000 1000 300 100 30 10 3 1 0.01 0.03
fT -- IC
VCE=10V f=10MHz TC=25C
Base to emitter saturation voltage VBE(sat) (V)
Forward current transfer ratio hFE
10 3 1 0.3 0.1 0.03 0.01 0.01 0.03 25C TC=-25C 100C
1000 300 100 30 10 3 1 0.01 0.03
TC=100C 25C -25C
0.1
0.3
1
3
10
0.1
0.3
1
3
10
Transition frequency fT (MHz)
30
3000
0.1
0.3
1
3
10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Cob -- VCB
10000 100 IE=0 f=1MHz TC=25C 30
ton, tstg, tf -- IC
Pulsed tw=1ms Duty cycle=1% IC/IB=10(IB1=-IB2) VCC=50V TC=25C
Area of safe operation (ASO)
100 30 Non repetitive pulse TC=25C
Collector output capacitance Cob (pF)
3000 1000 300 100 30 10 3 1 0.1
Switching time ton,tstg,tf (s)
Collector current IC (A)
10 3 1 0.3 0.1 0.03 0.01
10 I CP 3 1 0.3 0.1 0.03 0.01 IC 10ms 1ms 300ms t=0.5ms
tstg ton tf
0.3
1
3
10
30
100
0
0.4
0.8
1.2
1.6
2.0
1
3
10
30
100
300
1000
Collector to base voltage VCB (V)
Collector current IC (A)
Collector to emitter voltage VCE (V)
2
Power Transistors
Rth(t) -- t
103 (1) Without heat sink (2) With a 50 x 50 x 2mm Al heat sink (1) (2) 10
2SD1254
Thermal resistance Rth(t) (C/W)
102
1
10-1
10-2 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
3


▲Up To Search▲   

 
Price & Availability of 2SD1254

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X