Part Number Hot Search : 
F7631 CDRH73 X9221AWS FQP16N15 AOW12N60 ST62P55C MMSZ4700 13000
Product Description
Full Text Search
 

To Download 2SC4606 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SC4606
Silicon NPN epitaxial planer type
For low-frequency driver amplification Complementary to 2SA1762
6.90.1 2.50.1 1.0
1.0 2.40.2 2.00.2 3.50.1
Unit: mm
s Features
q q
1.5
0.4
1.5 R0.9 R0.9
0.85
0.550.1
0.450.05
1.250.05
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
*
(Ta=25C)
Ratings 80 80 5 1 0.5 1 150 -55 ~ +150 1cm2 Unit V V V A A W C C
3
2
1
Symbol VCBO VCEO VEBO ICP IC PC* Tj Tstg
2.5
2.5
1:Base 2:Collector 3:Emitter
EIAJ:SC-71 M Type Mold Package
Printed circuit board: Copper foil area of thickness of 1.7mm for the collector portion
or more, and the board
s Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol ICBO VCBO VCEO VEBO hFE1 hFE2 VCE(sat) VBE(sat) fT Cob
*1
Conditions VCB = 20V, IE = 0 IC = 10A, IE = 0 IC = 100A, IB = 0 IE = 10A, IC = 0 VCE = 10V, IC = 150mA*2 VCE = 5V, IC = 500mA*2 IC = 300mA, IB = 30mA*2 IC = 300mA, IB = 30mA*2 VCB = 10V, IE = -50mA, f = 200MHz VCB = 10V, IE = 0, f = 1MHz
min
typ
max 0.1
4.10.2
q
High collector to emitter voltage VCEO. Optimum for the driver stage of a low-frequency and 25 to 30W output amplifier. M type package allowing easy automatic and manual insertion as well as stand-alone fixing to the printed circuit board.
1.00.1
R
0.
4.50.1
7
Unit A V V V
80 80 5 130 50 100 0.2 0.85 120 11
*2
330
0.4 1.2
V V MHz
20
pF
Pulse measurement
*1h
FE1
Rank classification
R 130 ~ 220 S 185 ~ 330
Rank hFE1
1
Transistor
PC -- Ta
1.4
2SC4606
IC -- VCE
1.2 Ta=25C 1.0 IB=10mA 1.0 1.2 VCE=10V Ta=25C
IC -- I B
Collector power dissipation PC (W)
1.2
Printed circut board: Copper foil area of 1cm2 or more, and the board thickness of 1.7mm for the collector portion.
Collector current IC (A)
1.0
0.8
Collector current IC (A)
9mA 8mA 7mA 6mA 5mA
0.8
0.8
0.6
4mA 3mA
0.6
0.6
0.4 2mA 0.2 1mA
0.4
0.4
0.2
0.2
0 0 20 40 60 80 100 120 140 160
0 0 2 4 6 8 10
0 0 2 4 6 8 10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base current IB (mA)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
10 3 1 0.3 Ta=75C 0.1 0.03 0.01 0.003 0.001 1 3 10 30 100 300 1000 25C -25C
VBE(sat) -- IC
Base to emitter saturation voltage VBE(sat) (V)
IC/IB=10 100 30 10 3 25C 1 75C 0.3 0.1 0.03 0.01 1 3 10 30 100 300 1000 Ta=-25C IC/IB=10 300
hFE -- IC
VCE=10V
Forward current transfer ratio hFE
250 Ta=75C 25C 150 -25C
200
100
50
0 1 3 10 30 100 300 1000
Collector current IC (mA)
Collector current IC (mA)
Collector current IC (mA)
fT -- IE
200
Cob -- VCB
Collector output capacitance Cob (pF)
VCB=10V Ta=25C 50 IE=0 f=1MHz Ta=25C 40 103 104
ICBO -- Ta
VCB=20V
Transition frequency fT (MHz)
160
120
30
ICBO (Ta) ICBO (Ta=25C)
1 3 10 30 100
102
80
20
10 10
40
0 -1
0 -3 -10 -30 -100
1 0 60 120 180
Emitter current IE (mA)
Collector to base voltage VCB (V)
Ambient temperature Ta (C)
2
Transistor
ICEO -- Ta
105 VCE=10V
2SC4606
Area of safe operation (ASO)
10 3 Single pulse Ta=25C
Collector current IC (A)
104
1 0.3
ICP IC
t=10ms
ICEO (Ta) ICEO (Ta=25C)
103
DC 0.1 0.03 0.01 0.003
t=1s
102
10
1 0 20 40 60 80 100 120 140
0.001 0.1
0.3
1
3
10
30
100
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
3


▲Up To Search▲   

 
Price & Availability of 2SC4606

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X