Part Number Hot Search : 
LSE65F 1N4735A 80014 371MX 15KE150 NK60ZFP 87C58X2 BRM501D
Product Description
Full Text Search
 

To Download 2SC4332-Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
SILICON POWER TRANSISTORS
2SC4332, 2SC4332-Z
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
The 2SC4332 and 2SC4332-Z are mold power transistors developed for high-speed switching and features a very low collector-to-emitter saturation voltage. This transistor is ideal for use in switching regulators, DC/DC converters, motor drivers, solenoid drivers, and other low-voltage power supply devices, as well as for high-current switching.
PACKAGE DRAWING (Unit: mm)
FEATURES
* Low collector saturation voltage VCE(sat) = 0.3 V MAX. (IC = 3 A / IB = 0.15 A) * Fast switching speed: tf 0.3 s MAX. (IC = 3 A) * High DC current gain
ABSOLUTE MAXIMUM RATINGS (TA = 25C)
Collector to Base Voltage Collector to Emitter Voltage Base to Emitter Voltage Collector Current (DC) Collector Current (pulse) Base Current (DC) Total Power Dissipation Total Power Dissipation Junction Temperature Storage Temperature VCBO VCEO VEBO IC(DC) IC(pulse)
Note1
100 60 7.0 5.0 10 2.5 15 1.0
Note2
V V V A A A W
Note3
IB(DC) PT (TC = 25C) PT (TA = 25C) Tj Tstg
, 2.0
W C C
150 -55 to +150
Notes 1. PW 10 ms, duty cycle 50% 2. Printing borard mounted 3. 7.5 mm x 0.7 mm, ceramic board mounted
Electrode Connection 1. Base 2. Collector 3. Emitter 4. Fin (collector)
2
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability and additional information.
Document No. D16430EJ1V0DS00 (1st edition) Date Published October 2002 NS CP(K) Printed in Japan
(c)
2002
2SC4332, 2SC4332-Z
ELECTRICAL CHARACTERISTICS (TA = 25C)
Parameter Collector to Emitter Voltage Collector to Emitter Voltage Symbol VCEO(SUS) VCEX(SUS) Conditions IC = 3.0 A, IB = 0.3 A, L = 1 mH IC = 3.0 A, IB1 = -IB2 = 0.3 A, VBE(OFF) = -1.5 V, L = 180 H, clamped VCE = 60 V, IE = 0 VCE = 60 V, RBE = 51 , TA = 125C VCE = 60 V, VBE(OFF) = -1.5 V VCE = 60 V, VBE(OFF) = -1.5 V, TA = 125C VEB = 5.0 V, IC = 0 VCE = 2.0 V, IC = 0.5 A VCE = 2.0 V, IC = 1.0 A VCE = 2.0 V, IC = 3.0 A IC = 3.0 A, IB = 0.15 A IC = 4.0 A, IB = 0.2 A IC = 3.0 A, IB = 0.15 A IC = 4.0 A, IB = 0.2 A VCB = 10 V, IE = 0, f = 1.0 MHz VCE = 10 V, IE = -0.5 A IC = 3.0 A, RL = 16.7 , IB1 = -IB2 = 0.15 A, VCC 50 V Refer to the test circuit. 130 150 0.3 1.5 0.3 100 100 60 0.3 0.5 1.2 1.5 V V V V pF MHz 400 MIN. 60 60 TYP. MAX. Unit V V
Collector Cut-off Current Collector Cut-off Current Collector Cut-off Current Collector Cut-off Current Emitter Cut-off Current DC Current Gain DC Current Gain DC Current Gain Collector Saturation Voltage Collector Saturation Voltage Base Saturation Voltage Base Saturation Voltage Collector Capacitance Gain Bandwidth Product Turn-on Time Storage Time Fall Time
ICBO ICER ICEX1 ICEX2 IEBO hFE1 hFE2 hFE3
Note Note Note Note
10 1.0 10 1.0 10
A
mA
A
mA
A
VCE(sat)1
VCE(sat)2Note VBE(sat)1Note VBE(sat)2 Cob fT ton tstg tf
Note
s s s
Note Pulse test PW 350 s, duty cycle 2%
hFE CLASSIFICATION
Marking hFE2 M 100 to 200 L 150 to 300 K 200 to 400
SWITCHING TIME (ton, tstg, tf) TEST CIRCUIT
Base current waveform
Collector current waveform
2
Data Sheet D16430EJ1V0DS
2SC4332, 2SC4332-Z
[MEMO]
Data Sheet D16430EJ1V0DS
3
2SC4332, 2SC4332-Z
* The information in this document is current as of October, 2002. The information is subject to change without notice. For actual design-in, refer to the latest publications of NEC's data sheets or data books, etc., for the most up-to-date specifications of NEC semiconductor products. Not all products and/or types are available in every country. Please check with an NEC sales representative for availability and additional information. * No part of this document may be copied or reproduced in any form or by any means without prior written consent of NEC. NEC assumes no responsibility for any errors that may appear in this document. * NEC does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of NEC semiconductor products listed in this document or any other liability arising from the use of such products. No license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC or others. * Descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software and information in the design of customer's equipment shall be done under the full responsibility of customer. NEC assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC endeavours to enhance the quality, reliability and safety of NEC semiconductor products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. To minimize risks of damage to property or injury (including death) to persons arising from defects in NEC semiconductor products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment, and anti-failure features. * NEC semiconductor products are classified into the following three quality grades: "Standard", "Special" and "Specific". The "Specific" quality grade applies only to semiconductor products developed based on a customer-designated "quality assurance program" for a specific application. The recommended applications of a semiconductor product depend on its quality grade, as indicated below. Customers must check the quality grade of each semiconductor product before using it in a particular application. "Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots "Special": Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) "Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. The quality grade of NEC semiconductor products is "Standard" unless otherwise expressly specified in NEC's data sheets or data books, etc. If customers wish to use NEC semiconductor products in applications not intended by NEC, they must contact an NEC sales representative in advance to determine NEC's willingness to support a given application. (Note) (1) "NEC" as used in this statement means NEC Corporation and also includes its majority-owned subsidiaries. (2) "NEC semiconductor products" means any semiconductor product developed or manufactured by or for NEC (as defined above).
M8E 00. 4


▲Up To Search▲   

 
Price & Availability of 2SC4332-Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X