Part Number Hot Search : 
PSA5300A EGP10A 10A10 1H823J PE4126 CY7C109 MBT440 76002
Product Description
Full Text Search
 

To Download 2SC3526H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistors
2SC3526H
Silicon NPN epitaxial planar type
For display video output
5.90.2
Unit: mm
4.90.2
* High transition frequency fT * Small collector output capacitance (Common base, input open circuited) Cob * Wide current range
Absolute Maximum Ratings Ta = 25C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Resistor between B and E) Collector-emitter voltage (Base open) Emitter-base voltage (Collector open) Collector current Peak collector current Collector power dissipation Junction temperature Storage temperature VCEO VEBO IC ICP PC Tj Tstg 50 3.5 150 300 1 150 -55 to +150 V V mA mA W C C Symbol VCBO VCER Rating 110 100 Unit V V
0.45+0.2 -0.1 (1.27) (1.27) 0.45+0.2 -0.1
123
1: Emitter 2: Collector 3: Base EIAJ: SC-51 2.540.15 TO-92L-A1 Package
(3.2)
Electrical Characteristics Ta = 25C 3C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Resistor between B and E) Collector-emitter voltage (Base open) Emitter-base voltage (Collector open) Collector-emitter cutoff current (Base open) Forward current transfer ratio Collector-emitter saturation voltage Transition frequency Collector output capacitance (Common base, input open circuited) Symbol VCBO VCER VCEO VEBO ICEO hFE VCE(sat) fT1 fT2 Cob Conditions IC = 100 A, IE = 0 IC = 500 A, RBE = 470 IC = 1 mA, IB = 0 IE = 100 A, IC = 0 VCE = 35 V, IB = 0 VCE = 5 V, IC = 100 mA IC = 150 mA, IB = 15 mA VCB = 10 V, IE = -10 mA, f = 200 MHz VCB = 10 V, IE = -110 mA, f = 200 MHz VCB = 30 V, IE = 0, f = 1 MHz 300 350 3 pF 20 0.5 Min 110 100 50 3.5 10 Typ Max Unit V V V V A V MHz
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
13.50.5
0.7+0.3 -0.2
0.70.1
8.60.2
Features
Publication date: February 2003
SJC00133BED
1
2SC3526H
PC Ta
1.6
240
IC VCE
Ta = 25C IB = 5.0 mA 4.5 mA 160 4.0 mA 3.5 mA 120 3.0 mA 2.5 mA 80 2.0 mA 1.5 mA 40 1.0 mA 0.5 mA
120
IC VBE
VCE = 5 V 25C Ta = 75C -25C
Collector power dissipation PC (W)
200
100
Collector current IC (mA)
1.2
Collector current IC (mA)
80
0.8
60
40
0.4
20
0
0
40
80
120
160
0
0
2
4
6
8
10
12
0
0
0.2
0.4
0.6
0.8
1.0
Ambient temperature Ta (C)
Collector-emitter voltage VCE (V)
Base-emitter voltage VBE (V)
VCE(sat) IC
Collector-emitter saturation voltage VCE(sat) (V)
100 IC / IB = 10
hFE IC
120 VCE = 5 V
600
fT I E
VCB = 10 V Ta = 25C
Forward current transfer ratio hFE
10
80
Transition frequency fT (MHz)
100
500
400
1 Ta = 75C 25C 0.1 -25C
60
Ta = 75C 25C -25C
300
40
200
20
100
0.01
1
10
100
1 000
0 0.1
1
10
100
0 -1
-10
-100
-1 000
Collector current IC (mA)
Collector current IC (mA)
Emitter current IE (mA)
Cob VCB
Collector output capacitance C (pF) (Common base, input open circuited) ob
6 IE = 0 f = 1 MHz Ta = 25C
5
4
3
2
1
0
1
10
100
Collector-base voltage VCB (V)
2
SJC00133BED
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2002 JUL


▲Up To Search▲   

 
Price & Availability of 2SC3526H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X