Part Number Hot Search : 
11AA020 9162B E13009L EM871 KBL6005 PT2127A BUV27G 3EH15
Product Description
Full Text Search
 

To Download 2SB950A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SB0950 (2SB950), 2SB0950A (2SB950A)
Silicon PNP epitaxial planar type darlington
Unit: mm
0.70.1
For power amplification and switching Complementary to 2SD1276 and 2SD1276A Features
* High forward current transfer ratio hFE * High-speed switching * Full-pack package which can be installed to the heat sink with one screw
16.70.3
10.00.2 5.50.2
4.20.2 2.70.2
7.50.2
3.10.1
Parameter Collector-base voltage (Emitter open) 2SB0950 2SB0950A
Symbol VCBO VCEO VEBO IC ICP PC Ta = 25C Tj Tstg
Rating -60 -80 -60 -80 -5 -4 -8 40 2 150 -55 to +150
Unit V
Solder Dip (4.0)
Absolute Maximum Ratings TC = 25C
14.00.5
4.20.2
1.40.1
1.30.2 0.5+0.2 -0.1
0.80.1
2.540.3
Collector-emitter voltage 2SB0950 (Base open) 2SB0950A Emitter-base voltage (Collector open) Collector current Peak collector current Collector power dissipation Junction temperature Storage temperature
V
5.080.5
V A A W B C C
123
1: Base 2: Collector 3: Emitter EIAJ: SC-67 TO-220F-A1 Package
Internal Connection
C
Electrical Characteristics TC = 25C 3C
Parameter Collector-emitter voltage (Base open) Base-emitter voltage Collector-base cutoff current (Emitter open) Collector-emitter cutoff current (Base open) 2SB0950 2SB0950A 2SB0950 2SB0950A IEBO hFE1 hFE2 Collector-emitter saturation voltage
*
E Conditions Min -60 -80 -2.5 -200 -200 -500 -500 -2 1 000 1 000 10 000 -2 -4 20 0.3 2 0.5 V V MHz s s s mA A Typ Max Unit V
Symbol 2SB0950 2SB0950A VBE ICBO ICEO VCEO
IC = -30 mA, IB = 0 VCE = -3 V, IC = -3 A VCB = -60 V, IE = 0 VCB = -80 V, IE = 0 VCE = -30 V, IB = 0 VCE = -40 V, IB = 0 VEB = -5 V, IC = 0 VCE = -3 V, IC = - 0.5 A VCE = -3 V, IC = -3 A IC = -3 A, IB = -12 mA IC = -5 A, IB = -20 mA VCE = -10 V, IC = - 0.5 A, f = 1 MHz IC = -3 A, IB1 = -12 mA, IB2 = 12 mA VCC = -50 V
V A
Emitter-base cutoff current (Collector open) Forward current transfer ratio
VCE(sat)1 VCE(sat)2 fT ton tstg tf
Transition frequency Turn-on time Storage time Fall time
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors. 2. *: Rank classification Rank hFE2 R 1 000 to 2 500 Q P Note) The part numbers in the parenthesis show conventional part number.
Publication date: April 2003 c
2 000 to 5 000 4 000 to 10 000
1
2SB0950, 2SB0950A
PC Ta
50 -6
(1)TC=Ta (2)With a 100x100x2mm Al heat sink (3)With a 50x50x2mm Al heat sink (4)Without heat sink (PC=2W)
IC VCE
TC=25C IB=-3.0mA -2.5mA -2.0mA -1.5mA -1.0mA -0.5mA
IC VBE
-10
VCE=-3V
Collector power dissipation PC (W)
40
-5
-8
Collector current IC (A)
-4
Collector current IC (A)
30 (1) 20
-6
TC=100C
25C -25C
-3
-0.4mA -0.3mA -0.2mA
-4
-2
10 (3) (4) 0 0 40
(2)
-1
-2
80
120
160
0
0
-1
-2
-3
-4
-5
0
0
- 0.8
-1.6
-2.4
-3.2
Ambient temperature Ta (C)
Collector-emitter voltage VCE (V)
Base-emitter voltage VBE (V)
VCE(sat) IC
Collector-emitter saturation voltage VCE(sat) (V)
-100
IC/IB=250
hFE IC
VCE=-3V
Cob VCB
Collector output capacitance C (pF) (Common base, input open circuited) ob
104
IE=0 f=1MHz TC=25C
106
-10
TC=100C 25C
Forward current transfer ratio hFE
105
103
TC=100C
25C
-1
-25C
104
-25C
102
- 0.1
103
10
- 0.01 - 0.01
- 0.1
-1
-10
102 - 0.01
- 0.1
-1
-10
1 - 0.1
-1
-10
-100
Collector current IC (A)
Collector current IC (A)
Collector-base voltage VCB (V)
Safe operation area
-100
Non repetitive pulse TC=25C
Rth t
103 (1)Without heat sink (2)With a 100x100x2mm Al heat sink
(1)
Thermal resistance Rth (C/W)
102
Collector current IC (A)
-10 ICP
IC t=1ms t=10ms DC
10
(2)
-1
1
- 0.1
2SB0950A 2SB0950
10-1
- 0.01 -1
-10
-100
-1 000
10-2 10-4
10-3
10-2
10-1
1
10
102
103
104
Collector-emitter voltage VCE (V)
Time t (s)
2
SJD00029BED
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2002 JUL


▲Up To Search▲   

 
Price & Availability of 2SB950A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X