Part Number Hot Search : 
CY7C104 HDSP5603 56BLT 22415 27C4096 SRC1210 M5229 ZPY39
Product Description
Full Text Search
 

To Download 2SB939A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SB0939 (2SB939), 2SB0939A (2SB939A)
Silicon PNP epitaxial planar type Darlington
For midium-speed power switching Complementary to 2SD1262, 2SD1262A
10.00.3 1.50.1
Unit: mm
8.50.2 6.00.2 3.40.3 1.00.1
Collector-base voltage (Emitter open)
2SB0939 2SB0939A
VCBO VCEO VEBO IC ICP PC
-60 -80 -60 -80 -7 -8 -12 45 1.3
V
(6.5)
Collector-emitter voltage 2SB0939 (Base open) 2SB0939A Emitter-base voltage (Collector open) Collector current Peak collector current Collector power dissipation Ta = 25C Junction temperature Storage temperature
V
V A A W B C C E
1 : Base 2 : Collector 3 : Emitter N-G1 Package
Note) Self-supported type package is also prepared.
Internal Connection
C
Tj Tstg
150 -55 to +150
Electrical Characteristics TC = 25C 3C
Parameter Collector-emitter voltage (Base open) Collector-base cut-off current (Emitter open) 2SB0939 2SB0939A 2SB0939 2SB0939A IEBO hFE1 * hFE2 Base-emitter saturation voltage Collector-emitter saturation voltage Transition frequency Turn-on time Strage time Fall time VBE(sat) VCE(sat) fT ton tstg tf ICBO VCB = -60 V,IE = 0 VCB = -80 V,IE = 0 VEB = -7 V,IC = 0 VCE = -3 V, IC = -4 A VCE = -3 V, IC = -8 A IC = -4 A,IB = -8 mA IC = -4 A, IB = -8 mA VCE = -10 V, IC = -0.5 A, f = 1 MHz IC = -4 A, IB1 = -8 mA, IB2 = 8 mA VCC = -50 V 20 0.5 2 1 2 000 500 -2 -1.5 V V MHz s s s Symbol VCEO Conditions IC = -30 mA, IB = 0 Min -60 -80 -100 -100 -2 10 000 mA A Typ Max Unit V
Emitter-base cutoff current (Collector open) Forward current transfer ratio
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors. 2. *: Rank classification Rank hFE1 Q P
2 000 to 5 000 4 000 to 10 000 Note) The part number in the parenthesis shows conventional part number.
(7.6)
Parameter
Symbol
Rating
Unit
(1.5)
Absolute Maximum Ratings TC = 25C
2.00.5
* High forward current transfer ratio hFE * High-speed switching * N type package enabling direct soldering of the radiating fin to the printed circuit board, etc. of small electronic equipment.
4.40.5
1
2
0.80.1 R = 0.5 R = 0.5 2.540.3 1.00.1 1.40.1 0.40.1 5.080.5 (8.5) (6.0) 1.3 3
4.40.5
0 to 0.4
14.40.5
Features
3.0+0.4 -0.2
1.5+0 -0.4
Publication date: March 2003
SJD00020BED
1
2SB0939, 2SB0939A
PC Ta
50 (1) -8
(1)TC=Ta (2)With a 50x50x2mm Al heat sink (3)Without heat sink (PC=1.3W) TC=25C
IC VCE
Collector-emitter saturation voltage VCE(sat) (V)
-100
VCE(sat) IC
IC/IB=500
Collector power dissipation PC (W)
40
Collector current IC (A)
-6
30
IB=-2.0mA -1.8mA -1.6mA -1.4mA -1.2mA -1.0mA -0.8mA -0.6mA -0.4mA
-10
-4
25C TC=100C
20
-1
-25C
-2
-0.2mA
10 (2) (3) 0 0 40 80 120 160 0 0 -1 -2 -3 -4 -5
- 0.1 - 0.1
-1
-10
Ambient temperature Ta (C)
Collector-emitter voltage VCE (V)
Collector current IC (A)
VCE(sat) IC
Collector-emitter saturation voltage VCE(sat) (V)
-100
VBE(sat) IC
-100
VBE(sat) IC
Base-emitter saturation voltage VBE(sat) (V)
IC/IB=500
Base-emitter saturation voltage VBE(sat) (V)
(1) IC/IB=250 (2) IC/IB=500 (3) IC/IB=1000 TC=25 C
-100
(1)IC/IB=250 (2)IC/IB=500 (3)IC/IB=1000 TC=25C
-10
(3)
-10
TC=-25C 25C 100C
-10 (1) (2) (3) -1
(2) -1 (1)
-1
- 0.1 - 0.1
-1
-10
- 0.01 - 0.1
-1
-10
- 0.1 - 0.1
-1
-10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
hFE IC
Collector output capacitance C (pF) (Common base, input open circuited) ob
105
VCE=-3V
Cob VCB
104
IE=0 f=1MHz TC=25C
Safe operation area
-100 Non repetitive pulse TC=25C ICP IC t=1ms t=10ms -1 t=300ms
Forward current transfer ratio hFE
TC=100C
104
-25C
102
103
Collector current IC (A)
25C
103
-10
10
- 0.1
2SB0939A 2SB0939
102 - 0.1
-1
-10
1 - 0.1
-1
-10
-100
- 0.01 -1
-10
-100
-1 000
Collector current IC (A)
Collector-base voltage VCB (V)
Collector-emitter voltage VCE (V)
2
SJD00020BED
2SB0939, 2SB0939A
Rth t
103 (1)Without heat sink (2)With a 50x50x2mm Al heat sink (1) (2) 10
Thermal resistance Rth (C/W)
102
1
10-1
10-2 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
SJD00020BED
3
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2002 JUL


▲Up To Search▲   

 
Price & Availability of 2SB939A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X