Part Number Hot Search : 
2SK367 LA4582 VCO55 CY7C130 1N4575 P125K NJU6304 2SC3685
Product Description
Full Text Search
 

To Download 2SB772SL-T92-K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO.,
2SB772S
MEDIUM POWER LOW VOLTAGE TRANSISTOR
DESCRIPTION
PNP EPITAXIAL SILICON TRANSISTOR
The UTC 2SB772S is a medium power low voltage transistor, designed for audio power amplifier, DC-DC converter and voltage regulator.
FEATURES
*High current output up to 3A *Low saturation voltage *Complement to 2SD882S
1
TO-92
*Pb-free plating product number: 2SB772SL
PIN CONFIGURATION
PIN NO. PIN NAME 1 Emitter 2 Collector 3 Base
ORDERING INFORMATION Order Number Normal Lead free 2SB772S-T92-B 2SB772SL-T92-B 2SB772S-T92-K 2SB772SL-T92-K Package TO-92 TO-92 Packing Tape Box Bulk
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co.,
1
QW-R201-023.B
2SB772S
PARAMETER Collector -Base Voltage Collector -Emitter Voltage Emitter -Base Voltage Peak Collector Current DC Collector Current Base Current Power Dissipation Operating Temperature Storage Temperature
PNP EPITAXIAL SILICON TRANSISTOR
ABSOLUATE MAXIUM RATINGS (Ta = 25)
SYMBOL VCBO VCEO VEBO ICM IC IB PD TJ TSTG RATINGS -40 -30 -5 -7 -3 -0.6 0.5 +150 -40 ~ +150 UNIT V V V A A A W
ELECTRICAL CHARACTERISTICS (Ta= 25, unless otherwise specified)
PARAMETER Collector Cut-Off Current Emitter Cut-Off Current SYMBOL ICBO IEBO hFE1 DC Current Gain(Note 1) hFE2 Collector-Emitter Saturation Voltage VCE(sat) Base-Emitter Saturation Voltage VBE(sat) Current Gain Bandwidth Product fT Output Capacitance Cob Note 1: Pulse test: PW <300s, Duty Cycle<2% TEST CONDITIONS VCB=-30V,IE=0 VEB=-3V,Ic=0 VCE=-2V,Ic=-20mA VCE=-2V,Ic=-1A Ic=-2A,IB=-0.2A Ic=-2A,IB=-0.2A VCE=-5V,Ic=-0.1A VCB=-10V,IE=0,f=1MHz MIN TYP MAX -1000 -1000 400 -0.5 -2.0 UNIT nA nA
30 100
200 150 -0.3 -1.0 80 45
V V MHz pF
CLASSIFICATION OF hFE2
RANK RANGE Q 100 ~ 200 P 160 ~ 320 E 200 ~ 400
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2
QW-R201-023.B
2SB772S
TYPICAL CHARACTERICS
Fig.1 Static characteristics
PNP EPITAXIAL SILICON TRANSISTOR
Fig.2 Derating curve of safe operating areas
150
-Collector current, Ic (A)
1.6
- Ic Derating (%)
-IB=9mA -IB=8mA -IB=7mA -IB=6mA -IB=5mA
1.2
100
S/ b
0.8
lim it e d
ipa ss Di
-IB=4mA -IB=3mA
0.4
50
n tio l im
-IB=2mA -IB=1mA
0 0 4 8 12 16 20 -50 0 50
d it e
0
100
150
200
-Collector-Emitter voltage (V)
Case Temperature, Tc ()
Fig.3 Power Derating
3 10 12
Fig.4 Collector Output capacitance
Output Capacitance(pF)
Power Dissipation(W)
8
2 10
IE=0 f=1MHz
4
1 10
0 -50 0 50 100 150 200
0 10 10
0
-1 10
-2 10
-3 10
Case Temperature, Tc ()
-Collector-Base Voltage(v)
Fig.5 Current gain bandwidth product
3 10 10 1
Fig.6 Safe Operating Area
Ic(max),Pulse
10
mS 0. 1
Current gainbandwidth product, fT (MHz)
Ic(max),DC
mS
1m
S
2 10
-Collector current, Ic (A)
0 1 10
VCE=5V
10
0
IB=8mA
1 10
-1 10
0 10 10
-2
-1 10
10
-2 10 0 10 1 2 10
10
Collector current, Ic (A)
Collector-Emitter Voltage
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3
QW-R201-023.B
2SB772S
TYPICAL CHARACTERICS(cont.)
Fig.7 DC current gain
3 10
PNP EPITAXIAL SILICON TRANSISTOR
Fig.8 Saturation Voltage
4 10
VCE=-2V
DC current Gain, HFE
2 10
-Saturation Voltage (mV)
3 10
VBE(sat)
2 10
1 10
VCE(sat)
1 10
0 10 0 10 1 10 2 10 3 10 4 10
0 10 10
0
1 10
2 10
3 10
4 10
-Collector current, Ic (mA)
-Collector current, Ic (mA)
UTC assum es no responsibility for equipm ent failures that result from using products at v alues that ex ceed, ev en m om entarily, rated v alues (such as m ax im um ratings, operating condition ranges, or other param eters) listed in products specifications of any and all UT C products described or contained herein. UT C products are not designed for use in life support appliances, dev ices or system s where m alfunction of these products can be reasonably expected to result in personal injury. R eproduction in whole or in part is prohibited without the prior written consent of the copyright owner. T he inform ation presented in this docum ent does not form part of any quotation or contract, is believ ed to be accurate and reliable and m ay be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4
QW-R201-023.B


▲Up To Search▲   

 
Price & Availability of 2SB772SL-T92-K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X