Part Number Hot Search : 
CRA04S MAX168 780208 LB1950 A41181 8108A VAL1Z 3DMXX
Product Description
Full Text Search
 

To Download 2SB1714 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SB1714
Transistors
-2A / -30V Bipolar transistor
2SB1714
Applications Low frequency amplification, driver External dimensions (Unit : mm)
MPT3
4.5 1.6
0.5
1.5
Features 1) Collector current is high. 2) Low collector-emitter saturation voltage. (VCE( sat) -370mV, at IC = -1.5A, IB = -75mA)
(1)Base
(1)
(2)
(3)
1.0
2.5 4.0
0.4
0.4 1.5
0.5 1.5 3.0
0.4
Structure PNP epitaxial planar silicon transistor
(2)Collector (3)Emitter
Abbreviated symbol : XY
Absolute maximum ratings (Ta=25C)
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Power dissipation Junction temperature Storage temperature DC Pulse Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Limits -30 -30 -6 -2 -4 0.5 2 150 -55 to +150
1 2 3
Packaging specifications
Unit V V V A W C C
Package Packaging type Code Part No. 2SB1714 Basic ordering unit (pieces)
MPT3 Taping T100 1000
1 Pw=1ms, Pulsed. 2 Each terminal mounted on a recommended land. 3 Mounted on a 40x40x0.7mm ceramic board.
Electrical characteristics (Ta=25C)
Parameter Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current Collector-emitter saturation voltage DC current gain Transition frequency Collector output capacitance
Pulsed
Symbol BVCEO BVCBO BVEBO ICBO IEBO VCE(sat) hFE fT Cob
Min. Typ. Max. Unit -30 -30 -6 - - - 270 - - - - - - - - 280 20 - - - -100 -100 680 - - nA mV - pF V IC= -1mA IC= -10A IE= -10A VCB= -30V VEB= -6V
Conditions
-180 -370
IC/IB= -1.5A/ -75A VCE= -2V, IC= -200mA VCB= -10V , IE=0mA , f=1MHz
MHz VCE= -2V, IE=200mA , f=100MHz
1/2
2SB1714
Transistors
Electrical characteristics curves
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
Ta=100 C
DC CURRENT GAIN : hFE
VCE= -2V Pulsed
BASE SATURATION VOLTAGE : VBE(sat) (V)
1000
10
10
IC/IB=20/1 Pulsed
Ta=25 C Pulsed
Ta=25 C Ta=-40 C
100
1
1
IC/IB=50/1
0.1
Ta=-40 C Ta=25 C Ta=100 C
0 IC/IB=2
/1
IC/IB=10/1
10 0.001
0.01
0.1
1
10
0.01 0.001
0.01
0.1
1
10
0.1 0.001
0.01
0.1
1
10
COLLECTOR CURRENT : IC (A)
COLLECTOR CURRENT : IC (A)
COLLECTOR CURRENT : IC (A)
Fig.1 DV current gain vs. collector current
Fig.2 Collector-emitter saturation voltage vs. collector current
Fig.3 Base-emitter saturation voltage vs. collectir current
10
1000
TRANSITION FREQUENCY : fT (MHz)
COLLECTOR CURRENT :IC (A)
VBE=2V Pulsed
Ta=25 C VCE= -2V f=100MHz
10000
Ta=25 C VCE= -12V IC/IB=20/1 Pulsed
SWITCHINGTIME : (ns)
Ta=100 C
1
1000
tstg
Ta=25 C
100
100
Ta=-40 C
tf
10
0.1
tdon tr
0.01
0.1
1
10
10 0.01
0.1
1
10
1 0.01
0.1
1
10
BASE TO EMITTER CURRENT : VBE (V)
EMITTER CURRENT : IE (A)
COLLECTOR CURRENT : IC(A)
Fig.4 Grounded emitter propagation characteristics
Fig.5 Gain bandwidth product vs. emitter curent
Fig.6 Switching time
COLLECTOR OUTPUT CAPACITANCE : Cob (pF) EMITTER INPUT CAPACITANCE : Cib (pF)
1000
Cib
IC=0A f=1MHz Ta=25 C
100
Cob
10
1 0.001
0.01
0.1
1
10
100
EMITTER TO BASE VOLTAGE : VBE (V) COLLECTOR TO BASE VOLTAGE : VCB (V)
Fig.7 Collector output capacitance vs. collector-base voltage Emitter input capacitance vs. emitter-base voltage
2/2
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of 2SB1714

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X