Part Number Hot Search : 
C9S08 2SD128 ICE2B165 324008 PZT2222A NTE17 7082B BSS64
Product Description
Full Text Search
 

To Download 2SB1592 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SB1592
Silicon PNP epitaxial planer type
For low-frequency amplification
Unit: mm
5.00.2 4.00.2
q q
Low collector to emitter saturation voltage VCE(sat). Allowing supply with the radial taping.
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
* Applied
(Ta=25C)
Ratings -30 -25 -11 -10 -3 1 150 -55 ~ +150 Unit V V V A A W C C
123 2.540.15 1.27 0.45 -0.1 1.27
+0.15
Symbol VCBO VCEO VEBO ICP* IC PC Tj Tstg
13.50.5
0.70.1
0.70.2
8.00.2
s Features
0.45 -0.1
+0.15
2.30.2
1:Emitter 2:Collector 3:Base TO-92NL Package
are shot pulse of 1ms width
s Electrical Characteristics
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol VCBO VCEO VEBO hFE*1 VCE(sat) fT Cob Conditions IC = -10A, IE = 0 IC = -1mA, IB = 0 IE = -10A, IC = 0 VCE = -2V, IC = -1.4A*2 IC = -1.4A, IB = -25mA*2 VCB = -6V, IE = 50mA, f = 200MHz VCB = -10V, IE = 0, f = 1MHz
*2
min -30 -25 -11 90
typ
max
Unit V V V
450 - 0.16 150 85 - 0.22 V MHz pF
Pulse measurement
*1h
FE
Rank classification
Q 90 ~ 180 R 130 ~ 450
Rank hFE
1
Transistor
PC -- Ta
1.2 -3.0 Ta=25C
2SB1592
IC -- VCE
-6 VCE=-2V -5 IB=-12mA
IC -- VBE
Collector power dissipation PC (W)
1.0
-2.5
Collector current IC (A)
Collector current IC (A)
0.8
-2.0
-4 Ta=75C -3
25C -25C
-10mA -1.5 -8mA -1.0 -6mA -4mA -2mA
0.6
0.4
-2
0.2
- 0.5
-1
0 0 20 40 60 80 100 120 140 160
0 0 -1 -2 -3 -4 -5 -6
0 0 - 0.2 - 0.4 - 0.6 - 0.8 -1.0 -1.2
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
-100 -30 -10 -3 -1 IC/IB=56 600
hFE -- IC
600 VCE=-2V
fT -- I E
VCB=-6V f=200MHz Ta=25C
Forward current transfer ratio hFE
500
Transition frequency fT (MHz)
-1 -3 -10
500
400
400
300 Ta=75C 200 25C -25C 100
300
- 0.3 - 0.1 - 0.03 25C
Ta=75C
200
-25C
100
- 0.01 - 0.01 - 0.03 - 0.1 - 0.3
-1
-3
-10
0 - 0.01 - 0.03 - 0.1 - 0.3
0 - 0.01 - 0.03 - 0.1 - 0.3
-1
-3
-10
Collector current IC (A)
Collector current IC (A)
Emitter current IE (mA)
Cob -- VCB
240
Collector output capacitance Cob (pF)
200
f=1MHz IE=0 Ta=25C
160
120
80
40
0 -1
-3
-10
-30
-100
Collector to base voltage VCB (V)
2


▲Up To Search▲   

 
Price & Availability of 2SB1592

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X