Part Number Hot Search : 
D2021UK 101KL 2SC3127 SD4652 2SD60 CMBT4124 FM4933W EP8322
Product Description
Full Text Search
 

To Download 2SB1440 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SB1440
Silicon PNP epitaxial planer type
For low-frequency output amplification Complementary to 2SD2185
Unit: mm
s Features
q q
4.50.1 1.60.2
1.50.1
Low collector to emitter saturation voltage VCE(sat). Mini Power type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing.
2.60.1
0.4max.
45
1.0-0.2
+0.1
0.40.08
4.0-0.20
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature
*
(Ta=25C)
Ratings -50 -50 -5 -3 -2 1* 150 -55 ~ +150 1cm2 Unit V V V A A W C C
0.50.08 1.50.1 3.00.15 3 2 1
0.40.04
Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
marking
1:Base 2:Collector 3:Emitter
EIAJ:SC-62 Mini Power Type Package
Marking symbol :
1I
Printed circuit board: Copper foil area of thickness of 1.7mm for the collector portion
or more, and the board
s Electrical Characteristics
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol VCBO VCEO VEBO hFE1 hFE2 VCE(sat) VBE(sat) fT Cob
*
Conditions IC = -10A, IE = 0 IC = -1mA, IB = 0 IE = -10A, IC = 0 VCE = -2V, IC = -200mA VCE = -2V, IC = -1A IC = -1A, IB = -50mA IC = -1A, IB = -50mA VCB = -10V, IE = 50mA, f = 200MHz VCB = -10V, IE = 0, f = 1MHz
min -50 -50 -5 120 60
typ
max
Unit V V V
340
- 0.2 - 0.85 80 45
- 0.3 -1.2
MHz 60 pF
*h
FE1
Rank classification
R 120 ~ 240 S 170 ~ 340
Rank hFE1
2.50.1
+0.25
V V
1
Transistor
PC -- Ta
1.4
2SB1440
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
-120 Ta=25C -100 IB=700A 600A -80 500A -60 400A 300A 200A -20 100A -100 -30 -10 -3 -1 Ta=75C 25C -25C
VCE(sat) -- IC
IC/IB=20
Collector power dissipation PC (W)
1.2
1.0
0.8
0.6
Collector current IC (mA)
Printed circut board: Copper foil area of 1cm2 or more, and the board thickness of 1.7mm for the collector portion.
-40
- 0.3 - 0.1 - 0.03
0.4
0.2
0 0 20 40 60 80 100 120 140 160
0 0 -2 -4 -6 -8 -10 -12
- 0.01 - 0.01 - 0.03 - 0.1 - 0.3
-1
-3
-10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
-100
hFE -- IC
IC/IB=20 10000 VCE=-2V 240
fT -- I E
VCB=-10V f=200MHz Ta=25C
Base to emitter saturation voltage VBE(sat) (V)
Transition frequency fT (MHz)
-3 -10
-30 -10 -3 25C -1 Ta=-25C 75C
Forward current transfer ratio hFE
3000 1000 300 Ta=75C 100 -25C 30 10 3 1 - 0.01 - 0.03 - 0.1 - 0.3 25C
200
160
120
- 0.3 - 0.1 - 0.03 - 0.01 - 0.01 - 0.03 - 0.1 - 0.3
80
40
0 -1 1 3 10 30 100
-1
-3
-10
Collector current IC (A)
Collector current IC (A)
Emitter current IE (mA)
Cob -- VCB
120
Collector output capacitance Cob (pF)
100
IE=0 f=1MHz Ta=25C
80
60
40
20
0 -1
-3
-10
-30
-100
Collector to base voltage VCB (V)
2


▲Up To Search▲   

 
Price & Availability of 2SB1440

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X