Part Number Hot Search : 
26702QTV ELT3021 MB1005 AD1983 EE3700 ATF13786 1N4099 04500
Product Description
Full Text Search
 

To Download 2SB1434 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistors
2SB1434
Silicon PNP epitaxial planer type
Unit: mm
For low-frequency output amplification Complementary to 2SD2177 I Features
* Low collector to emitter saturation voltage VCE(sat) * Allowing supply with the radial taping
6.90.1
1.05 2.50.1 0.05
(1.45) 0.8
0.15
0.7
4.0
0.65 max.
1.0 1.0
0.2
0.45-0.05
+0.1
1
2
3
Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation * Junction temperature Storage temperature
VCBO VCEO VEBO ICP IC PC Tj Tstg
-50 -50 -5 -3 -2 1 150 -55 to +150
V V V A A W C C
1.20.1 0.65 max. 0.45+ 0.1 - 0.05
Note) In addition to the lead type shown in the upper figure, the type as shown in the lower figure is also available.
1: Emitter 2: Collector 3: Base MT2 Type Package
Note) *: Printed circuit board: Copper foil area of 1 cm2 or more, and the board thickness of 1.7 mm for the collector portion
2.50.1
Parameter
Symbol
Rating
Unit
0.45-0.05
I Absolute Maximum Ratings Ta = 25C
+0.1
2.50.5
2.50.5
(HW Type)
I Electrical Characteristics Ta = 25C 3C
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio
*1
Symbol ICBO VCBO VCEO VEBO hFE1 hFE2
*2
Conditions VCB = -20 V, IE = 0 IC = -10 A, IE = 0 IC = -1 mA, IB = 0 IE = -10 A, IC = 0 VCE = -2 V, IC = -200 mA VCE = -2 V, IC = -1 A IC = -1 A, IB = -50 mA IC = -1 A, IB = -50 mA VCB = -10 V, IE = 50 mA, f = 200 MHz VCB = -10 V, IE = 0, f = 1 MHz
Min -50 -50 -5 120 60
Typ
Max - 0.1
14.50.5
0.5 4.50.1
Unit A V V V
340 - 0.2 - 0.85 110 40 60 - 0.3 -1.2
Collector to emitter saturation voltage *1 Base to emitter saturation voltage *1 Transition frequency Collector output capacitance Note) *1: Pulse measurement *2: Rank classification Rank hFE1 R 120 to 240
VCE(sat) VBE(sat) fT Cob
V V MHz pF
S 170 to 340
No-rank 120 to 340
Product of no-rank is not classified and have no indication for rank.
1
2SB1434
PC Ta
1.2 Copper plate at the collector is more than 1 cm2 in area, 1.7 mm in thickness. -2.4
Transistors
IC VCE
Collector to emitter saturation voltage VCE(sat) (V)
Ta = 25C
VCE(sat) IC
-10 -3 -1 IC / IB = 20
Collector power dissipation PC (W)
1.0
-2.0
Collector current IC (A)
0.8
-1.6
- 0.3 - 0.1 Ta = 100C 25C -25C
0.6
-1.2
IB = -8 mA -7 mA -6 mA -5 mA -4 mA -3 mA -2 mA -1 mA 0 -2 -4 -6 -8 -10
0.4
- 0.8
- 0.03 - 0.01
0.2
- 0.4
- 0.003 - 0.001 - 0.01 - 0.03 - 0.1 - 0.3 -1 -3 -10
0
0 0 20 40 60 80 100 120 140 160
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) IC
Base to emitter saturation voltage VBE(sat) (V)
-100 -30 IC / IB = 20
500
hFE IC
VCE = -2 V
200
fT IE
VCB = -10 V Ta = 25C
Forward current transfer ratio hFE
Transition frequency fT (MHz)
-1 -3 -10
-10 -3 25C -1 Ta = -25C 75C
400
160
300 Ta = 100C 200 25C -25C 100
120
- 0.3 - 0.1
80
40
- 0.03 - 0.01 - 0.01 - 0.03 - 0.1 - 0.3 -1 -3 -10
0 - 0.01 - 0.03 - 0.1 - 0.3
0
1
3
10
30
100
Collector current IC (A)
Collector current IC (A)
Emitter current IE (mA)
Cob VCB
240
Collector output capacitance Cob (pF)
200
IE = 0 f = 1 MHz Ta = 25C
160
120
80
40
0 -1
-3
-10
-30
-100
Collector to base voltage VCB (V)
2


▲Up To Search▲   

 
Price & Availability of 2SB1434

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X