Part Number Hot Search : 
151M2 55C6V PWPA5343 EL7114CN BU4530AL APC77151 D10SB40 527B288B
Product Description
Full Text Search
 

To Download 2SA900 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SA0900 (2SA900)
Silicon PNP epitaxial planar type
Unit: mm
For low-frequency Power amplification Complementary to 2SC1868 Features
* Low collector-emitter saturation voltage VCE(sat) * TO-126B package which requires no insulation plate for installation to the heat sink
8.0+0.5 -0.1 3.160.1
3.80.3 11.00.5
3.20.2
1.90.1
Absolute Maximum Ratings Ta = 25C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Emitter-base voltage (Collector open) Collector current Peak collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Rating -20 -18 -5 -1 -2 1.2 150 -55 to +150 Unit V V V A A W C C
1 2 0.750.1 4.60.2 0.50.1 0.50.1 2.30.2 3 1.760.1
Electrical Characteristics Ta = 25C 3C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Emitter-base voltage (Collector open) Collector-base cutoff current (Emitter open) Collector-emitter cutoff current (Base open) Forward current transfer ratio Symbol VCBO VCEO VEBO ICBO ICEO hFE1
*
Conditions IC = -10 A, IE = 0 IC = -1 mA, IB = 0 IE = -10 A, IC = 0 VCB = -10 V, IE = 0 VCE = -18 V, IB = 0 VCE = -2 V, IC = -500 mA VCE = -2 V, IC = -1.5 A IC = -1 A, IB = -50 mA IC = -500 mA, IB = -50 mA VCB = -6 V, IE = 50 mA, f = 200 MHz VCB = -6 V, IE = 0, f = 1 MHz
Min -20 -18 -5
Typ
16.01.0
1: Emitter 2: Collector 3: Base TO-126B-A1 Package
Max
-1 -10 130 50 - 0.5 -1.2 200 40 280
hFE2 Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance (Common base, input open circuited) VCE(sat) VBE(sat) fT Cob
MHz pF
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors. 2. *: Rank classification Rank hFE1 R 130 to 210 S 180 to 280 Note) The part numbers in the parenthesis show conventional part number.
Publication date: April 2003 SJD00004BED
3.050.1
Unit V V V A A V V
1
2SA0900
PC Ta
6
IC VCE
TC = 25C IB = -5.0 mA -4.5 mA -4.0 mA -3.5 mA -3.0 mA -2.5 mA -2.0 mA -1.5 mA -1.0 mA - 0.5 mA
VCE(sat) IC
Collector-emitter saturation voltage VCE(sat) (V)
-10 IC / IB = 20
Collector power dissipation PC (W)
5
(1) With a 100 x 100 x 2 mm Al heat sink (2) Without heat sink
-1.2
-1.0
4
Collector current IC (A)
- 0.8
-1 TC = 100C 25C -25C
3 (1) 2 (2) 1
- 0.6
- 0.4
- 0.1
- 0.2
0
0
40
80
120
160
0 0
-1
-2
-3
-4
-5
-6
- 0.01 - 0.01
- 0.1
-1
Ambient temperature Ta (C)
Collector-emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) IC
Base-emitter saturation voltage VBE(sat) (V)
-10 IC / IB = 20
1 000
hFE IC
VCE = -2 V
fT I E
500 VCB = -6 V TC = 25C
Forward current transfer ratio hFE
TC = 100C -25C
Transition frequency fT (MHz)
-1
25C
400
-1
TC = -25C 100C 25C
100
300
200
- 0.1
10
100
- 0.01 - 0.01
- 0.1
-1
1 - 0.01
- 0.1
0 10
100
1 000
Collector current IC (A)
Collector current IC (A)
Emitter current IE (mA)
Cob VCB
Collector output capacitance C (pF) (Common base, input open circuited) ob
120 IE = 0 f = 1 MHz TC = 25C
Safe operation area
-10 ICP Single pulse TC = 25C t = 10 ms IC t=1s
100
80
60
40
20
0 -1
Collector current IC (A)
-1
- 0.1
- 0.01
-10
-100
- 0.001 - 0.1
-1
-10
-100
Collector-base voltage VCB (V)
Collector-emitter voltage VCE (V)
2
SJD00004BED
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2002 JUL


▲Up To Search▲   

 
Price & Availability of 2SA900

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X