Part Number Hot Search : 
NCP12 GB8B60K 14P50 MJE801T SSSS81 S2415 FSS430R SZ6A130
Product Description
Full Text Search
 

To Download 2SA2005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SA2005
Transistors
For Audio Amplifier output - TV Velosity Modulation ( 160V, 1.5A)
2SA2005
Structure PNP Silicon Epitaxial Planar Transistor External dimensions (Unit : mm)
INoiiUO
io ioi ioe ioe
Features 1) Electrical characteristics of DC current gain hFE is flat. 2) High breakdown voltage. (BVCEO= 160V(Min.), at IC= 1mA) 3) High fT. (Typ. 150MHz, at VCE= 10V, IE=0.2A, f=100MHz) 4) Wide SOA.
oi/- oi/Y1/2(R) oi/U*(R)
ioi
ioi
oe ioei
oi/ oi/ oi/
ioei
oee
ioe
Applications Power amplifier Velosity modulation
Complements
O iIie OO iIYeeii
Absolute maximum ratings (Ta=25 C)
(R)(R) Y1/2(R)o3/4- Y1/2(R)o*(R) U*(R)o3/4- Y1/2(R) 1/2(R)(R) UY - I3/4 EYN EYUN EUN xY xY Y I I- O**-ie -ie -e -ioe -i i i ie -ee oie E* E E E
i
Packaging specifications and hFE
1/2 I UU iIYeeii U Y1/4 -*1/2 (R)1/4(R)* * o*1/2-/ I* - e
hFE values are classified as follows:
x UU U i i
Y1/2(R) (c)(R) 1/4*--** O1/2* (R)(R) I(R) (R)(R)
i ai-
EoIaiepY/ EoI1/2aiepY/ pY pY
Electrical characteristics (Ta=25 C)
(R)(R) Y1/2(R)o*(R) 3/4(R)1/4(c) Y1/2(R)o3/4- 3/4(R)1/4(c) U*(R)o3/4- 3/4(R)1/4(c) Y1/2(R) 1/2 1/2(R)(R) U*(R) 1/2 1/2(R)(R) Y1/2(R)o*(R) -(R)* -o*(R) -(R)* UY 1/2(R)(R) * I(R)-** (R)1/2 Y1/2(R) 1/21/2*1/2 I3/4 EYUN EYN EUN xYN xUN EYUo-/ EUo-/ UU I Y3/4 O*o Io Oo E* -ie -ie -e - - - - i - - - - - - - - - - ie ie - - - -io -io -io -ioe i - - E E E k k E E - xYa -i xYa -ek xUa -ek EYa -ieE EUa -iE xYnxa -in -oi xYnxa -in -oi EYUa -eEo xYa -oi Y1/4**-
OO| EYUa -iEo xUaoi o aiOO| U EYa -iE o xUa o aiOO|
1/1
Appendix
OO 1/2*1/2 1/2 - *- 1/41/2 3/4 (R)(R)1/41/21/4 * (R) (R) (R)-*1/4 3/4 - (c)* (R)*(R) (R)*--* INOO YNooOIUo I 1/2- 1/4-1/2(R)*3/41/4 (R)* (R) -3/41/2 1/2 (c)* *1/2o I -1/2**1/2*- (R) (R)1/41/2 1/4-1/2(R)*3/41/4 * *- 1/41/2 (R) (R) (R)(R)1/2 o E 1/2 -o (R)(R)o - (R)- -1/2**1/2*- 3/4 -(R) 1/4*(R)1/4o *1/2* 1/2*(R)1/2* 1/4*(R)- 1/4 1/2*(R)1/2* 1/2-- 1/2*1/4 (R)* (R) -(c) - - -1/4(R)1/4 - 1/4 (R)*o - 1/2(R) * (R)*(R) 1/21/4**- (c) 1/4-** 1/2*(R)1/2*1/4 1/41/2*1/4* 1/2*(R)1/2* 1/2-- * -o 1/4o *1/21/4*o 3/4 **1/4 *1/2* 1/2*(R)1/2* 1/4*(R)- *(R)*o 1/4-1/2(R)*3/41/4 (R)* (R) *1/41/4 - *-(R)*- -1/2 1/4*1/2- 1/4 - -1/2**1/2*- (R) -1/2 1/4*1/2-o INOO YNooOIUo 1/4*-1/2*- (c)(R)(R) - -1/2 1/4*1/2- - 3/4 (R) (R) *(R)* *(R)1/4 (R)u- *1/2 (R)(R) (R)*- (R) (R) (R)(R)*(R) (R)*-o 1/4 (R)(R)o --- *3/4** (c)-(R) (R) * -1/2 *(R)*o (R) (R)*-* (R) (R) 1/21/21/4 (c)* (R) (R)1/4 - -1/2 1/4*1/2-o E - -1/2 1/4*1/2-o (R) (R) 3/4(R)u- (R)* - -1/2 1/4*1/2- *-o (R)- (R) (R)(c)*- 1/4*-- -o (R)-- (R) **1/4 (R)* (R) *1/2- (R)1/2*1/2 (R) 1/2(R)1/2* * *1/2 (R)(R) (R)*- (R) (R) (R)(R)*(R) (R)*- (c)1/4 (R) 1/2(R)1/4 3/4 INOO YNoo OIUo *- (R)1/4 -1/2 3/4(R)o (R)1/41/2- *-1/4 * *- 1/41/2 (R) *(R)1/4** 1/4-*o
I (R)1/41/2- *-1/4 * *- 1/41/2 (R) 1/4-*1/4 3/4 -1/4 (c)* (R)1/4*(R) 1/2(R)*1/2 * (R) 1/4*1/2o-1/2 - 1/4* *- *o *1/2o* *o 1/2*1/2*- 1/4*1/2-o 1/2(R)*1/2 *1/2- 1/4 1/2(R)*1/2 -/o I1/4 *1/4 - - (R)1/41/2- (c)* * (R) 1/4*1/2- (c)*1/2 (R)*(R) (R) * (R)*3/4** 1/4 1/2* (c)* (c)1/4 1/4*(R)1/2 1/4(R) * o-1/2 - 1/4*1/2 *-(R)-o (R)-(R)* *o (R)-1/2 1/2*(R)o 1/2(R)o(R)1/2(R) 1/2(R)(R)-o 1/2(R)(R)- 1/4 (R) - 1/4*1/2-/o - 3/4 -(R) 1/2- (c)* (R) -- (R)(R)-* * 1/41/2o 3/4 U(R) Y(R) N(R)1/4(R) * O (R)1/41/2- 1/4-1/2(R)*3/41/4 (R)* (R) 3/41/2- 1/2(R)1/4 1/4- * i ox ie/ U(R) I(R)1/4 Y(R) N(R)1/4(R) * Oo x 1/2- (R) (R) Oo - 1/2*(R) * * *- 3/41/2* 1/2(R)*(R)* (R) *(R)1/4 o3/4 OxIx 1/2-/ 3/4-*- 1/21/2 1/2(R)- (R) Oo(R)*(R)* E- O-- U-(R)1/2*o
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of 2SA2005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X