Part Number Hot Search : 
H11D4X FAMILY MS524PYA TDA7437 02S20 GRM21BR TCZM39B 34151
Product Description
Full Text Search
 

To Download 2N7336 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N7336 IRFG6110
MECHANICAL DATA Dimensions in mm (inches)
14 LEAD DUAL IN LINE QUAD N & P CHANNEL POWER MOSFETS
BVDSS
8
19.507 0.432 (0.768 0.017) 2.134 (0.084) 0.457 0.102 (0.018 0.004)
100V
N-CHANNEL P-CHANNEL
9.525 0.635 (0.375 0.025)
6.426 0.305 (0.253 0.012)
14
ID(cont) RDS(on) FEATURES
1A 0.7
-0.75A 1.4
1
7
* AVALANCHE ENERGY RATED
1.422 0.102 (0.056 0.004) 2.54 (0.100)
* HERMETICALLY SEALED * DYNAMIC dv/dt RATING * SIMPLE DRIVE REQUIREMENTS * FOR AUTOMATIC INSERTION
N-CHANNEL P-CHANNEL N-CHANNEL P-CHANNEL 1--Drain 1 2--Source 1 3--Gate 1 5--Gate 2 6--Source 2 7--Drain 2 8--Drain 3 9--Source3 10--Gate 3 12--Gate 4 13--Source 4 14--Drain 4
* SIMPLE DRIVE REQUIREMENTS * EASE OF PARALLELING * 2 N-CHANNEL/2 P-CHANNEL CO-PACKAGED HEXFETS P-CHANNEL
20V -0.75A -0.5A -3A 1.4W 0.011W/C 75mJ -5.5V/ns -55 to 150C
ABSOLUTE MAXIMUM RATINGS(Tcase = 25C unless otherwise stated) N-CHANNEL
VGS ID ID IDM PD EAS dv/dt TJ , Tstg RJC RJCA Gate - Source Voltage Continuous Drain Current (VGS = 10V , Tcase = 25C) Continuous Drain Current (VGS = 10V , Tcase = 100C) Pulsed Drain Current Power Dissipation @ Tcase = 25C Linear Derating Factor Single Pulse Avalanche Energy 2 Peak Diode Recovery 3 Operating and Storage Temperature Range Thermal Resistance Junction to Case Thermal Resistance Junction-to-Ambient 20V 1.A 0.6A 4A 1.4W 0.011W/C 75mJ 5.5V/ns -55 to 150C
6.25C/W 175C/W
Notes 1) Pulse Test: Pulse Width 300s, 2% 2) @ VDD = 25V , L 112mH , RG = 25 , Peak IL = 1A , Starting TJ = 25C 3) @ ISD 1A , di/dt 75A/s , VDD BVDSS , TJ 150C , Suggested RG = 24
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
4/99
2N7336 IRFG6110
ELECTRICAL CHARACTERISTICS FOR N-CHANNEL (Tamb = 25C unless otherwise stated)
Parameter
BVDSS TJ RDS(on) STATIC ELECTRICAL RATINGS Drain - Source Breakdown Voltage Breakdown Voltage Static Drain - Source On-State Resistance Forward Transconductance Zero Gate Voltage Drain Current Forward Gate - Source Leakage Reverse Gate - Source Leakage DYNAMIC CHARACTERISTICS Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf IS ISM VSD trr Qrr ton LD LS Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate - Source Charge Gate - Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Continuous Source Current Pulse Source Current
2
Test Conditions
VGS = 0 ID = 1mA VGS = 10V VGS = 10V VDS = VGS VDS 15V VGS = 0 VGS = 20V VGS = -20V VGS = 0 VDS = 25V f = 1MHz VGS = 10V VDS = 0.5VDS ID = 1A ID = 0.6A ID = 1A ID = 250A IDS = 0.60A VDS = 0.8VDSS TJ = 125C ID = 1mA
Min.
100
Typ.
Max.
Unit
V
BVDSS Temperature Coefficient of
Reference to 25C
0.13 0.70 0.80 2 0.86 25 250 100 -100 180 82 15 15 7.5 7.5 20 25 40 40 1 4 4
V / C V S( A nA )(
4/99
VGS(th) Gate Threshold Voltage gfs IDSS IGSS IGSS
pF
nC
VDD = 50V ID = 1A RG = 24
ns
SOURCE - DRAIN DIODE CHARACTERISTICS A V ns C
Diode Forward Voltage 1 Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
IS = 1.0A VGS = 0 IF = 1A
TJ = 25C TJ = 25C Negligible 4.0 6.0
1.5 200 0.83
di / dt 100A/s VDD 50V
PACKAGE CHARACTERISTICS Internal Drain Inductance (from centre of drain pad to die) Internal Source Inductance (from centre of source pad to end of source bond wire)
nH
Notes 1) Pulse Test: Pulse Width 300s, 2% 2) Repetitive Rating - Pulse width limited by maximum junction temperature.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
2N7336 IRFG6110
ELECTRICAL CHARACTERISTICS FOR P-CHANNEL (Tamb = 25C unless otherwise stated)
Parameter
BVDSS TJ RDS(on) STATIC ELECTRICAL RATINGS Drain - Source Breakdown Voltage Breakdown Voltage Static Drain - Source On-State Resistance 1 Forward Transconductance Zero Gate Voltage Drain Current Forward Gate - Source Leakage Reverse Gate - Source Leakage DYNAMIC CHARACTERISTICS Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf IS ISM VSD trr Qrr ton LD LS Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate - Source Charge Gate - Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Continuous Source Current Pulse Source Current
2
Test Conditions
VGS = 0 ID = -1mA VGS = -10V VGS = -10V VDS = VGS VDS -15V VGS = 0 VGS = -20V VGS = 20V VGS = 0 VDS = -25V f = 1MHz VGS = -10V VDS = 0.5VDS ID = -0.75A ID = -0.50A ID = -0.75A ID = -250A IDS = -0.50A VDS = 0.8VDSS TJ = 125C ID = -1mA
Min.
-100
Typ.
Max.
Unit
V
BVDSS Temperature Coefficient of
Reference to 25C
0.098 1.4 1.73 -2 0.67 -25 -250 -100 -100 200 85 30 15 7 8 30 60 40 40 -0.75 -3 -4
V / C V S( A nA )(
4/99
VGS(th) Gate Threshold Voltage 1 gfs IDSS IGSS IGSS
pF
nC
VDD = -50V ID = -0.75A RG = 24
ns
SOURCE - DRAIN DIODE CHARACTERISTICS A V ns C
Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
IS = -0.75A VGS = 0 IF = -0.75A
TJ = 25C TJ = 25C Negligible 4.0 6.0
-5.5 200 90
di / dt 100A/s VDD -50V
PACKAGE CHARACTERISTICS Internal Drain Inductance (from centre of drain pad to die) Internal Source Inductance (from centre of source pad to end of source bond wire)
nH
Notes 1) Pulse Test: Pulse Width 300s, 2% 2) Repetitive Rating - Pulse width limited by maximum junction temperature.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk


▲Up To Search▲   

 
Price & Availability of 2N7336

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X