Part Number Hot Search : 
RF954 AP7340 29F40 ES51W4 R1002 527255BB AS44261 TM7274
Product Description
Full Text Search
 

To Download 2N7002MTF01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 N-Channel Small Signal MOSFET
FEATURES
! Lower RDS(on) ! Improved Inductive Ruggedness ! Fast Switching Times ! Lower Input Capacitance ! Extended Safe Operating Area ! Improved High Temperature Reliability
2N7002MTF
BVDSS = 60 V RDS(on) = 5.0 ID = 200 mA
SOT-23
Product Summary
Part Number 2N7002 BVDSS 60V RDS(on) 5.0 ID 115mA
1.Gate 2. Source 3. Drain
Absolute Maximum Ratings
Symbol VDSS ID IDM VGS PD TJ , TSTG Characteristic Drain-to-Source Voltage Continuous Drain Current (TC=25) Continuous Drain Current (TC=100) Drain Current-Pulsed Gate-to-Source Voltage Total Power Dissipation (TC=25) Linear Derating Factor Operating Junction and Storage Temperature Range
Value 60 115 73 800 20 0.2 1.6 - 55 to +150
Units V mA mA V W mW/
Thermal Resistance
Symbol RJA Characteristic Junction-to-Ambient Typ. -Max. 625 Units /W
Rev. C1
2N7002MTF
Symbol BVDSS VGS(th) IGSS Characteristic Drain-Source Breakdown Voltage Gate Threshold Voltage Gate-Source Leakage, Forward Gate-Source Leakage, Reverse Min. 60 1.2 IDSS ID(ON) RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf Drain-to-Source Leakage Current On-State Drain-Source Current Static Drain-Source On-State Resistance 0.5 0.08 500 5.0 50 25 5 20 20 ns pF A S Typ. -
N-Channel Small Signal MOSFET
Electrical Characteristics (TC=25 unless otherwise specified)
Max. Units 2.5 100 nA -100 1.0 A V V Test Condition VGS = 0V, ID = 250A VDS = VGS, ID = 250A VGS = 20V VGS = -20V VGS = 40V VGS = 40V, TC = 125 VDS = 10V, VGS = 10V VGS = 10V, ID = 0.5A VDS = 15V, ID = 0.2A VDS = 25V, VGS = 0V, f = 1.0MHz
Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time
VDD = 30V, ID = 0.2A RG = 25
Source-Drain Diode Ratings and Characteristics
Symbol IS ISD VSD Characteristic Continuous Source Current Pulse Source Current Diode Forward Voltage Min. Typ. Max. Units 115 800 1.5 mA mA V Test Condition Integral reverse pn-diode In the MOSFET TA = 25 , IS = 115mA VGS = 0V
Notes ; Repetitive Rating : Pulse Width Limited by Maximum Junction Temperature Pulse Test : Pulse Width = 250s, Duty Cycle 2% Essentially Independent of Operating Temperature
N-Channel Small Signal MOSFET
2N7002MTF
2N7002MTF
N-Channel Small Signal MOSFET
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FAST ActiveArrayTM FASTrTM BottomlessTM FPSTM CoolFETTM FRFETTM CROSSVOLTTM GlobalOptoisolatorTM DOMETM GTOTM EcoSPARKTM HiSeCTM E2CMOSTM I2CTM EnSignaTM i-LoTM FACTTM ImpliedDisconnectTM FACT Quiet SeriesTM
ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC Across the board. Around the world.TM OPTOPLANARTM PACMANTM The Power Franchise POPTM Programmable Active DroopTM
Power247TM PowerSaverTM PowerTrench QFET QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM SILENT SWITCHER SMART STARTTM SPMTM StealthTM
SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic TINYOPTOTM TruTranslationTM UHCTM UltraFET VCXTM
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I11


▲Up To Search▲   

 
Price & Availability of 2N7002MTF01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X